Part Number Hot Search : 
BA6124 MPX100 102AA 78R00 PSOT03 M3002 03953 ESD5331N
Product Description
Full Text Search
 

To Download 0039000048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000048 Active
minifit_jr 4.20mm (.165") Pitch Mini-FitTM Crimp Terminal, Male, with Tin (Sn) Plated Brass Contact, 22-28 AWG, Reel
Documents: Test Summary (PDF) Drawing (PDF) Product Specification PS-51010-005 (PDF) Product Specification PS-51010-006 (PDF) Product Specification PS-51096-001 (PDF) Product Specification PS-52034-003 (PDF)
Product Specification PS-52034-004 (PDF) Product Specification PS-5556-001 (PDF) Product Specification PS-5556-002 (PDF) Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 5558 Yes minifit_jr Mini-Fit(R)
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Male Brass Tin Tin Reel 35 0.88 35 0.88 Crimp or Compression 0.90-1.80mm (.035-.071") 22, 24, 26, 28 N/A
Search Parts in this Series 5558Series Mates With 5556 Mini-FitTM Crimp Terminal Use With 5559 Mini-Fit Jr.TM Plug Housing, 30068 Mini-Fit TPATM Plug Housing, 42475 Mini-Fit BMITM Plug Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool for 0638191000 Mini-Fit Jr.TM Crimp Termianls FineAdjustTM 0639002700 Applicator
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V
Material Info
Old Part Number 5558T2
Reference - Drawing Numbers
Packaging Specification Product Specification PK-5558-001, SPK-5558-001 PS-51010-005, PS-51010-006, PS-51096-001, PS-52034-003, PS-52034-004, PS-5556-001, PS-5556-002, PS-5556-003, RPS-30067-002 SD-5558**** TS-5556-002
Sales Drawing Test Summary
T2 Terminator 0639102700 Tooling Die FineAdjust for Mini- 0639020200 Fit Jr.TM Crimp Terminals T2 Terminator for 0639120200 Mini-Fit Jr.TM Crimp Terminals Extraction Tool 0011030044 Japan Description Product # Hand Extraction Tool 0570316000 Applicator for M211A 0570383000 Bench Press, 22-28 AWG, for 5556T2/5558T2/50840/50841 Crimp Terminal
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X