Part Number Hot Search : 
KCQ30A04 CD451 S21MD10T 3DD102B TSCDA12L 178M05 KCQ30A04 S0500
Product Description
Full Text Search
 

To Download 0039000047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000047 Active
minifit_jr 4.20mm (.165") Pitch Mini-FitTM Crimp Terminal, Female, with Tin (Sn) over Copper (Cu) Plated Brass, 22-28 AWG, Bag
Documents: Test Summary (PDF) Drawing (PDF) Product Specification PS-51010-005 (PDF) Product Specification PS-51010-006 (PDF) Product Specification PS-51096-001 (PDF) Product Specification PS-52034-003 (PDF)
Product Specification PS-52034-004 (PDF) Product Specification PS-5556-001 (PDF) Product Specification PS-5556-002 (PDF) Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 5556 Yes minifit_jr Mini-Fit(R)
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Receptacle Brass Tin Tin Bag 35 0.88 35 0.88 Crimp or Compression 0.90-1.80mm (.035-.071") 22, 24, 26, 28 N/A
Search Parts in this Series 5556Series Mates With 5558 Male Crimp Terminals. Mini-Fit Jr.TM Header, Dual Row, 5566 , 5569 Use With 5557 Mini-Fit Jr.TM Receptacle Housing, 30067 TPA, 42474 BMI Panel Mount, 5559 Mini-Fit Jr.TM Plug Housing, Dual Row Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool for 0638191000 Mini-Fit Jr.TM Crimp Termianls Extraction Tool 0011030044
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V
Material Info
Old Part Number 5556T2L
Reference - Drawing Numbers
Packaging Specification Product Specification PK-5556-003 PS-51010-005, PS-51010-006, PS-51096-001, PS-52034-003, PS-52034-004, PS-5556-001, PS-5556-002, PS-5556-003, RPS-30067-001, RPS-30067-002, RPS-5557-031 SD-5556**** TS-5556-002
Sales Drawing Test Summary
Japan Description Product # Hand Extraction Tool 0570316000 Handtool - Straight 0570385300 Action Hand Crimp Tool 0570645000
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X