![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0022102171 Active 2.54mm (.100") Pitch KK(R) Wire-to-Board Header, Single Row, Vertical, 17 Circuits, PA Polyamide Nylon, Gold (Au) Plating Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-10-07 (PDF) RoHS Certificate of Compliance (PDF) Series Agency Certification CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Product Name PCB Headers 4030 Board-to-Board, Wire-to-Board KK(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 17 17 Natural (White) 100 94V-0 No None Brass Gold Nylon 1 Vertical 0.135 In 3.43 mm No None 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 20 0.50 No No No Yes No 0C to +75C Through Hole Search Parts in this Series 4030Series Mates With 2695 , 6471 , 7880 , 4455 , 7720 Electrical Current - Maximum per Contact Voltage - Maximum 4A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235 Material Info Old Part Number A-4030-17A501 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-4030-001 PS-10-07 SDA-4030 This document was generated on 05/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0022102171
![]() |