Part Number Hot Search : 
LM254 TEA1552 SK372 4HC245 NTE222 BFW44 4HC245 TA7280
Product Description
Full Text Search
 

To Download 0016060002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0016060002 Active
standard_093 2.36mm (.093") Diameter, Standard .093" Pin and Male PC Board Terminal for Series 3099 Header Housing, Tin(Sn) Plated, Bag Packaged
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Terminals 1840 Yes standard_093 Standard .093" image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Wire Insulation Diameter Wire Size AWG Wire Size mm 25 Male Brass Tin Tin Bag 200 5.00 200 5.08 N/A N/A N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Search Parts in this Series 1840Series Mates With 1189 , 1381 , 2871 , 1433 Use With 50-29-1031 , 50-29-1061 , 50-29-1041 , 50-29-1409 , 50-29-1415 , 50-29-1412
Material Info
Old Part Number 1840A2B
Reference - Drawing Numbers
Sales Drawing SD-1840-*
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0016060002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X