Part Number Hot Search : 
A986A 0MF55G NT3980 4HC74A 00400 F6010K5 T113016 AK2574VB
Product Description
Full Text Search
 

To Download 0010844020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0010844020 Active
mlx 6.35mm (.250) Pitch MLXTM Power Connector Header, Vertical, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
Documents: 3D Model Drawing (PDF) Product Specification PS-42022-0001 (PDF)
Product Specification PSX-42002-0001 (PDF) Product Specification PSX-42002-0002 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name PCB Headers 42002 Wire-to-Board Solder Type mlx MLXTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Shrouded Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 2 2 Natural 50 No 94V-2 No Yes Yes Yes Phosphor Bronze Tin Nylon 1 Vertical 0.168 In 4.27 mm Yes 0.125 In 1.60 mm Bag 0.250 In 6.35 mm Yes Fully No -55C to +105C Through Hole
Search Parts in this Series 42002Series Mates With 42021 Plug
Electrical
Current - Maximum per Contact 13.5A
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Process Temperature max. C 10 Wave Capable (TH only) 260
Material Info
Old Part Number A-42002-2A1A1
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-43255-001 PS-42022-0001, PSX-42002-0001, PSX-42002-0002 SDA-42002-*****
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0010844020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X