Part Number Hot Search : 
MIC4417 IE0305H U101RWHF PC120FI SPX1581U PEB2445 95030 DBLS209G
Product Description
Full Text Search
 

To Download 0009503111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0009503111 Active
kk 3.96mm (.156") Pitch KK(R) Crimp Terminal Housing, Friction Ramp, 11 Circuits
Product Specification PS-08-50 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
UL E29179
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name Crimp Housings 2139 kk KK(R)
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating 11 Natural 94V-2 Female No Yes Nylon 1 Bag No 0.156 In 3.96 mm 0C to +75C Search Parts in this Series 2139Series Use With 2478 Crimp Terminals for 18-24 AWG, 2578 Crimp Terminals for 22-26 AWG
Material Info
Old Part Number 2139-11A
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-2139-001 PS-08-50 SD-2139
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0009503111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X