|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0009501081 Active spox 3.96mm (.156") Pitch SPOXTM Crimp Housing, Female, With Friction Ramp, 8 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-5195-003 (PDF) Product Specification PS-5195-004 (PDF) Product Specification PS-5195-005 (PDF) Product Specification PS-5195-007 (PDF) Product Specification PS-5273-003 (PDF) Product Specification PS-5273-004 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Series Agency Certification CSA TUV UL LR19980 R72090224 E29179 General Product Family Series Overview Product Name Crimp Housings 5195 spox SPOXTM Physical Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 8 Natural 94V-2 Female No Nylon 1 Bag No 0.156 In 3.96 mm No -40C to +105C Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 5195Series Mates With 5272 , 5273 , 5274 right angle PCB header, 5096 , 53405 , 5271 Use With 5194 , 5225 Material Info Old Part Number 5195-08 Reference - Drawing Numbers Packaging Specification Product Specification SPK-5195-001 PS-5195-003, PS-5195-004, PS-5195-005, PS-5195-007, PS-5273-003, PS-5273-004, RPS-5195-001, RPS-5195-002 SD-5195-N Sales Drawing This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0009501081 |