Part Number Hot Search : 
LTC2636I CM6800X MAX166 C908G 24C16 1G58GW C00TE DS214
Product Description
Full Text Search
 

To Download 0009016081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0009016081 Active
edge_card_connectors 3.96mm (.156") Pitch KK(R) Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 8 Circuits
Documents: 3D Model Packaging Specification (PDF)
Drawing (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Component Type Overview Product Name Edge Card Connectors 2574 Edgecard to Wire edge_card_connectors Edge Card, KK(R)
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Plating Mating Material - Resin PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style 8 8 All Signal Natural 25 Vertical (Top Entry) 94V-2 N/A n/a Nylon None 0.062 In 1.60 mm Bag Without Flange 0.156 In 3.96 mm Yes 0C to +75C N/A
Search Parts in this Series 2574Series Mates With PCB, 1.6mm (0.62") max. Thickness Use With 2878 Terminals, 2478 Terminals, 2578 Terminals, Bifurcated
Electrical
Current - Maximum per Contact Voltage - Maximum 4.25A, 4.5A, 4.75A, 4A, 5A 250V
Material Info
Old Part Number 2574-08A1
Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-2574-001 SD-2574
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0009016081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X