|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0002081104 Active ClaspconTM Crimp Terminal Socket, Tin (Sn) Plated Brass Contact, 24-30 AWG, Bag RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR19980 E29179 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Product Name Crimp Terminals 1881 Yes ClaspconTM Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Brass Tin Tin Bag 20 0.50 20 0.50 Crimp or Compression 0.76-1.52mm (.030-.060") 24, 26, 28, 30 N/A Material Info Old Part Number 188103L Search Parts in this Series 1881Series Mates With 16-06-0005 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # HAND CRIMP TOOL 0638117100 Reference - Drawing Numbers Sales Drawing SD-1881-* This document was generated on 03/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0002081104 |