![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0002065135 Active standard_062 1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38m (15") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series Crimp Terminals 1855 Yes standard_062 Standard .062" image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Overview Product Name Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Brass Gold Nickel Bag 15 0.38 30 0.76 Crimp or Compression 1.02-2.29mm (.040-.090") 24, 26, 28, 30 N/A Material Info Old Part Number 1855-(P550)L Search Parts in this Series 1855Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0638190800 Manual Extraction 0011030002 Tool Hand Crimper 0638111000 DISTRIBUTION ONLY Japan Description Product # Hand Insertion Tool 0011020001 Reference - Drawing Numbers Sales Drawing SD-1855-* This document was generated on 05/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0002065135
![]() |