Part Number Hot Search : 
LM9836A 242904B AQY41 2SK3155 BZV85C24 MX7537 SMBJ110 AJ75A
Product Description
Full Text Search
 

To Download XO-500-CFC-325E-15552 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Clock Oscillators (XO's) XO-500 (J-Type) PECL Output
Description:
Low jitter capable, PECL output XO in a 14 mm x 9 mm SMD package.
Features
* Output Frequencies from 15 MHz to 200 MHz * +3.3 or +5 volt options * Small 14 mm x 9 mm J-type Package * Complementary PECL Output * Low phase noise and custom options * 0/70C or -40/85C operating temperature * Enable/Disable
Electrical Performance
Parameter
Frequency: Package Size: Supply Voltage1: Supply Current: Output Type: Output Level:
Characteristics
15 MHz to 200 MHz 13.97 x 8.89 x 4.49mm (0.55" x 0.35" x 0.177") 3.3 Vdc 5%, 5 Vdc 5% <65 mA Complementary PECL 0/70C VOH VCC -1.025 min.., VCC -0.880 max. 0/70C VOL VCC -1.810 min.., VCC -1.620 max. -40/85C VOH VCC -1.085 min.., VCC -0.880 max. -40/85C VOL VCC -1.830 min.., VCC -1.555 max. <1 ns (20% to 80%) 50/50 5% C-205 = 20 ppm over 0C to +70C C-325 = 32 ppm over 0C to +70C C-505 = 50 ppm over 0C to +70C F-505 = 50 ppm over -40C to +85C F-104 = 100 ppm over -40C to +85C <20 ppm for 10 years 0.5 ps rms typical, <1ps rms @ 155.52 MHz -55C to +125C
Rise/Fall Time tr/tf*2: Symmetry (Duty Cycle): Temperature Stability:
Aging: Jitter (12 kHz - 20 MHz bw): Storage Temperature:
1. Power supply bypass is required and a 0.1uF in parallel with a 0.01uF high frequency capacitor is recommended. 2. Transition times are measured from 20% to 80% of a full 10K ECL level swing.
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
72
Crystal Clock Oscillators (XO's) XO-500
Outline Drawing Recommended Solder Pad Layout
Dimensions are in inches and (millimeters) 0.118 (3.00)
0.200 (5.08)
0.050 (1.27) 0.100 (2.54) 0.346 (8.80)
mm (in)
Pin Out Information Pin Symbol Function
1 2 3 4 5 6 E/D N/C GND Output COutput VCC Output Disable option No Connect Case, Ground. Output Complementary Output Supply Voltage (5 V or 3.3V 5%)
XO
Standard Frequencies
19.44 MHz 78.125 MHz 125.00 MHz 156.25 MHz 167.3316 MHz 38.88 MHz 82.944 MHz 139.264 MHz 161.1328 MHz 177.7371 MHz 77.76 MHz 100.000 MHz 155.52 MHz 166.6286 MHz
1. By setting pin 1 high, the outputs are disabled and output on pin 4 is held low while Complementary output on pin 5 is held high. Output is enabled by setting pin 1 at < Vcc -1.6V.
Ordering Information
XO
Product Family XO = XO Package 500 = 6 pin J lead Input C = 5.0 Vdc +5% D = 3.3 Vdc +5% Output F = Complementary PECL
500
D
F
C
205
E
155.52
MHz
Frequency 15 - 200 MHz
Temperature & Stability C-205 = 20 ppm over 0C to 70C C-325 = 32 ppm over 0C to 70C C-505 = 50 ppm over 0C to 70C F-505 = 50 ppm over -40C to 85C F-104 = 100 ppm over -40C to 85C
Enable / Disable N = N/A E = Pin 1
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
73


▲Up To Search▲   

 
Price & Availability of XO-500-CFC-325E-15552

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X