Part Number Hot Search : 
6R1000 FR306 P010027 SMA53 X1341 A1574T SP100 SMA53
Product Description
Full Text Search
 

To Download WS74HC164 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WS74HC164
GENERAL DESCRIPTION
8-Bit Serial-in/Parallel-out Shift Register
74HC164 is fabricated in the high-speed silicon gate CMOS technology. It has the high noise immunity and low power consumption of standard CMOS integrated circuits. It also offers speeds comparable to low power Schottky devices (LS-TTL). This 8-bit Shift Register has AND-gated serial inputs and clear. Each register bit is a D-type master-slave flip-flop. Inputs A & B permit complete control over the incoming data. A low at either or both inputs inhibits entry of new data and resets the first flip-flop to the low level at the next clock pulse. A high level on one input enables
another input, which will then determine the state of the first flip-flop. Data at the serial inputs may be changed while the clock is high or low, but only data meeting the setup and hold time requirements will be entered. Data is serially shifted in and out of the 8-bit register during the positive edge of the clock pulse. Clear is independent of the clock and accomplished by a low level at the clear (CL) input. 74HC164 logic is functionally as well as pin-out compatible with the standard LS164. All inputs are protected from ESD damage by internal diode clamps to Vcc and ground.
FEATURES
* Wide operating supply voltage range: 2-6V. * Asynchronous master reset CL active at low * Date serially shifted at the positive edge of clock CK
A B Q1 Q2 Q3 Q4
GND
1
14
VCC
Q8 Q7
WS74HC164
* Low input current: < 1A. * Low quiescent supply current: 80A maximum
* Output driving capability: standard
Q6 Q5
CL
LOGIC DIAGRAM
7
8
CK
8
CK SERIAL INPUTS
A B
1 2
CK
CK
CK
CK
CK
CK
CK
CK
CK
CK
CK
CK
CK
CK
CK
D
CK
D
CL
Q
D
CL
Q
D
CL
Q
D
CL
Q
D
CL
Q
D
CL
Q
D
CL
Q
Q
CL
9
CL
Q1
3
Q2
4
Q3
5
Q4
6
Q5
10
Q6
11
Q7
12
Q8
13
FUNCTIONAL DESCRIPTION 1. Truth Table
Inputs Outputs
CL L H H H H
CK X L

A X X H L X
B X X H X L
Q1 L Q1O H L L
Q2
L
...
Q2O Q1N Q1N Q1N
Q8 L Q8O Q7N Q7N Q7N
H = High Level (steady state). L= Low Level (steady state) X = don't care (any input, including transitions) = Transition from low to high level. Q1O , Q2O , Q8O = the level of Q1 , Q2 , Q8 , respectively, before the indicated steady state input conditions were established. Q1N , Q7N = The level of Q1 or Q7 before the most recent transition of the clock; indicates a one-bit shift.
1
WS74HC164
2. Logic Waveform
CL
SERIAL INPUTS
A B CK Q1 Q2 Q3 Q4
OUTPUTS
Q5 Q6 Q7 Q8
CLEAR CLEAR
ABSOLUTE MAXIMUM RATINGS
Parameter Value Unit
DC supply voltage (Vcc)
- 0.5 ~ + 7.0
V
DC input or output Voltage (VIN, VOUT)
-0.5 to Vcc +0.5
V
DC Current Drain per pin, any output (Iout)
25
mA
DC Current Vcc or GND (Icc)
50
mA
Storage Temperature( TSTG)
-65 ~ +150
Power Dissipation (PD )
500
mW
Note 1:
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed.
RECOMMENDED OPERATING CONDITIONS
Parameter DC Supply Voltage (Vcc) Min. 2 Typ. 5 Max. 6 Unit V
Input / output Voltage (VIN, VOUT)
0
Vcc
V
Vcc = 2 V
1.5
VIH High-level Input Voltage
Vcc = 4.5 V
3.15
V
Vcc = 6 V
4.2
Vcc = 2 V
0.5
VIL Low-level Input Voltage
Vcc = 4.5 V Vcc = 6 V
1.35 1.8
V
Input Rise/Fall Times (tr/tf
Vcc = 2 V Vcc = 4.5 V Vcc = 6 V
1000 500 400
ns
Operating Temperature (TA)
74HC164
-40
+85
Note 2:
All unused inputs of the device must be held at Vcc or GND to ensure proper device operation.
2
WS74HC164
DC ELECTRICAL CHARACTERISTICS
( apply across temperature range unless otherwise specified) TA25 C Min. Typ. Max.
o
TA=-40~85
Parameter
Test Conditions
Vcc
Min.
Max.
Unit
2V
1.9
1.998
1.9
IOH = -20uA
4.5V
4.4
4.499
4.4
VOH
VI=VIH or VIL
IOH = -4mA
6V
5.9
5.999
5.9
V
4.5V
3.98
4.3
3.84
IOH = -5.2mA
6V
5.48
5.8
5.34
2V
0.002
0.1
0.1
IOH = 20uA
4.5V
0.001
0.1
0.1
VOL
VI=VIH or VIL
IOH = 4mA
6V
0.001
0.1
0.1
V
4.5V
0.17
0.26
0.33
IOH = 5.2mA
6V
0.15
0.26
0.33
II
VI = VCC or 0
6V
0.1
100
1000
nA
ICC
VI = VCC or 0, IO = 0
6V
8
80
A
Ci
2V6V
3
10
10
pF
TIMING REQUIREMENTS OVER RECOMMENDED OPERATING TEMPERATURE RANGE (unless otherwise noted)
Parameter Vcc
TA25 C Min. Max.
o
TA=-40~85
Min.
Max.
Unit
fclock
Clock frequency
2V 4.5V
6 31
5 25
MHz
6V
36
28
2V
100
125
CL low
tw Pulse duration CK High or low
4.5V
20
25
6V
17
21
ns
2V
4.5V
6V
80
16
14
100
20
18
2V
Data
ts Setup time before CK
100
20
125
25
4.5V
6V
17
21
ns
2V
CL inactive
100
20
17
5
125
25
21
5
4.5V
6V
2V
th Hold time
Data after CK
4.5V
6V
5
5
5
5
ns
3
WS74HC164
AC ELECTRICAL CHARACTERISTICS (CL=50pF)
Parameter From Input To Output Vcc
TA25 C Min. Typ. Max.
o
TA=-40~85
Max. Unit
Min.
2V
6
10
5
fmax
4.5V
31
54
25
MHz
6V
36
62
28
2V
140
205
255
tPHL
CL
Any Q
4.5V
28
41
51
ns
6V
24
35
46
2V
115
175
220
tpd
CK
Any Q
4.5V
23
35
44
ns
6V
20
30
38
2V
38
75
95
tt
4.5V
8
15
19
ns
6V
6
13
16
Parameter Cpd Power Dissipation Capacitance
Test Conductions o TA=25 C, NO LOAD
Typ. 135
2 * fi +
Unit pF
Note 3 :
CPD determines the no load dynamic power consumption , PD=CPD* Vcc load dynamic current consumption, Is = CPD * Vcc* fi + Icc.
Icc * Vcc, and the no
AC SWITCHING WAVEFORM AND AC TEST CIRCUIT
1/f MAX
ts (DATA)
CLOCK
50%
90% 50% 10%
tf
50% 10%
90%
VCC
GND
tr
VCC
tw (CK) DATA
50%
th
50%
GND VCC
tw (CL) CLEAR
50%
50%
GND
ts (CL) tPLH
tPHL
VOH
Q
50% tPHL
50%
50%
VOL
AC Switching Waveform
4
WS74HC164
Q1
A
Q2 Q3 Q4 Q5 CL Q6 Q7 Q8
INPUTS
B
CK
CL
AC Testing Circuit
PIN DESCRIPTION
PIN NO. SYMBOL DESCRIPTION
1, 2 3, 4, 5, 6, 10, 11, 12, 13 7 8 9 14
A, B Q1 - Q8 GND CK CL VCC
Data Inputs Outputs Ground (0V) Clock input (active at rising edge) Master reset input (active at Low) Positive power supply
A
B
1
14
VCC
Q8 Q7 Q6 Q5
1 2
A B
Q1
Q2 Q3 Q4
3
4 5 6 10 11 12 13
Q1
Q2 Q3 Q4
Q5 8 9
CK
Q6 Q7 Q8
CL 7 8 CK
CL
GND
Pin Configuration (DIP14)
Logic Symbol
PAD DIAGRAM
Q7
Q8
Q6
Q5
CL
The Coordinate of Each Pad
Q1 (-395.1, -452.8) Q2 (-138.3, -452.8) Q3 ( 149.9, -452.8) Q4 (355.4, -308.2) GND (355.4, - 82.2) CK (338.7, 61.8)
Q5 (305.0, 362.8) Q6 ( 48.2, 362.8) Q7 (-240.0, 362.8) Q8 (-445.5, 214.6) Vcc (-445.5, - 3.8) A (-428.8, -148.8) B (-430.7, -288.8)
HC164
Vcc A B Q1
Q2
Q3 Die Size = 46 mil x 49 mil
Pad size = 90 um x 90 um
CK GND
Q4
CL (340.6, 201.8)
Note 4:
Substrate should be connected to Vcc or left it open.
5


▲Up To Search▲   

 
Price & Availability of WS74HC164

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X