Part Number Hot Search : 
BCM4712 DNT90C SSH4N70 WS256 A1521 PE3388 1KSMB47A PF3506
Product Description
Full Text Search
 

To Download USF1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non resettable fuses
USF 206
www.schurter.com/pg0_2
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
UL 248-14 * 125 VAC * 125 VDC * Super-Quick-Acting FF
Description Standards Approvals
-ULcharacteristic -LowmeltingIt-values,fastinterruption -UL248-14 -CSAC22.2no.248.14 -ULFileNumber:E41599
Applications
-SecondaryProtectionDCandAC -Circuitswithoutinrush -SemiconductorProtection GeneralProductInformation PackagingDetails
References Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. ClimaticCategory Material:Housing Material:Terminals UnitWeight StorageConditions ProductMarking 32-125VAC,63-125VDC 0.375-4A 50A Super-Quick-ActingFF PCB,SMT -55Cto90C 55/090/21acc.toIEC60068-1 EpoxydGlass,UL94V-0 Tin-PlatedCopper 0.006g 0Cto60C,max.70%r.h. Letter(seevariants) SolderingMethods Solderability ResistancetoSolderingHeat MoistureResistanceTest TerminalStrength CaseResistance ResistancetoSolvents Flammability Reflow 245C/3secacc.toIEC60068-2-58, TestTd 260+0/-5C/30secacc.toIPC/JEDECJ-STD-020D,Level1 MIL-STD-202,Method106E (50cyclesinatemp./misterchamber) MIL-STD-202,Method211A (Deflectionofboard1mmfor1minute) acc.toEIA/IS-722,Test4.7 >100M(betweenleedsandbody) MIL-STD-202,Method215A min.UL94V-1 (acc.toEIA/IS-722,Test4.12)
Dimensions
3.2mm
3.2 0.6
1.6
2.2
1.5
1.1
Solderingpads
Pre-Arcing Time
Rated Current In 0.375A-4A .0 x In min. 2.0 x In max. 4h 60s
Fuses
2
USF 206
www.schurter.com/pg0_2 Variants
Rated Current [A] Rated Voltage [VAC] Rated Voltage [VDC] Marking Breaking Capacity Voltage Drop .0 In typ. [mV] 125 100 100 100 100 100 85 85 85 80 Cold Resistance typ. [m] 315 190 120 84 48 41.5 33 20.5 17 14 Melting It 8.0 In typ. [As]
Non resettable fuses
Order Number
0.375 0.5 0.75 1 1.25 1.5 2 2.5 3 4
125 125 32 32 32 32 32 32 32 32
125 125 63 63 63 63 63 63 63 63
E F G H J K N O P S
1) 1) 2) 2) 2) 2) 2) 2) 2) 2)
0.01 0.02 0.05 0.07 0.12 0.24 0.13 0.35 0.8 0.3
l l l l l l l l l l
l l l l l l l l l
3413.0112.xx 3413.0113.xx 3413.0114.xx 3413.0115.xx 3413.0116.xx 3413.0117.xx 3413.0119.xx 3413.0120.xx 3413.0121.xx 3413.0123.xx
1)UL:50A@125VAC/DC 2)UL:50A@32VAC/50A@63VDC 1)+2)Additionalinternaltesting:150A@24VAC/DC,400A@12VDC,600A@9VDC
Packaging Unit
.xx=.11BlisterTape(100pcs.) .xx=.22BlisterTape18cmReel(1000pcs.) .xx=.24BlisterTape18cmReel(5000pcs.) .xx=.26BlisterTape33cmReel(15000pcs.)
Time-Current-Curves
10000
1000
0.375 A 0.5 A 0.75 A 1.0 A 1.25 A 1.5 A 2.0 A 2.5 A 3.0 A
100
10
TimeinSeconds
1
0.1
4.0 A
0.01
0.001
0.0001 0.1 1 10 100
CurrentinAmperes
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of USF1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X