|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High Reliability Mixer Level 13 (LO Power +13 dBm) 0.3 to 400 MHz Maximum Ratings Operating Temperature Storage Temperature RF Power IF Current -55C to 100C -55C to 100C 50mW 40mA Surface Mount TUF-R3MHSM+ Features * hermetically sealed ceramic quad * low conversion loss, 5.0 dB typ. * good IP3, 18 dBm typ. * excellent isolation L-R, 50 dB typ; L-I, 50 dB typ. * rugged welded construction * shielded metal case CASE STYLE: NNN150 PRICE: $12.85 ea. QTY. (1-9) + RoHS compliant in accordance with EU Directive (2002/95/EC) The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications. Pin Connections LO RF IF GROUND CASE GROUND 4 1 2 3 3 Applications * HF/VHF * defense & federal communications Electrical Specifications FREQUENCY (MHz) CONVERSION LOSS (dB) Mid-Band m -- X DC-400 5.0 0.03 Max. 7.0 Total Range Max. 8.0 LO-RF ISOLATION (dB) L Typ. Min. 65 50 M Typ. Min. 50 33 U Typ. Min. 43 28 LO-IF ISOLATION (dB) L Typ. Min. 62 48 M Typ. Min. 50 33 U Typ. Min. 38 25 Outline Drawing IP3 at center band (dBm) Typ. 18 LO/RF fL-fU 0.3-400 IF 1 dB COMP.: +8 dBm typ. L = low range [fL to 10 fL] m= mid band [2fL to fU/2] M = mid range [10 fL to fU/2] U = upper range [fU/2 to fU] Typical Performance Data PCB Land Pattern Frequency (MHz) Conversion Loss (dB) LO 30.21 30.71 31.21 32.71 35.00 LO +13dBm 5.35 4.77 4.65 4.55 4.51 4.52 4.56 4.74 4.75 4.78 4.81 4.95 4.97 5.00 4.99 5.20 5.25 5.21 5.32 6.00 Isolation L-R (dB) LO +13dBm 56.50 56.40 56.33 56.11 56.06 55.65 55.50 55.38 52.78 50.01 48.81 46.16 45.47 45.02 42.12 40.22 41.95 44.82 41.50 38.04 Isolation L-I (dB) LO +13dBm 61.40 61.20 61.29 61.08 60.98 60.48 60.07 59.90 55.86 53.42 53.58 52.77 49.30 48.00 55.32 42.52 39.12 40.01 36.70 30.75 VSWR RF Port (:1) LO +13dBm 1.55 1.57 1.56 1.22 1.22 1.23 1.23 1.23 1.22 1.20 1.20 1.17 1.15 1.13 1.09 1.07 1.03 1.06 1.06 1.20 VSWR LO Port (:1) LO +13dBm 2.24 2.23 2.23 2.22 2.25 2.23 2.26 2.26 2.30 2.16 2.16 2.30 2.24 2.15 2.27 2.18 2.29 2.46 2.46 2.77 RF 0.21 0.71 1.21 2.71 5.00 10.50 29.50 48.50 67.50 86.50 105.50 143.50 162.50 181.50 200.50 250.00 270.00 310.00 350.00 400.00 Suggested Layout, Tolerance to be within .002 Outline Dimensions ( inch ) mm A .50 12.70 H .100 2.54 B .48 12.19 J .09 2.29 C .255 6.48 K .16 4.06 D .240 6.10 L .020 0.51 E .23 5.84 M .09 2.29 F .21 5.33 G .06 1.52 40.50 59.50 78.50 97.50 116.50 135.50 173.50 192.50 211.50 230.50 280.00 300.00 340.00 380.00 430.00 N wt .005 grams 0.13 1.9 Demo Board MCL PIN: TB-201 Suggested PCB Layout (PL-081) Electrical Schematic Mini-Circuits ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS (R) minicircuits.com EW ALL N P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com REV. OR M109914 TUF-R3MHSM+ ED-12914/3 WL/TD/QL 070516 Page 1 of 2 Performance Charts 7.0 CONVERSION LOSS (dB) 6.5 6.0 5.5 5.0 4.5 4.0 0 100 200 300 FREQUENCY (MHz) 400 at IF Freq of 30 MHz TUF-R3MHSM+ TUF-R3LHSM+ L-R ISOLATION 90 80 ISOLATION (dB) 70 60 50 40 30 20 0 100 200 FREQUENCY (MHz) 300 400 LO= +7 dBm LO= +10 dBm LO= +13 dBm TUF-R3LHSM+ CONVERSION LOSS LO= +7 dBm LO= +10 dBm LO= +13 dBm TUF-R3LHSM+ L-I ISOLATION 80 70 ISOLATION (dB) 60 50 40 30 20 0 100 200 FREQUENCY (MHz) 300 400 VSWR LO= +7 dBm LO= +10 dBm LO= +13 dBm TUF-R3LHSM+ RF VSWR 2.0 1.8 1.6 1.4 1.2 1.0 0 100 200 FREQUENCY (MHz) 300 400 LO= +7 dBm LO= +10 dBm LO= +13 dBm TUF-R3LHSM+ LO VSWR 4.5 4.0 3.5 VSWR 3.0 2.5 2.0 1.5 1.0 0 100 200 FREQUENCY (MHz) 300 400 VSWR LO= +7 dBm LO= +10 dBm LO= +13 dBm TUF-R3LHSM+ IF VSWR 2.5 2.0 1.5 LO= +7 dBm LO= +10 dBm LO= +13 dBm 1.0 0 100 200 FREQUENCY (MHz) 300 400 Mini-Circuits ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS (R) minicircuits.com EW ALL N P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com Page 2 of 2 |
Price & Availability of TUF-R3MHSM |