Part Number Hot Search : 
2PB1219 A540LB 2SC3654 STU2040 03952 PE4227 S2964 SH7201
Product Description
Full Text Search
 

To Download TN-1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1500W True Sine Wave DC-AC Inverter with Solar Charger
Features :
TN-1500
series
True sine wave output (THD<3%)
SPECIFICATION
MODEL RATED POWER (Typ.) MAXIMUM OUTPUT POWER AC VOLTAGE FREQUENCY OUTPUT WAVEFORM AC REGULATION (Typ.) TRANSFER TIME SAVING MODE (Typ.) FRONT PANEL INDICATOR BAT. VOLTAGE DC CURRENT (Typ.) INPUT NO LOAD DISSIPATION OFF MODE CURRENT DRAW EFFICIENCY (Typ.) BATTERY TYPES FUSE BATTERY BAT. LOW ALARM INPUT PROTECTION BAT. LOW SHUTDOWN REVERSE POLARITY TN-1500-112 1500W TN-1500-124
High surge power up to 3000W U.P.S. mode and energy saving mode (selectable) High efficiency up to 91% Power ON-OFF switch Standby saving mode can be selectable Front panel indicator for operation status Thermostatically controlled cooling fan Protections: Bat. low alarm / Bat. low shutdown / Over voltage / Over temp. / Output short / Input polarity reverse / Overload / AC circuit breaker Application : Home appliance, power tools, office and portable equipment, vehicle and yacht ...etc. Built-in solar / AC charger Optional monitoring software 2 years warranty E13
TN-1500-148 TN-1500-212 TN-1500-224 TN-1500-248
1725W for 180 sec. / 2250W for 10 sec. / surge power 3000W for 30 cycles
Factory setting set at 110VAC
100 / 110 / 115 / 120VAC selectable by setting button S.W
Factory setting set at 230VAC 200 / 220 / 230 / 240VAC selectable by setting button S.W
60 0.1Hz
3.0%
50/60Hz selectable by setting button S.W
50 0.1%Hz
50/60Hz selectable by setting button S.W
True sine wave (THD<3%) at rated input voltage
t<10ms inverter Load 12V
Note.5 150A
by pass
5W will be changed to standby mode
24V
Battery voltage level, output load level, saving mode, fault and operation status 48V 42 ~ 60VDC 37.5A 12V 10.5 ~ 15VDC 150A 24V 21 ~ 30VDC 75A 48V 42 ~ 60VDC 37.5A 21 ~ 30VDC 75A
VOLTAGE RANGE (Typ.)Note.1 10.5 ~ 15VDC
18W @ standby saving mode 1mA 89% Open & sealed Lead Acid 30A*3 22.5 4% 21 4% 82 5 90% 30A*2 45 4% 42 4% 96 5 88% 40A*5 11.3 4% 10.5 4% 68 5 90% 30A*3 22.5 4% 21 4% 68 5 91% 30A*2 45 4% 42 4% 68 5
Note.2 87%
40A*5 11.3 4% 10.5 4% By internal fuse open 82 5
OVER TEMPERATURE OUTPUT SHORT OUTPUT PROTECTION OVER LOAD (Typ.) CIRCUIT BREAKER GFCI PROCTECTION WORKING TEMP. ENVIRONMENT WORKING HUMIDITY
Protection type : Shut down o/p voltage, re-power on to recover ; by internal RTH3 detect on heatsink of power transistor Protection type : Shut down o/p voltage, re-power on to recover 105 ~ 115% load for 180 sec., 115% ~ 150% load for 10 sec. Protection type : Shut down o/p voltage, re-power on to recover 20A Optional (Only type F) Note.3 0 ~ +40 @ 100% load ; 60 @ 50% load 20% ~ 90% RH non-condensing
-30 ~ +70 / -22 ~ +158 F, 10 ~ 95% RH
o
10A None
STORAGE TEMP., HUMIDITY VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE
SAFETY & EMC
10 ~ 500Hz, 3G 10min./1cycle, 60min. each along X, Y, Z axes EN60950-1 UL458 (only for "GFCI" receptacles-Type F ) Bat I/P - AC I/P:3.0KVAC Bat I/P - AC O/P:3.0KVAC AC O/P - FG:1.5KVAC Compliance to EN55022 class B, 72/ 245/ CEE, 95/ 54/ CE, E-Mark EMI CONDUCTION&RADIATION Compliance to FCC class A ----Compliance to EN61000-4-2,3,4,5,6,8,11 ENV50204 EMS IMMUNITY
AC CHARGER SOLAR CHARGER
CHARGE CURRENT (Typ.) CHARGE VOLTAGE CHARGE CURRENT (max.) CHARGE VOLTAGE CONTROL WIRING
DIMENSION PACKING
5.5A 14.3V 4% 30A
2.7A 28.5V 4% 45V
1.35A 57V 4% 75V 57V 4%
5.5A 14.3V 4% 25V 14.3V 4%
2.7A 28.5V 4% 45V 28.5V 4%
1.35A 57V 4% 75V 57V 4%
MAX OPEN CIRCUIT VOLTAGE 25V
28.5V 4% 14.3V 4% RJ11 -RS232 (Option)
420*220*88mm (L*W*H) 6.85Kg; 2pcs/14.7Kg/1.61CUFT
OTHERS
NOTE
1.Output derating capacity referenced by curve 1. 2.Efficiency is tested by 1000W, linear load at 13V, 26V, 52V input voltage. 3.Output derating capacity referenced by curve 2. 4.All parameters not specified above are measured at rated load, 25 of ambient temperature. 5.DC current is tested by 1500W, linear load at 13V, 26V, 52V input voltage.
File Name:TN-1500-SPEC 2008-07-29
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500
series
Instructions for TN-1500 monitoring software
1. Installation of TN-1500 unit and PC
1 6 Phone Jack RJ11 DB9 FEMALE RJ11 PIN NO. DB9 PIN NO. 2 3 3 5 4 2
9 8 7 6
5 4 3 2 1
Figure 1
2. Explanation of Monitoring Manu 2.1 Main Page
Inverter TN V.1.1
Setting
Statistics
R.C. Power off
Pause
Exit
1
2
3
4
Solar Charge
AC Charge
100 0 Battery Battery Voltage 54.1 V
INVERTER
100 0 Loading O/P Voltage 110 V O/P Frequency 60.0 Hz
5
Internal Temperature 10.0 AC In Utility Voltage 0.0 V TN-1500-143 By pass
Start Date 2007/12/07 03:13:33 PM Reset Date 2007/12/21 01:40:56 PM
6
Power on Remote off Battery low Battery used up Stand by saving mode Abnormal Shutdown
Figure 2
1. Setting: Adjustment for output voltage, charging related voltage, frequency, and operation mode. Please refer to Figure 3 for details. 2. Statistics: Calculate for the percentage of operating period for each operation mode. Please refer to Figure 4 for details. 3. R.C. Power off: Power can be turned ON or OFF at the remote location. 4. Pause: Stop refreshing the page of monitoring software. 5. Status of unit: Indicating current operating status of TN-1500. 6. Signals that display current condition of the unit.
File Name:TN-1500-SPEC 2008-07-29
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500
series
2.2 Setting Page
Inverter Setting
File Name D:\TN_110RR\20071205\REV\TN_110RR\TNF\TN_1K5_512.TNF Model name TN-1500-212 Manufacture MeanWell Revision REV:1.10 I/O Type Voltage Frequency Stand-by saving mode UPS mode Energy saving mode 212 230 50 On On On 1 Lead Hz Off V Series Number Date Of Manu. Equalization Volt. Floating Volt. Alarm Volt. Shutdown Volt. LOC-1234567890 06/23/2007 14.3 13.3 11.3 10.5 V V V V 13.5 ~ 15.0V 13.0 ~ 13.5V
1
11.0 ~ 11.5V 10.0 ~ 11.0V
Comm Ports Read Write
Bauds Rate 9600 Exit
Read OK!!
2
3
4
Figure 3
1. User can adjust the settings based on the characteristics of batteries been used: Equalization Voltage, Floating Voltage, Alarm Voltage, and Shut-down Voltage. UPS Mode / Energy Saving Mode selection and AC output voltage and frequency can also be set in this page. 2. Read: Read current settings of the unit. 3. Write: Write the revised setting into the unit. 4. Load: Load in factory default settings. 2.3 Statistic Page
Inverter Setting
Start Date 2007/12/07 03:13:33 PM Inverter time rate 91.2 % Bypass time rate 0.0 % Shut Down rate 8.8 % Solar time rate 0.0 % Loading average 24.7 %
Start Date 2007/12/21 01:40:56 PM Inverter time rate 31.9 % Bypass time rate 0.0 % Shut Down rate 68.1 % Solar time rate 0.0 % Loading average 63.7 %
RESET
Exit
Figure 4
1. Start Date: Date that installing the monitoring software. 2. Reset Date: Date that resetting the statistics. The Start Date will not be influenced by resetting the statistics or turning off the unit. 3 .Inverter time rate: Operating period of "Inverter Mode" represents how many percent of the whole operating period. 4. Bypass time rate: Operating period of "Bypass Mode" (energy provides directly by the utility) represents how many percent of the whole operating period. 5. Shut down rate: Percentage of time period that the unit is under the condition of shut down. * Inverter time rate + Bypass time rate + Shut down rate = 100% 6. Solar time rate: Percentage of time period that the solar charger is functioning after turning on the TN-1500 unit. 7. Loading average: Average loading after turning on the TN-1500 unit.
File Name:TN-1500-SPEC 2008-07-29
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500
series
TN True sine wave inverter +AC charger and solar charger
1500
112 A 12:12VDC Bat. Voltage: 24:24VDC 48:48VDC Output: 1:110VAC 2:230VAC
O/P Wattage:1500W
A :TYPE A OUTLET B :TYPE B OUTLET C :TYPE C OUTLET D :TYPE D OUTLET E :TYPE E OUTLET F :TYPE F OUTLET
AC Output Receptacles (optional)
TYPE-A USA
TYPE-B EUROPE
TYPE-C AUSTRALIA
TYPE-D U.K
TYPE-E JAPAN
TYPE-F GFCI
Mechanical Specification
Unit:mm
12.1
Air flow direction
57.75 36.25 15.6
27.45
11.05
108.4
44.25
SOLAR CHARGE AC CHARGE BATTERY
100
20
10
47
7
203.2 420
AC OUTPUT ON
OFF
LOAD
100
Setting On
0
INVERTER
0
r
cu
it Br e
ak
er
AC IN BY PASS
Bat Low Saving
Ci
s
to
R
se t
e
Remote port
Type-A
AC OUTPUT
SOLAR CHARGE
ON
AC CHARGE BATTERY
100
OFF
LOAD
100
Setting On
0
INVERTER
0
r
cu
it Br e
ak
er
AC IN BY PASS
Bat Low Saving
Ci
s
to
R
se t
e
Remote port
207 220
Type-B
File Name:TN-1500-SPEC 2008-07-29
88
AC INPUT
NEG POS
DC INPUT
Solar Input (30A max)
Reverse Polarity Will Damage The Unit.
Cat.No.(1GG1HS-212) Wire Range(10-4 AWG Str Cu Soldered Wires) Torque (17.7-26.5 in lb)
Chassis Ground
48
22
es Pr es Pr


▲Up To Search▲   

 
Price & Availability of TN-1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X