Part Number Hot Search : 
E1013 CW080 74HC2G34 IRF740A S4C1A 400000 AN106 W20NC50
Product Description
Full Text Search
 

To Download TCD-18-4-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directional Coupler
75
Maximum Ratings
Operating Temperature Storage Temperature -40C to 85C -55C to 100C
Surface Mount
TCD-18-4-75+ TCD-18-4-75
10 to 1000 MHz
Features
* wideband, 10 to 1000 MHz * low mainline loss, 0.7 dB typ. * aqueous washable * leads for excellent solderability * protected by US Patent 6,140,887
CASE STYLE: DB714 PRICE: $1.49 ea. QTY (25)
Pin Connections
INPUT OUTPUT COUPLED GROUND 75 TERM EXTERNAL NOT USED 3 4 1 2 6 5
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications
* VHF/UHF * CATV * cellular
Directional Coupler Electrical Specifications
FREQ. RANGE (MHz)
fL-fU 10-1000
Outline Drawing
COUPLING (dB)
Nom. 18.00.5 Flatness 0.9
MAINLINE LOSS1 (dB)
L Typ. Max. 0.9 1.3 M Typ. Max. 0.7 1.2 U Typ. Max. 0.8 1.3 L Typ. Min. 20 15
DIRECTIVITY (dB)
M Typ. Min. 22 15 U Typ. Min. 18 --
VSWR POWER (:1) INPUT, W
Typ. 1.20 L MU Max. Max. 1.0 1.0
L = low range [fL to 10 fL] M = mid range [10 fL to fU/2] U= upper range [fU/2 to fU] 1. Mainline loss includes theoretical power loss at coupled port.
Typical Performance Data
PCB Land Pattern
Frequency (MHz)
Mainline Loss (dB) In-Out 0.80 0.75 0.75 0.75 0.75 0.73 0.75 0.75 0.79 0.81
TCD-18-4-75 MAINLINE LOSS
Coupling (dB) In-Cpl 18.25 18.09 18.07 18.05 18.05 18.00 17.87 17.64 17.44 17.34
Directivity (dB)
In 19.65 21.21 21.46 21.60 21.62 21.12 20.19 20.17 21.04 21.96
Return Loss (dB) Out 21.19 23.47 23.88 23.98 23.96 23.00 21.20 20.48 20.47 20.60
Cpl 19.31 21.05 21.36 21.20 21.20 22.63 25.64 28.73 32.11 31.73
Suggested Layout, Tolerance to be within .002
10.00 30.00 50.00 90.00 100.00 300.00 500.00 700.00 900.00 1000.00
24.89 28.81 29.10 28.90 28.77 25.91 23.32 21.87 21.22 21.19
Outline Dimensions ( inch ) mm
A .160 4.06 G .028 0.71 B .150 3.81 H .065 1.65 C .160 4.06 J .190 4.83 D .050 1.27 K .030 0.76 E .040 1.02 F .025 0.64
MAINLINE LOSS (dB)
TCD-18-4-75 COUPLING & DIRECTIVITY
50 COUPLING & DIRECTIVITY (dB) 40 30 20 10 0
at RF level of -10 dBm
wt grams 0.15
1.0 0.8 0.6 0.4 0.2 0.0 0
at RF level of -10 dBm
COUPLING
DIRECTIVITY
Demo Board MCL P/N: TB-72 Suggested PCB Layout (PL-010)
200
400 600 FREQUENCY (MHz)
800
1000
0
200
400 600 FREQUENCY (MHz)
800
1000
TCD-18-4-75 RETURN LOSS
50 RETURN LOSS (dB) 40 30 20 10 0 0 200 400 600 FREQUENCY (MHz) 800 1000
at RF level of -10 dBm
Electrical Schematic
CPL
IN
OUT
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
IF/RF MICROWAVE COMPONENTS
REV. F M119986 ED-8563/1 TCD-18-4-75 WZ/TD/CP/AM 081113


▲Up To Search▲   

 
Price & Availability of TCD-18-4-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X