![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Low Profile International Series Power Transformer Part Number T-61001 T-61002 T-61003 T-61004 T-61005 T-61006 T-61007 T-61008 T-61009 T-61010 T-61011 T-61012 T-61013 T-61014 T-61015 T-61016 T-61017 T-61018 T-61019 T-61020 T-61021 T-61022 T-61023 T-61024 T-61025 T-61026 T-61027 T-61028 T-61029 T-61030 T-61031 T-61032 T-61033 T-61034 T-61035 T-61036 T-61037 T-61038 T-61039 T-61040 T-61041 T-61042 VA 2.5 5.0 10.0 20.0 30.0 56.0 2.5 5.0 10.0 20.0 30.0 56.0 2.5 5.0 10.0 20.0 30.0 56.0 2.5 5.0 10.0 20.0 12.0 56.0 2.5 5.0 10.0 20.0 30.0 56.0 2.5 5.0 10.0 20.0 30.0 56.0 2.5 5.0 10.0 20.0 30.0 56.0 Secondary Ratings --- Series --- --- Parallel --V I(Amps) V I (Amps) 10.0 10.0 10.0 10.0 10.0 10.0 12.6 12.6 12.6 12.6 12.6 12.6 16.0 16.0 16.0 16.0 16.0 16.0 20.0 20.0 20.0 20.0 20.0 20.0 24.0 24.0 24.0 24.0 24.0 24.0 28.0 28.0 28.0 28.0 28.0 28.0 36.0 36.0 36.0 36.0 36.0 36.0 0.25 0.5 1.0 2.0 3.0 5.6 0.2 0.4 0.8 1.6 2.4 4.4 0.15 0.31 0.62 1.25 1.9 3.5 0.12 0.25 0.5 1.0 1.5 2.8 0.1 0.21 0.42 0.83 1.25 2.33 0.09 0.18 0.36 0.72 1.06 2.0 0.07 0.14 0.28 0.56 0.82 1.56 5.0 5.0 5.0 5.0 5.0 5.0 6.3 6.3 6.3 6.3 6.0 6.0 8.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 10.0 10.0 10.0 10.0 12.0 12.0 12.0 12.0 12.0 12.0 14.0 14.0 14.0 14.0 14.0 14.0 18.0 18.0 18.0 18.0 18.0 18.0 0.5 1.0 2.0 4.0 6.0 11.2 0.4 0.8 1.6 3.2 4.8 8.8 0.3 0.62 1.25 2.5 3.8 7.0 0.24 0.5 1.0 2.0 3.0 5.6 0.2 0.42 0.84 1.66 2.5 4.66 0.18 0.36 0.72 1.44 2.12 4.0 0.14 0.28 0.56 1.12 1.64 3.12 Dual Primaries: 115/230V, 50/60 Hz 3 Flange Bobbin Design 6 VA Ratings FOR 2.5 T0 56.0 VA L W -- Hi-Pot 4000 VRMS Parallel External Connections: 6-3, 1-4 & 10-7, 9-12 Series External Connections: 4-3 & 9-10 H PRIMARY 1 3 4 6 A B A C Schematic F 6 4 3 7 9 10 12 E 1 FOR 2.5 T0 10.0 VA A B A FOR 2.5 TO 10.0 SERIES 6 4 3 1 7 9 10 11 12 .187 MIN (4.75) 7 9 10 12 SECONDARY FOR 20.0 T0 56.0 VA D FOR 20.0 TO 56.0 SERIES A AA 7 9 10 11 12 SECONDARY Materials used in construction of this component meet or exceed UL Class B and can be operated up to 130o C 4 000 Volts RMS Hipot Test - Dual Non-concentric Bobbins and insulating Shroud Provide High Isolation and Reduced Capacitance NON-CONCENTRIC WINDING: Primary and Secondary are wound side-by-side rather than layered. The added isolation reduces interwinding capacitance, eliminating the need for an electro-static shield. Additionally, it reduces radiated magnetic fields. Specifications are subject to change without notice Size (VA) 2.5 5.0 10.0 20.0 30.0 56.0 Dimension in Inches L W H A* 1.625 1.625 1.875 2.250 2.625 3.000 1.313 1.313 1.563 1.875 2.188 2.500 1.125 1.375 1.375 1.625 1.563 1.813 .200 .200 .200 .400 .550 .600 B .250 .400 .400 .400 .275 .300 C 1.000 1.000 1.140 1.460 1.680 1.900 D E F .40 .55 .60 1.063 1.063 1.250 1.500 1.75 2.19 2.00 2.50 INTL-PC 11/98 * For 20.0 TO 56.0 series secondary only, dimensions A is 1/2 of value shown Rhombus Industries Inc. Transformers & Magnetic Products www.rhombus-ind.com 15801 Chemical Lane Huntington Beach, California 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971 |
Price & Availability of T-61001
![]() |