Part Number Hot Search : 
AO640111 FDMF4061 TQDV125A MM1664D C4001 MAX1605 B1258 UPA27
Product Description
Full Text Search
 

To Download SVTA4650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 celduc(R)
r e l a i s
S/GRA/SVTA4650/B/10/07/2002
Page 1/6 GB
DIGITAL THREE PHASE ANGLE CONTROLLER
! Allows to set the voltage applied to different sort of loads with 3 wires, 4 wires or inside the delta wiring: ! Resistive (Bulbs, UV and IR lamps, ovens, ...), ! Inductive (inductors, transformers, ...), ! Motor (motorfan speed control (60 to 100% from the nominal speed), ! Rectified (power supplies, ...). ! Small housing, easy and ready to use. ! Large mains frequency and voltage range. ! Fully optoisolated full cycle three phase phase angle controller (balanced currents, less harmonics, ...) ! Dynamic control voltage range according to the power factor of the load. ! Softstart and softstop functions (increase lifetime expectancy of the load). ! Adjustable filter regarding fast input voltage changes (ramps). ! Motor softstarting functions to control its speed within the stable area. ! Input-output transfert characteristic linearization function (resistive load). ! Diagnostic features : Status given on LED and AC/DC switches.
Mains Voltage Mains Frequency Max AC-51 Current
(with heatsink)
SVTA4650
Proportionnal analog voltage control input
0-10V
200->480VAC 50A AC-51
Wire Size In=2.5mm Out=10mm Dimensions (WxHxD) 100x78x56,5 Weight
Max AC-53a Current
(with heatsink)
Control Input
Status Ouputs
In / Out Insulation
200 to 480VAC Fig. 1
40 to 65Hz
50A
12A
0-10VDC
0 to 24VDC 1A AC/DC Fig. 2
4kV
(mm)
500g
TYPICAL APPLICATIONS
WIRING DIAGRAM
Fig. 3
PHASE ANGLE CONTROL DESCRIPTION
Fig. 4
INTERNAL DIAGRAM
Proud to serve you
Data given at Tambient=40C and subject to modification without previous notice
r
celduc
e l a i
(R)
s
celduc(R)
r e l a i s
S/GRA/SVTA4650/B/10/07/2002
Page 2/6 GB
SETTINGS
Label Description "Ramp Time (s)" "Initial Value" "Soft Stop" "Comp" "Load" "Ntrl" "Curve"
SETTINGS AND OPTIONS
Function
Ramp up time (Softstart and smooth transients)
Initial load voltage (footstep)
Ramp down time
Allows to adapt the control signal range whatever the power factor of the load
Ask the unit to make a softstart up to the max. before analog control.
Tells the unit the load star point is connected to the mains neutral
Tells the unit what kind of inout response to use (angle or RMS voltage linearity)
Setting possibilities
White squares = buttons Example :
0 x ts = 0.5 x ts = Ts= 0 to 64s Vi=0 to 100 % ts = 2 x ts =
On (Up) Inductive load Off (Down)
On (Up)
On (Up) Star wiring with neutral (4 wires) Off (Down) Delta or star without neutral
On (Up) RMS voltage control Off (Down) Phase angle control
Motor
Off (Down) Other loads than motors
= all switches down (OFF) (factory setting)
Resistive load
INPUT CHARACTERISTICS
CHARACTERISTIC Labels Function LABEL "0-10V" Analog control input DC control voltage 4&6 Uc Ucsmin Ucsmax Ucmax -Ucmax Ut Re Ict 100k "Diag. " 1&2 Indicates a problem detected in the circuit configuration Usan Usa Usap Ipw/Ipb Ipw/Ipb Ipw/Ipb Ron / Roff Ton / Toff 0-10VDC 0.3VDC 9.7VDC 30VDC 30VDC VALUE "Urg. Stop" Stop the thyristor controls Opening the connection between 5 & 6 5&6 6VDC 6VDC >1,5V 20mADC "Pwr" 2&3 Indicates the load is supplied See fig. 5 Ict=f(Ut) INFO.
INPUT CIRCUIT STATUS OUTPUTS
Control type Terminals Control voltage range Release and control threshold voltage Full power threshold control voltage Max. input voltage Max. reverse voltage Release voltage Input impedance Current to switch Labels Terminals Function Nominal operating voltage Operating voltage range Max. peak voltage Overvoltage protection Minimum load current Maximum load current Maximum overload current On and off state switch resistance On and off time delay
24VAC/DC 0->28VAC/DC 60V Built-in 25V size7 varistors 0A 1A AC/DC 2.4A AC/DC 500m / 100M 0.5ms / 2ms See fig. 6 @100ms 10% of the cycle See fig. 6
celduc(R)
r e l a i s
S/GRA/SVTA4650/B/10/07/2002
Page 3/6 GB
OUTPUT CHARACTERISTICS
CHARACTERISTIC Mains voltage range Non-repetitive peak voltage Overvoltage protection LABEL Ue Uep VDR
Ithmax
VALUE 200 -> 480VAC 1200V Built-in 510V size 14 varistors Resistive AC51 50A
Iemax
INFO.
Maximum nominal currents
Ie
Motor AC53a 12A 21A
Motor Ie AC53a 8.5A 14A
Maximum line currents in delta wiring Max motor power Non-repetitive peak overload current (1 cycle of 10ms) Melting limit for choosing the protective fuses Minimum load current Maximum leakage current Power factor Mains frequency range Max. off-state voltage rise
ILine Pe ITSM It Iemin Ielk Pf F dv/dt
87A
Delta wiring : See installation manual
See fig. 7 for limits Values with heatsink
5.5kW @400VAC star connection 550A 1500As 100mA 7mA 0->1 40->65Hz 500V/s Buit-in RC network
@400VAC 50Hz
See fig. 8 @10ms
POWER CIRCUIT
Protection against fast voltage transients Max. current rise On-state voltage drop Resistive part of the voltage drop Potential part of the voltage drop Maximum junction temperature Junction/case thermal resistance per power element Case heatsink thermal resistance Built-in heatsink thermal resistance vertically mounted Heatsink thermal time constant Inputs/power ouputs insulation voltage Input/status outputs insulation voltage Inputs/case insulation voltage Status outputs/case insulation voltage Isolation resistance Isolation capacitance Storage ambient temperature Operating ambient temperature Max. heatsink temperature di/dt Ud rt Vto Tjmax Rthjc Rthcs Rthra Tthra Uimp Uied Uimp Uimp Rio Cio Tstg Tamb Tc
50A/s 1.4V 12m 0.9V 125C 0.45K/W 4K/W 15min 4kV 2.5kV 4kV 4kV 1G <8pF -40->+100C -40->+90C 100C See fig. 7 @Tra=60C @Tra=60C Total = 3 power elements @Ith @125C @125C
celduc(R)
r e l a i s
S/GRA/SVTA4650/B/10/07/2002
Page 4/6 GB
INTERNAL POWER SUPPLY
INTERNAL POWER SUPPLY
CHARACTERISTIC Terminals Mains voltage range Consumption Mains frequency range Turn-on time Ue Is F tm LABEL VALUE 3L2 & 5L3 200->480VAC 1mA typical 40-65Hz 100ms INFO.
GENERAL INFORMATION
Connections Power Posidriv 2 or 0.8 x 5.5mm 1.8->3N.m 2 x 1.5->6mm2
(10mm2 without ferrule)
Input terminal block 0.8 x 2mm
CONNECTIONS
Screwdriver advised Min and max tightening torque Number and cross section of the wires Screwdriver for settings Housing
1 x 2.5mm2 0.8 x 2mm UL94V0
MISC.
Mounting Noise level Weight
Omega DIN rail (DIN50022) or screwed Low audible vibrations 500g
STANDARDS
Standards EN60947-4-2 & EN60947-4-3 IP2L0 Accordin to V.D.E. 160 part 100 : Back hand and finger safety Yes Pending
STANDARD EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-11
GENERAL
Protection level Protection against direct touch CE marking UL, cULUS and VDE approvals TYPE OF TEST
LEVEL 8kV (air) 4kV (touch) 10V/m 2kV direct coupling on the power side 2kV coupling by clamp on the input side 1kV direct coupling differential mode (input and output) 2kV direct coupling common mode (input and output) -
EFFECT No effect No effect No effect No effect
E.M.C. IMMUNITY
E.S.D. (Electrostatic discharges) Radiated electromagnetic fields Fast transients bursts Electric chocks Voltage drop
Radiated and conducted disturbances
The conducted or radiated disturbances generated by solid state relays depend on the wiring and load configuration. The test method recommended by the European standards NFEN55011 and concerning electromagnetic compatibility leading to results far from reality, we decided to advise our customer in order to adapt their filtering scheme to their application. Please refer to the SVTA - SWTA installation manual.
E.M.C. EMISSION
celduc(R)
r e l a i s
S/GRA/SVTA4650/B/10/07/2002
Page 5/6 GB
CHARACTERISTIC CURVES
Fig. 5 INPUT CHARACTERISTIC Fig. 6 CURRENT AND ON RESISTANCE VS TEMPERATURE
Fig. 7
POWER DISSIPATED AND LOAD CURRENT LIMIT VS TEMPERATURE
Permanent current Ie AC51 (ARMS) 60 55 50 45 40 35 30 25 20 15 0.55K/W 0.7K/W 0.9K/W 1.2K/W 0.3K/W 0.2K/W 0.1K/W Please refere to the installation notice for precautions about mounting the device on a heatsink. Power dissipated (W) 275 243 212 182 155 129 105 83.3 63 44.6 28 4K/W 13 0 0 10 20 30 40 50 60 70 Ambient temperature (C) 80 90 100 110
4K/W = No Heatsink 1.2K/W = WF121000 0.9K/W = WF115100 0.7K/W = WF070000 0.55K/W = WF050000 0.3K/W = WF031100 0.2K/W = WF020000 0.1K/W = No reference
Max AC53a current 10
5 0
Fig. 8
CURRENT OVERLOAD CHARACTERISTIC (ITSM PER POWER ELEMENT)
celduc(R)
r e l a i s
S/GRA/SVTA4650/B/10/07/2002
Page 6/6 GB
DIMENSIONS AND ACCESSORIES
Fig. 9 DIMENSIONS
r
celduc(R)
e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - France Phone : 33 (0) 4 77 53 90 21 Fax : 33 (0) 4 77 53 85 51 Email : celduc-relais@celduc.com


▲Up To Search▲   

 
Price & Availability of SVTA4650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X