Part Number Hot Search : 
BUW132H 27C200 MAX3374 P6KE200 BZY55C33 BAS16HT1 6PBL6103 2N2906
Product Description
Full Text Search
 

To Download SSF-1E-1000B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSF-1E Series
SINGLE SIDEBAND MODULATORS
10 to 1000 MHz / 30 dB Sideband Rejection / Quadrature-Phased Baseband Inputs
PRINCIPAL SPECIFICATIONS
Model Number SSF-1E-***B Center Frequency, fo, MHz 10 - 1000 Usable Bandwidth, MHz 10% of fo
GENERAL SPECIFICATIONS*
RF Input Characteristics
Impedance: VSWR: RF Power Level: Power Level: Bandwidth: 50 nom. 1.5:1 max. +10 dBm nom. -- 3 dBm DC to 10% of RF
For complete Model Number replace *** with desired Center Frequency in MHz.
I & Q Modulation Inputs
General Notes: 1. Single Sideband Modulators are integrated networks composed of an in-phase power divider, two double balanced mixers and at least one 90 quadrature hybrid. 2. The SSF-1E series is suitable for applications where the modulating signal is provided together with one in phase quadrature to it. This permits operation down to DC and eliminates the need for a second 90 quadrature hybrid. 3. Units in the SSF-1E series are suitable where the desired and undesired RF sidebands are too close to be effectively separated with a simple bandpass filter or where minimum group delay is required. 4. Merrimac Single Sideband Modulators are available in various package options. 5. Merrimac Single Sideband Modulators comply with the relevant sections of MIL-M-28837 and may be supplied screened for compliance with additional specifications for military and space applications requiring the highest reliability.
Output Characteristics
Conversion Loss: 9 dB max. Sideband Rejection: 30 dB min. Carrier Suppression: 25 dB min.
Weight, nominal: Operating Temp:
0.32 oz (9 g) -- 55 to +85C
*Device used as upconverter
E- Flatpack Outline
NOTES:
1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over millimeters. 3. Lead dimensions apply only at body. 4. All unmarked pins are case ground.
14Feb96
F rf t e if r to c n a tM ERRI AC/41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973-5750531


▲Up To Search▲   

 
Price & Availability of SSF-1E-1000B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X