Part Number Hot Search : 
CLR2010 4HYGF IRFD121 LTC1798 X2321 TF206G BZV55C IRFD121
Product Description
Full Text Search
 

To Download SPU02M-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W DC-DC Unregulated Single Output Converter
Features :
3000VDC I/O isolation Internal SMD technology Built-in EMI filter Protection: Short circuit Cooling by free air convection Non-conductive plastic case Single in line package 100% full load burn-in test Low cost / High reliability 2 years warranty
SPU02
series
SPECIFICATION
ORDER NO. DC OUTPUT VOLTAGE CURRENT RANGE EFFICIENCY (Typ.) RATED POWER OUTPUT LINE REGULATION LOAD REGULATION VOLTAGE ACCURACY SWITCHING FREQUENCY VOLTAGE RANGE NORMAL VOLTAGE INPUT INPUT CURRENT FILTER PROTECTION OVERLOAD PROTECTION SHORT CIRCUIT WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION WITHSTAND VOLTAGE ISOLATION RESISTANCE SAFETY & ISOLATION CAPACITANCE EMC EMI CONDUCTION & RADIATION EMS IMMUNITY MTBF OTHERS DIMENSION WEIGHT SPU02L-05 5V 0 ~ 400mA 77% 2W
Note.3 1.2% for 1% input variation Note.4 8.0%
SPU02M-05 SPU02N-05
SPU02L-12 12V 0 ~ 167mA
SPU02M-12 SPU02N-12
SPU02L-15 15V 0 ~ 133mA
SPU02M-15 SPU02N-15
79%
77%
80%
81%
80%
81%
83%
82%
RIPPLE & NOISE (max.) Note.2 100mVp-p
2.0% 100KHz min. 4.5 ~ 5.5V 5V 10.8 ~ 13.2V 21.6 ~ 26.4V 4.5 ~ 5.5V 5V 12V 24V 214mA 20mA 107mA 15mA 520mA 60mA 10.8 ~ 13.2V 21.6 ~ 26.4V 4.5 ~ 5.5V 5V 12V 24V 214mA 20mA 107mA 15mA 520mA 60mA 10.8 ~ 13.2V 21.6 ~ 26.4V 12V 24V 214mA 20mA 107mA 15mA
Full load 520mA No load 60mA
Capacitor type Fuse recommended Momentary Protection type : Broken Momentary Protection type : Broken -25 ~ +71 (Refer to output load derating curve) 20% ~ 90% RH non-condensing -25 ~ +105 , 10 ~ 95% RH 0.03% / (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes I/P-O/P:3KVDC I/P-O/P: 100M Ohms / 500VDC / 25 / 70% RH 80pF max. Compliance to EN55022 Class B, FCC part 15 Class B Compliance to EN61000-4-2,3,4,5,6,8, light industry level, criteria A 700khrs min. MIL-HDBK-217F(25 ) 19.6*7.1*10.2mm or 0.77"*0.28"*0.40" inch (L*W*H) 2.3g
Mechanical Specification
19.6 (0.77) 3.81 (0.15)
10.14 (0.40)
Pin Configuration
Unit: mm (inch)
Derating Curve
Pin No.
FRONT VIEW
Output
100
LOAD (%)
1 2 5 7
+Vin -Vin -Vout +Vout
80
0.5 (0.02) 7.1 (0.28) 12 5 7
5.08 (0.20)
BOTTOM VIEW
-25 0 25 50 60 71 100
1.2 (0.05)
Ta (
)
NOTE
1.All parameters are specified at normal input, rated load, 25 70% RH ambient. 2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 3.Line regulation is measured from low line to high line at rated load. 4.Load regulation is measured from 10% to 100% rated load.
File Name: SPU02-SPEC 2008-05-20


▲Up To Search▲   

 
Price & Availability of SPU02M-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X