Part Number Hot Search : 
7671418 SY89853U GR712RC AD5141 KBK10A TDA73090 511120 SY10EP
Product Description
Full Text Search
 

To Download SP14745A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GENERAL PRODUCT SPECIFICATION
OSCILLATORS - PROGRAMMABLE
8 PIN Dual-in-Line PROGRAMMABLE OSCILLATORS
EUROQUARTZ
Telephone: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: sales@euroquartz.co.uk Web: www.euroquartz.co.uk
SP8 SERIES
General Specification
Frequency range: Frequency stability: Operating temperature range: Supply Voltage: Supply current: Rise and times: Symmetry:
*Frequency division from 1 /2 to 1 /2& *Low current consumption *Readily mounted 8 pin DIP
40kHz to 25MHz 100ppm -10C to +70C 3.0 Volt to 6.0 Volt 20mA max. 15ns 40/60%
Programming table Pin
5 6 7
/2
0 0 0
/4
1 0 0
/8
0 1 0
/16 /32 /64 /128 /256
1 1 0 0 0 1 1 0 1 0 1 1 1 1 1
Output:
The oscillator provides two outputs; one, the original frequency and the other the divided output. Both outputs can be disabled. Programming any of the four inputs allows the fundamental frequency to be divided by any of these ratios:
/2, /4, /8, /16, /32, /64, /128, /256
Standard undivided fundamental frequencies
12.0MHz 12.288MHz 14.31818MHz 14.5MHz 14.7456MHz 14.9106MHz 15.9744MHz 16.0MHz 16.128MHz 16.257MHz 16.384MHz 17.734476MHz 18.432MHz 19.0909MHz 20.0MHz 20.49MHz 21.4727MHz 22.0MHz 22.1184MHz 24.0MHz 24.576MHz
8 pin DIL
7.62
15.0MHz 15.36MHz
5.08
SP8 SERIES Stock Listing
0.6
2.5 2.54 0.5 8 5
0.5
Euroquartz Stock No
SP SP SP SP SP SP SP SP SP SP SP 12000A 12288A 12800A 14318A 14745A 16000A 16384A 17734A 18432A 19660A 20000A
Frequency
12.0MHz 12.288MHz 12.8MHz 14.31818MHz 14.7456MHz 16.0MHz 16.384MHz 17.73447MHz 18.432MHz 19.6608MHz 20.0MHz
Specification
100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm 100ppm / / / / / / / / / / / -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 to to to to to to to to to to to 70C 70C 70C 70C 70C 70C 70C 70C 70C 70C 70C
7.0
Act ual size 1 4 12.8 max.
Outline and Dimensions
Pin connections
Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8
Oscillator output undivided Oscillator output divided 1 enable, 0 disable Ground Programme Programme Programme Vcc


▲Up To Search▲   

 
Price & Availability of SP14745A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X