Part Number Hot Search : 
LTC1666 ICS307 SS510 PE1010 SGM8061 Y6225 04D142ML TW9903
Product Description
Full Text Search
 

To Download SKL10220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/MOD/SKL10220/B/23/03/2000
page 1 / 3 F/GB
Relais Statique pour circuit imprime Solid State Relay for printed circuit board
* Gamme pour circuit imprime pour montage sur dissipateur thermique. * Sortie AC synchrone. * Calibre element de puissance : 25A * Technologie DCB ( Direct Copper Bonding) * Range for printed circuit board for mounting on an external heatsink. * Zero-cross AC Output. * Power element size : 25A. * DCB technology ( Direct Copper Bonding)
Ces produits sont disponibles avec d'autres tailles de thyristors : 16A , 50A/1800A2s et 75A/5000A2s pour de tres hautes performances. These products are available with other sizes thyristors: 16A , 50A/1800A2s and 75A /5000A2s for high performances.
Hot surface : 37,6 Hot surface : 17,5 0,3
SKL10220
4-14VDC control 25A*/ 230VAC output
* : Limite par le radiateur : 20A@25C avec WF032000 / limited by the heatsink : 20A@25C with WF032000
Application typique/Typical application
Ph
Ph
SK model
1,5 x 1,5
VDR on the PCB Ou / Or SK model
24,5
Charge / Load
4
3
2
1
4
3+
7,6 7,83 5,08 12,7 10,16 43,6 O1 7,83 0,55 1,70,15 6,3
SSR
Rc Uc
Ic
1~
Charge / Load
VDR on the PCB
1,7 0,15
42~
N
Top view
Trou / Hole O 1,6 2,54
Tolerances : 0,2mm
SSR
N
Caracteristiques de commande (a 20C) / Control characteristics (at 20C) DC Parametres / Parameters Symbol Min Nom Tension de commande / Control voltage Uc 4 12 Courant de commande / Control current (@ Uc nom ) Ic 6,5 25 Tension de relachement/Release voltage Uc off Resistance interne / Input internal resistor fig.1 Rc 440 Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Tension assignee Isolement/Rated impulse voltage Uimp 4 000 Isolement entree-sortie / Input-output isolation U 4000 Isolement E-S/semelle/ I-O/ case insulation U 3300
fig. 1 :Caracteristique d'entree / Control characteristic Max 14 30 1 Unit V mA V V VRMS VRMS
30 28 26 24 22 20
Ic (mA)
18 16 14 12 10 8 6 4 2 0 0 1 23 4 56 7 8 9 10 11 12 13 14 15 16
Uc (V)
Caracteristiques generales / General characteristics Parametres / Parameters Poids/Weight Temperature de stockage / Storage temperature Temperature de fonctionnement / Operating temperature Conditions Symbol Typ. 15 -40/+120 -40/+80 Unit g C C
celduc
All technical characteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
e
l
a
i
s
S/MOD/SKL10220/B/23/03/2000
page 2 / 3 F/GB
Caracteristiques de sortie(a 20C) / Output characteristics (at 20C) Parametres / Parameters Tension de charge / Load voltage Plage tension de fonctionnement / Operating range Tension crete / Peak voltage Niveau de synchonisation / Synchronizing level Tension d'amorcage / Latching voltage Courant nominal / Nominal current Courant de surcharge non repetitif /Non repetitive overload current Chute tension directe crete/ On state voltage drop Courant de fuite etat bloque/ Off state leakage current Courant de charge minimum / Minimum load current Temps de fermeture/ Turn on time Temps d'ouverture/ Turn off time Plage de frequence / Operating frequency range dv/dt etat bloque / Off state dv/dt dI/dt maximum non repetitif/ Maximum di/dt non repetitive I2t (<10ms) EMC Test d'immunite /Conducted immunity level: with external VDR EMC Test d'immunite /Conducted immunity level : with external VDR Conformite / Conformity Homologation / Approbal Conditions Symbol Typ. Unit Ue 230 V rms Uemin-max 12-280 V rms Up 600 V Usync 12 V Ua 8 V Ie 25 (*) A rms Itsm 250 A Vd 1,6 V Ilk 1 mA Iemin 5 mA ton max 10 ms toff max 10 ms f 10-440 Hz dv/dt 500 V/s di/dt 50 A/s I2t 312 A2s 2kV criterion A with external VDR 2kV criterion A with external VDR / pr EN61810-xxx UL pending
Ie nom tp=10ms (Fig. 3) @ Ie nom @Ue, 50Hz Uc nom DC ,f=50Hz Uc nom DC ,f=50Hz
IEC 1000-4-4 (bursts) IEC 1000-4-5 (shocks) EN60947-4-x and 5-1
* Limite par le radiateur : se reporter aux courbes ci-dessous * Limited by the heatsink : see curves fig 2
Fig.2 Caracteristiques thermiques / thermal curves :
Total wasted power (W)
Par calcul / calculation method Puissance Dissipee par relais pour un courant permanent : SSRPower Dissipation for a permanent current: Pd= (0,8xI +0,016 x I2) Pour un cycle de marche plus faible ( cycle <30s) / For a lower duty cycle ( cycle <30s) Pd= Pd x ton/ ( ton+toff) Resistance thermique jonction /radiateur / Thermal resistor between junction/heatsink : Rthj/c = 1,3K/W Choix dissipateur simplifie / Easy choice of heatsink : Rth heatsink= ((125 -Tamb) /Pd)-1,3
Utilisation des courbes / Use curves :
35
WF042000 (4K/W)
30 25 20 15 10 5
Courant permanent / Full on state 6K/W
WF032000 (3K/W)
Sans dissipateur/ without heatsink
0
0 5 10 15 20 25 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 100
RMS load current (A)
Ambient temperature (C)
Precautions : * Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge. * Prevoir un varistor externe en parallele sur la sortie : taille mini : 14mm
Cautions : * Semiconductor relays don't provide any galvanic insulation between the load and the mains. * Use a VDR across the output : minimum size : 14 mm
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
S/MOD/SKL10220/B/23/03/2000
page 3 / 3 F/GB
Surge current Itsm (A peak) = f(t) 250 for models with Itsm =250A
Itsm (Apeak)
200 150 100 50 0 0,01
0,1 t (s)
1
10
fig 3
Exemples de montage / Mounting examples
Dissipateurs thermiques avec clips de montage ( Max Clip System (*)) celduc HEATSINKS references ( Aavid Thermalloy S507): WF042000: L=100mm about 4K/W (1SSR) without ventilation (3,6K/W with 4SSRs ) WF032000: L=150mm about 3K/W (1SSR) without ventilation (2,6K/W with 6SSRs ) autres dissipateurs sur demande / a large range is also available on request
Clips reference : 1L941000
Complementary heatsink if necessary
Clip max 23 Aavid Thermalloy
graisse thermique / Thermal grease
51
7,9mm 0,15
4mm isolant
Montage sur divers dissipateurs et clips a vis/ Clips with screws on standard heatsinks
M3 clips : 1L942000
4 mm to respect insulation 26,5mm
graisse thermique / Thermal grease
Printed circuit board
Dans tous les cas,mettre une cale isolante de 4 mm sous le dissipateur afin de respecter les distances minimales d'isolation entre entree et sortie. / In each case , 4mm must be respected between the printed circuit board and the heatsink , to keep a correct insulation between input to output (4mm insulated washer ) Bien s'assurer lors du montage que le relais plaque au dissipateur. Utiliser de la graisse thermique. / Mind to the good contact between the SSR and the heatsink . Use thermal grease.
* The Max Clip System of Aavid Thermalloy , Patented Worldwide ( patent N9805561)
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SKL10220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X