Part Number Hot Search : 
380013 R5F64524 E001420 380013 KBPC2508 HS527 2SXE180M 9F002
Product Description
Full Text Search
 

To Download SDM-091201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Description
Sirenza Microdevices' SDM-09120 130W power module is a robust impedance matched, single-stage, push-pull Class AB amplifier module suitable for use as a power amplifier driver or output stage. The power transistors are fabricated using Sirenza's latest, high performance LDMOS process. It is a drop-in, no-tune solution for high power applications requiring high efficiency, excellent linearity, and unit-tounit repeatability. It is internally matched to 50 ohms.
SDM-09120 SDM-09120Y
Pb
RoHS Compliant
& Green Package
925-960 MHz Class AB 130W Power Amplifier Module
Functional Block Diagram
Vgs
+3V DC to +6 V DC +28V DC 1
Vds1 180 Gnd Balun RFin Balun RF out
o
0
o
Gnd
Product Features
Gnd 0
o
Gnd 180
o
Vgs 2
+3V DC to +6 V DC
+28V DC
Vds 2
* * * * * * * * * *
Available in RoHS compliant packaging 50 W RF impedance 130W Output P1dB Single Supply Operation : Nominally 28V High Gain: 15 dB at 942 MHz High Efficiency: 42% at 942 MHz
Case Flange = Ground
Applications
Base Station PA driver Repeater CDMA GSM / EDGE
Units MHz W dB dB dB dBc dB % % nS Deg C/W Min. 925 120 14 32 Typ. 130 15 0.3 -14 -28 1.0 33 42 4.0 0.7 0.7 Max. 960 0.5 -12 -26 -
Key Specifications
Symbol Frequency P1dB Gain Gain Flatness IRL IMD IMD Variation Efficiency Delay Phase Linearity RTH Parameter Frequency of Operation Output Power at 1dB Compression, 943 MHz 120W PEP Output Power, 942MHz and 943MHz
Peak-to-Peak Gain Variation, 120W PEP, 925 - 960MHz Input Return Loss, 120W PEP Output Power, 925 - 960MHz 3rd Order Product. 120W PEP Output, 942MHz and 943MHz 120W PEP Output, Change in Spacing 100KHz - 25MHz Drain Efficiency, 120W PEP Output, 942MHz and 943MHz Drain Efficiency, 120W CW Output, 943MHz Signal Delay from Pin 3 to Pin 8 Deviation from Linear Phase (Peak-to-Peak) Thermal Resistance (Junction-to-Case)
T Test Conditions Zin = Zout = 50, VDD = 28.0V, IDQ1 = IDQ2 =500mA TFlange = 25C
Quality Specifications
Parameter ESD Rating MTTF Description Human Body Model 200oC Channel Unit Volts Hours Typical 2000 1.2 X 106
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2007 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC 1
http://www.sirenza.com EDS-103478 Rev G
SDM-09120 925-960 MHz 130W Power Amp Module
Pin Description
Pin # 1 2,4,7,9 3 5 6 8 10 Flange Function VGS1 Ground RF Input VGS2 VD2 RF Output VD1 Ground Description LDMOS FET Q1 and Q2 gate bias. VGSTH 3.0 to 5.0 VDC. See Notes 2, 3 and 4 Module Topside ground. Internally DC blocked LDMOS FET Q3 and Q4 gate bias. VGSTH 3.0 to 5.0 VDC. See Notes 2, 3 and 4 LDMOS FET Q3 and Q4 drain bias. See Note 1. Internally DC blocked LDMOS FET Q1 and Q2 drain bias. See Note 1. Baseplate provides electrical ground and a thermal transfer path for the device. Proper mounting assures optimal performance and the highest reliability. See Sirenza applications note AN-054 Detailed Installation Instructions for Power Modules.
Simplified Device Schematic
Q1
1 2
+3V DC to +6 V DC
+28V DC
10 9
Q2
180
o
Note 1: Internal RF decoupling is included on all bias leads. No additional bypass elements are required, however some applications may require energy storage on the VD leads to accommodate modulated signals. Note 2: Gate voltage must be applied to VGS leads simultaneously with or after application of drain voltage to prevent potentially destructive oscillations. Bias voltages should never be applied to a module unless it is properly terminated on both input and output. Note 3: The required VGS corresponding to a specific IDQ will vary from module to module and may differ between VGS1 and VGS2 on the same module by as much as 0.10 volts due to the normal die-to-die variation in threshold voltage for LDMOS transistors. Unit V dBm VSWR V C C C Note 4: The threshold voltage (VGSTH) of LDMOS transistors varies with device temperature. External temperature compensation may be required. See Sirenza application notes AN-067 LDMOS Bias Temperature Compensation. Note 5: This module was designed to have it's leads hand soldered to an adjacent PCB. The maximum soldering iron tip temperature should not exceed 700 F, and the soldering iron tip should not be in direct contact with the lead for longer than 10 seconds. Refer to app note AN054 (www.sirenza.com) for further installation instructions.
0
o
3
Balun
Balun
8
Q3
0
o
180
o
4
Q4
+28V DC
7
+3V DC to +6 V DC
5
6
Absolute Maximum Ratings
Parameters Drain Voltage (VDD) RF Input Power Load Impedance for Continuous Operation Without Damage Control (Gate) Voltage, VDD = 0 VDC Output Device Channel Temperature Operating Temperature Range Storage Temperature Range Value 35 +43 5:1 15 +200 -20 to +90 -40 to +100
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation see typical setup values specified in the table on page one.
Caution: ESD Sensitive
Appropriate precaution in handling, packaging and testing devices must be observed.
303 S. Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 2
http://www.sirenza.com EDS-103478 Rev G
SDM-09120 925-960 MHz 130W Power Amp Module
Typical Performance Curves
2 Tone Gain, Efficiency, Linearity and IRL vs Frequency Vdd=28V, Idq=1.2A, Pout=120W PEP, Delta F=1 MHz 55 50 Gain (dB), Efficiency (%) 45 40 35 30 25 20 15 10 5 900 920 940 Frequency (MHz) 960 Gain IM3 IM7 Efficiency IM5 IRL 0 -5 -10 IMD(dBc), IRL (dB) -15 -20 -25 -30 -35 -40 -45 -50 980
Gain (dB), Efficiency (%) 45 40 35 30 25 20 15 10 5 0 0 25 50
2 Tone Gain, Efficiency, Linearity vs Pout Vdd=28V, Idq=1.2A, Freq=942 MHz, Delta F=1 MHz
-25 -30 -35 -40 -45 -50 -55 -60 IMD (dBc)
Gain IM3 IM7
75 Pout (W PEP)
Efficiency IM5
100 125
-65 -70 150
CW Gain, Efficiency, IRL vs Frequency Vdd=28V, Idq=1.2A, Pout=120W
60 0
20 19
CW Gain, Efficiency vs Pout Vdd=28V, Idq=1.2A, Freq=942 MHz
60 55 50 45 40 35 30 25 Efficiency (%)
50 Gain (dB), Efficiency (%)
-5 Input Return Loss (dB)
18 17
40
Gain Efficiency IRL
-10
16 Gain (dB) 15 14 13 12 11
30
-15
20
-20
Gain Efficiency
20 15 10 5 0 150
10
-25
10 9
0 900
920
940
960
980
-30 1000
8 0 25 50 75 Pout (W) 100 125
Frequency (MHz)
303 S. Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 3
http://www.sirenza.com EDS-103478 Rev G
SDM-09120 925-960 MHz 130W Power Amp Module
Typical Performance Curves (cont'd)
CW Gain, Efficiency, IRL vs Supply Voltage Pout=120W, Idq=1.2A, Freq=942 MHz
Two Tone Gain, Efficiency, IRL, IMD vs Supply Voltage Pout=120W PEP, Idq=1.2A, Freq=942 MHz, Delta F=1 MHz
60
-24
60
0
Input Return Loss (dB)
-15 -20 -25
40
-26
40
30
Gain Efficiency
-27
30
-30 -35
20
IRL
-28
20
-40 -45
10
-29
10
-50 -55
0 18 20 22 24 26 28 30 32 Vds (Volts)
-30
0 18 20 22 24 26 28 30 32 Vds (Volts)
-60
CW Gain vs Pout for various Idq Vds=28V, Freq=942 MHz 16.5 Idq=1.6A 16 Idq=1.4A Gain (dB)
Gain (dB) -30 -25
IM3 vs Pout for various Idq Vds=28V, Freq=942 MHz, Delta F=1 MHz Idq=0.8A Idq=1.0A Idq=1.2A
15.5 Idq=1.2A 15 Idq=1.0A Idq=0.8A 14.5
-35
Idq= 1.4A Idq=1.6A
-40
-45
14 0 20 40 60 80 100 120 140 Pout (W)
-50 0 20 40 60 80 100 120 140 Pout (W PEP)
Note: Evaluation test fixture information available on Sirenza Website, referred to as SDM-EVAL
303 S. Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 4
http://www.sirenza.com EDS-103478 Rev G
Input Return Loss (dB), IMD (dBc).
50 Gain (dB), Efficiency (%)
-25
Gain (dB), Efficiency (%)
50
Gain IRL IM5
Efficiency IM3 IM7
-5 -10
SDM-09120 925-960 MHz 130W Power Amp Module
Package Outline Drawing
2.00 [50.8] .140 .125 3.56 [ 3.18 ] (5X) 1.297 [32.94]
.140 .125
3.18 [ 3.56 ] (5X)
5 LABEL LOCATION
(2X)
.055 [1.40]
(6X) 2.00 [50.8]
.100 [2.54]
1 10
LOGO MODULE NUMBER BAR CODE LOT NUMBER
.044 [1.12]
(2X) 1.800 [45.72]
2
1.274 [32.36] 1.52 1.49 37.85 [ 38.61 ] .907 [23.04]
9 8 7 6
.270 [6.86] .540 [13.72] .810 [20.57] 1.080 [27.43]
3
.637 [16.18]
4
.367 [9.32]
5
LEAD IDENTIFICATION
Lead No.
1 2 3 4 5 6 7 8 9 10 BASE PLATE
.11 [2.9]
.703 [17.86]
.125 [3.18] (2X)
.21 [5.3]
Function
VGS1 Ground Input Ground V GS2 V D2 Ground Output Ground V D1 Ground
.005 [.13] .36 [9.1] MAX
.089 .076
1.93 [ 2.26 ]
.062 [1.57]
1. INTERPRET DRAWING PER ANSI Y14.5. 2. MEASURE FROM THE BOTTOM OF THE LEADS. 3. DIMENSIONS ARE INCHES[MM]. 4. LEAD IDENTIFICATION IS FOR REFERENCE ONLY. 5. ORIENTATION OF LABEL IS TO BE AS SHOWN.
2
MODULE WEIGHT = 41gm NOMINAL
Note: Refer to Application note AN054, "Detailed Installation Instructions for Power Modules" for detailed mounting information.
303 S. Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 5
http://www.sirenza.com EDS-103478 Rev G


▲Up To Search▲   

 
Price & Availability of SDM-091201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X