|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0304901002 Active minifit_jr Mini-Fit(R) Grounding Pin 30490, 18-24 AWG, Reel, Phosphor Bronze , Tin or Select Gold (Au) Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 30490 Grounding Pin Yes minifit_jr Mini-Fit(R) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Comments Crimp Quality Equipment Overview Product Name Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Gold Tin-Lead Reel 30 0.76 Crimp or Compression 1.30-3.10mm (.051-.122") 18, 20, 22, 24 N/A Electrical Current - Maximum per Contact 9A Material Info Reference - Drawing Numbers Sales Drawing SD-30490-***2 Search Parts in this Series 30490Series Mates With 5556 Series, 44485 Series Use With 5559s , 30068 , 5559d Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639015600 Applicator for Mini-Fit Jr.TM, Mini-Fit HCSTM Crimp Terminals, 18-24 AWG and smaller insulation T2 Terminator Die 0639102600 FineAdjustTM Applicator FineAdjustTM Applicator, Small Insulation T2 Terminator Tooling Die Extraction Tool Hand Crimp Tool for Mini-FitTM Jr. Male and Female Crimp Terminals, 16-24 AWG 0639002600 0639002900 0639102900 0011030044 0638190900 This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-30490-1002 |