Part Number Hot Search : 
GMS36 SF512 J107F1CS E004891 SC4201 8H16M16 PROTO A30101
Product Description
Full Text Search
 

To Download SC8207A4K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC8207 Series
FAN REMOTE CONTROL DECODER USED TOGETHER WITH SC5104
DESCRIPTION
SC8207 is a high performance electronic fan controller LSI, Speed control, off-timer, nature wind, sleep mode are all built into a single chip. Light control, buzzer output, key control input, as well as remote control decoding circuitry are all provided to build a full function electronic fan with remote control capability having the highest performance with the least external components. Pin assignment and application circuit are optimized for easy PCB layout and cost saving for electronic fan application. SC8207 adopted SDIP-22 or DIP-20 package.
SDIP-22 DIP-20
FEATURES
* Two groups swing function: level swing , cold-wind switch level swing , vertical swing * Independent light controlling: extension "L" * Three operation modes: ordinary, nature and rhythm sleep. * Three speed modes: strong, middle and low * Memory start-up mode * Middle wind start-up * Buzzer indicator function operation * Two bits consumer code * Built-in 455kHz oscillator circuit * Continued press key for 6 sec, send out " Bi-Bi" * Cooperate with SC5104 coder can build a full function electronic * "ON/OFF" key select: "ON/OFF" -- -- " version K" "ON/SPEED"-- -- other version * Timer mode: A4: 0.5, 1, 2, 4 hours accumulated timer N3: 1, 2, 4 hours non-accumulated * Fan remote controller * Air cleaner * Humidifier * Heater
APPLICATIONS
ORDERING INFORMATION
Part SC8207N3 SC8207N3L SC8207A4K SC8207A4KL SC8207A4KS SC8207A4KSL Package DIP-20 SDIP-22 DIP-20 SDIP-22 DIP-20 SDIP-22 Accumulated --------Nonaccumulated Light control -Cold-wind switch ------Vertical swing
Note: " indicated have four time output (0.5, 1, 2, 4 hour) accumulated timer mode. A4" " indicated have three time output (1, 2, 4 hour) non-accumulated timer mode. N3" " indicated have light output mode. L"
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 1 of 9
SC8207 Series
BLOCK DIAGRAM
VDD OSCI OSCO DI OFF TIMER SPEED MODE SW1 SW2 LIGHT Key Sense and LED Scan Output Oscillator Timing
VSS LOW Speed Control MED STR COM 1 LED Scan COM 2 COM 3 BUZ Buzzer, Swing/Light Output SHO1 SHO2 LTO
Rectifier
Decode
Timer
Memory
ABSOLUTE MAXIMUM RATING (Tamb=25C)
Characteristics Supply Voltage Input/Output Voltage Power Consumption Operating Temperature Storage Temperature Symbol VDD VIN PD Topr Tstg Ratings -0.3~6 VSS-0.3V ~ VDD+0.3V 500 -10 ~ +70 -40~+125 Unit V V mW C C
DC ELECTRICAL CHARACTERISTICS (unless otherwise specified, Tamb=25C, VDD=5.0V)
Characteristics Supply Voltage Static Consumption Current Input High Level Voltage Input Low Level Voltage OFF, MODE, SPEED, TIMER Scan Output Current COM1~COM3 Scan Output Sink Current Driver Output Current Buzzer Output Current Symbol VDD ISB VIH VIL IOH IOL IOL IOH -VDD-VSS=5V OSC stop, no load --VDD=5.0V VDD=5.0V, Vo=0.7V VDD=5.0V, Vo=0.7V VDD=5.0V, Vo=4.3V Test conditions Min. 3.0 -0.7VDD 0 -----10 40 10 5 REV:1.0 Typ. 5.0 -Max. 6.0 500 VDD 0.3VDD ----Unit V A V V mA mA mA mA 2004.08.03 Page 2 of 9
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
SC8207 Series
PIN CONFIGURATION
PIN DESCRIPTION
DIP-20 pin no. -1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 -SDIP-22 pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Symbol LIGHT DI OFF TIMER SPEED MODE COM1 COM2 COM3 SW1 SW2 SHO2 SHO1 STR MED LOW VDD BUZ OSCO OSCI VSS LTO Light control key input. Remote control sensor input. OFF control key input, shared with LED scan output. TIMER control key input and LED scan output. SPEED key control input and LED scan output. MODE key control input and LED scan output. Consumer code C2 select and LED scan common port. Consumer code C1 select and LED scan common port. LED scan common port. LEVEL SWING key control and consumer code select diode connect port. COLD key control SC8207A4KS /VERTICAL SWING key control port(N3, A4K) Cold wind motor /vertical swing drive port Level swing output port Strong wind drive output Middle wind drive output Low wind drive output Positive power Buzzer drive output 455kHz oscillator input/output port Negative power Light drive output Description
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 3 of 9
SC8207 Series
FUNCTION DESCRIPTIONS
SC8207 is an electronic fan control IC, it use electronic touch switch and timer replace the traditional switch and timer. SC8207 improved nature wind and sleep wind mode except hold the traditional fan functions, and improved two groups of swing control and light control function. SC8206 cooperate with SC5104 encode IC, implement the remote control of the fan. "OFF" key: It used to shut down the power of motor, fan stop operating. And the control circuit resume static state, and stored the operate mode of power on. When started next time, it is activated into the operation mode stored in the operation memory (Timer and sleep wind mode will not be stored). "ON/SPEED" key: It start fan if pressed when fan is off. It turn on the fan with middle wind for increase start moment. After three second, it resume low wind mode, or the operation mode stored in the operating memory. This key set the operate mode when fan is on, if successive pressing of ON/SPEED key, it will operate as low wind, middle wind, strong wind, low wind, middle wind ... ... .go along with cycle. "ON/OFF" key (extension K) It start fan if pressed when fan is off. It turn on the fan with middle wind for increase start moment. After three second, it resume low wind mode, or the operation mode stored in the operating memory. It turn off the power when fan is on, fan stopped, control circuit resume static state, and stored the operate mode into memory. When the fan turn on next time, it start in the operate mode in the memory (timer and sleep mode will not be stored). "SPEED" key (extension K) SPEED key is used to turn on the fan change speed of the fan. When successive pressing of SPEED key, fan will operate as follows: low wind, middle wind, strong wind, low wind... ... go along with cycle. "MODE" key: It used to select the operating mode. If pressed successively when fan is on, it will operate as follows: normally wind, nature wind, sleep wind, normally, nature wind ... ... go along with cycle. a) Ordinary wind: the he wind speed is set by SPEED key and does not change as time passes. b) c) Nature wind: it is set in program, and operate with " SPEED" key, can produce strong nature wind, middle nature wind, low nature wind, simulate the really nature wind. Sleep wind: In sleep wind mode, the wind speed steps down automatically one level every interval, until it reaches low wind level. Where is the rule of down:
1)
If fan set in strong wind mode at first, it operate in strong nature wind for half an hour, then switch into middle nature wind, after half an hour switch into low nature wind, until the preset time end or turn off fan. If fan set in middle wind mode at first, it operates in middle nature wind for half an hour, then switch into low nature wind, until the preset time end or turn off fan. If fan set in low nature wind at first, it operates in low nature wind, until the preset time end or turn off.
2)
3)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 4 of 9
SC8207 Series
"TIMER" key: This key used to set the preset off time. Type mark with " mean have four section time output (0.5, 1, 2, 4hour) accumulated. A4" Type mark with " means have three section time output (1, 2, 4 hour) non-accumulated. N3" When fan is in the time mode, LED will indicate the remain time, means the fan will stop after the display time. "LEVEL SWING" key: If pressed when fan is in the operate mode, it can control the fan swing, it is invalid when fan stopped. "VERTICAL SWING" key: N3: If pressed when fan is in the operate mode, it can control the fan vertical swing, it is invalid when fan stopped. A4: If pressed when fan is in the operate mode, it can control the fan vertical swing. If continue pressed, fan up to down swing. When release the key, swing stopped. "COLD WIND" key: If pressed when fan is in the operate mode, it can control the fan cold-wind switch, it is invalid when fan stopped. "LIGHT" key: It is used to control light, is independent of the operate mode. Buzzer output: a) Turn on send out " Bi-Bi" b) Turn off send out " Bi-" c) Other available operate (include key press and remote controller receive) send out " Bi"
CONTROL PANEL
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 5 of 9
SC8207 Series
TYPICAL APPLICATION CIRCUIT
Power circuit
Controller unit
M
M
COMPONENTS LIST
Symbol FUSE R1 R2 R3 R4~R9, R16 R10~R15 R17~R19 R20, R21 C1 C2 C3 1A, 250V 2x180/2W 200k/0.5W 2x47/0.25W 10K, 0.25W 470, 0.25W 120, 0.25W 560, 0.25W 1.2F, 400VAC 470F, 16V 470F, 10V value Symbol C4 C5 C6, C7 D1, D2 D3 XL BUZ LED D4, D5 KEY T1~T6 0.1F, 47F, 10V 100pF 1N4007 5.1V, 1W 455KHz 27 3x12 1N4148 6mmX7 Z00607MA, MAC97A6 value
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
M
REV:1.0
2004.08.03 Page 6 of 9
SC8207 Series
SC5104 transmitter controller unit
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 7 of 9
SC8207 Series
PACKAGE OUTLINE
DIP-20-300-2.54 UNIT: mm
6.600.25
SDIP-22-300-2.54
3.00MIN
4.36MAX
7.62TYP
UNIT: mm
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 8 of 9
0.250.10
SC8207 Series
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against electrostatic discharge but they can be damaged if the following precautions are not taken: * Persons at a work bench should be earthed via a wrist strap. * Equipment cases should be earthed. * All tools used during assembly, including soldering tools and solder baths, must be earthed. * MOS devices should be packed for dispatch in antistatic/conductive containers.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Http: www.silan.com.cn
REV:1.0
2004.08.03 Page 9 of 9


▲Up To Search▲   

 
Price & Availability of SC8207A4K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X