Part Number Hot Search : 
SKR320 2SD1189F STS3415 08100 MK325B 320F280 M1241S MM1495X
Product Description
Full Text Search
 

To Download RW005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Edal SERIES RW Silicon Bridge Rectifier Fast Recovery
Type
PIV
Vpk RW 005M RW02M RW04M RW06M RW08M RW10M 50 200 400 600 800 1000
Max. Average Rectified Current @ HalfWave Res. Load 60 Hz Io @ Ta Aav 25o C 1.5 1.5 1.5 1.5 1.5 1.5 25o C 25o C 25o C 25o C 25o C 25o C
Max. Forward Peak Surge Current @ 60 Hz Superimposed IFM (Surge) APK 50 50 50 50 50 50
Max. Reverse Current @ PIV Voltage @ o C Ta 25 Ir u ADC 10 10 10 10 10 10
Max. Forward Voltage @ 25o C Ta Ifm Apk 1.0 1.0 1.0 1.0 1.0 1.0 Vfm Vpk 1.3 1.3 1.3 1.3 1.3 1.3
Max. Reverse Recovery Time
Trr Nsec 200 200 200 350 350 500
NOTES: REVERSE RECOVERY TEST CONDITIONS: IF = 0.5A, IR = 1.0A RECOVER TO 25 MA. OPERATING TEMPERATURE RANGE: -55O C TO +125O C STORAGE TEMPERATURE RANGE: -55O C TO +150O C FOR CAPACITANCE LOAD DERATE CURRENT BY 20% INDIVIDUAL TECHNICAL DATA SHEETS GIVING RATING AND CHARACTERISTIC CURVES ARE AVAILABLE THE PLASTIC MATERIAL USED IN THE BRIDGES OF 0.5 TO 8 AMPERE RATING CARRIES U/L RECOGNITION 94 V-0 (203) 467-2591 TEL (203) 469-5928 FAX Email: Info@ edal.com Internet:http://www.edal.com
EDAL industries, inc.
51 Commerce St. East Haven, CT 06512


▲Up To Search▲   

 
Price & Availability of RW005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X