Part Number Hot Search : 
78RB12T CY30700 2SK2788 SB120 BP60070 RL157G PMBS3904 MG200
Product Description
Full Text Search
 

To Download QHF-22A-5B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHF-22A Series
90 POWER DIVIDERS / COMBINERS
5 to 300 MHz / Communications Bandwidths / Low Insertion Loss / Low Profile Hermetic Package
PRINCIPAL SPECIFICATIONS
Model Number QHF-22A-***B Center Frequency, f0 5 to 300 MHz Frequency Performance 30% of f0
GENERAL SPECIFICATIONS
Coupling: Impedance: Isolation: Insertion Loss: -- 3 dB nom. 50 nom. 20 dB min. 25 dB typ. 0.75 dB max. 0.3 dB typ. 90 2 max. 0.5 dB max. 0.25 dB typ. 1.3:1 max. 4W max.(1.2:1 VSWRout) 0.1 oz (2.8 g) -- 55 to +85C
For complete model number, replace *** with center frequency in MHz
Phasing Diagram - B 1 1 2 3 4 -- 90 0 Isol Isol 0 -- 90 2 -- 90 3 0 Isol 4 Isol 0 -- 90
Phase Tolerance: Amplitude Balance: VSWR (In/Out): Input Level: Weight, nominal: Operating Temp:
(@ 25C; derated to 1 W @ 85C)
A-Flatpack Outline
NOTES:
1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over millimeters. 3. Dimensions marked with * apply only at body. 4. All unmarked pins are case ground.
General Notes: 1. The QHF-22A series covers 5 to 300 MHz using a special lumped element design to minimize package size and cost. This series features a low 0.15" profile package suitable for applications where an ultra-miniature package is essential. The 0.385" by 0.5" flatpack which houses these 3 dB Quadrature Hybrids is suited to both terrestrial and aerospace applications where inherent package reliability and hermeticity are essential.
22Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of QHF-22A-5B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X