Part Number Hot Search : 
MCP6V03T SG6742HL MJ160 MAX16914 D8041AHC LC7536M LM385 EP1000
Product Description
Full Text Search
 

To Download QBH-8407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL QBH-8407
Features
! ! ! ! High Gain: 10.0 dB Typical High Power: +28 dBm Typical Operating Temp. - 40 C to +70 C Environmental Screening Available
Available as: QBH-8407, Hybrid SM (E52-19422)
Maximum Ratings
Ambient Operating Temperature .............. -55 C to +125 C Storage Temperature .............................. -65 C to + 150 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: 1. Specifications are guaranteed when tested in a 50 Ohm system. Specifications indicated as typical are not guaranteed. 2. Noise Figures increase below 500 NHz
Specifications
CHARACTERISTIC TYPICAL MIN/MAX
Frequency Gain (dB) Gain vs. Temperature Gain Flatness Reverse Isolation (dB) VSWR In Out 1 dB Compression (dBm) Output Intercept point 3rd Order 2nd Order Noise Figure (dB) Power Vdc mA
Ta= 25 C 50 - 2000 MHz 10.0 Min. 0.8 -20 1.7:1 1.5:1 +28 +42 +50 4.5 +15 220
Ta = -40 C to +70 C 50 - 2000 MHz +1.5 Max. 1.8 Max. -19 Min. 2.1:1 Max. 2.0:1 Max. +24.5 Min. +37 +45 7.5 +15 240 Min. Min. Max. Max.
Typical Performance Data
14 13 12 11 10 9 8 100
Gain (dB)
-10 -20 -30 -40 -50 -60 -70 1000
Reverse Isolation (dB)
8.0 7.0 6.0 5.0 4.0 3.0 2.0
Noise Figure (dB)
MHz
100
MHz
1000
100
MHz
1000
35 33 31 29 27 25
1 dB Comp. (dBm)
2.0 1.8 1.6 1.4 1.2 1.0
Input/Output VSWR +25 C
Input Output MHz
45 44 43 42 41 40 39
3rd order intermodulation distortion (dBm)
100
MHz
1000
100
1000
100
MHz
1000
Legend
+ 25 C
FREQ. MHz
+ 70 C - - - - - - -40 C
Linear S-Parameters Data
=================================================================== 50 -19.9 -133.9 9.8 -177.4 -21.0 -23.7 -118.1 -9.2 90 -19.3 -147.0 10.2 170.5 -21.3 -20.8 -146.4 -15.4 300 -15.2 -167.8 10.4 124.9 -21.7 -18.0 177.8 -44.8 600 -12.1 10.3 157.1 66.1 -21.7 -16.9 146.5 -87.1 900 -11.1 10.2 118.2 8.3 -21.5 -131.4 -16.1 112.7 1200 -11.1 10.4 75.5 -51.0 -21.0 -178.2 -15.7 75.5 1500 -12.8 10.5 -113.1 20.3 -20.5 130.7 -15.0 31.7 1800 -17.9 10.4 -179.5 -78.8 -20.1 -14.2 -27.8 75.0 2000 -14.5 10.0 133.2 174.8 -20.1 -13.5 -75.9 33.6
- - S11- - dB Ang - - S21- - dB Ang - - S12- - dB Ang - - S22- - dB Ang
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 03/11/05
www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of QBH-8407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X