Part Number Hot Search : 
MC14156 BAS11 H224K MAC8N 1200AP60 2SK207 S29BDS 7805A
Product Description
Full Text Search
 

To Download PL314-4R12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL314 Series 3mm LED Right Angle Quad Level Holder
Features
*Space Saving Quad Level PCB Indicator *Housing Material Black Nylon UL94V-2 *High Light Output *4 Hi-Eff Red LED with Color Diffused Lens used *LEDs arranged from Top to Bottom *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Poser Dissipation............................................................................. 78mW Reverse Voltage (<100 A)....................................................................... 5.0V Max Forward Current......................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ............................... 100mA Operating Temperature Range................................................... -25C to +85C Storage Temperature Range...................................................... -40C to +100C Soldering Temperature (1.6 mm below body).................................. 260C for 5 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Color Diffused Lens PL314-4R12 Orange-Red GaAsP Emitting Color Chip Material Peak Wave Length nm 635 Dominant Wave Length nm 626 Viewing Angle 2 1/2 Deg 55 Forward Voltage @20mA (V) Typ 2.1 Max 2.6 Lumious Intensity @20mA (mcd) Typ 10.0 Max 20.0
All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified.
4.45
10.7
3.50.5
P-TEC
5.08
2.9
5.08
20.3
5.08 2.54
0.5
3.5typ.
0.5 Square Cathode
2.8typ. 1.9typ.
02-14-07 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL314-4R12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X