Part Number Hot Search : 
74LS157 04820 RF51111 MKTX2B1 T3906 HAL102 TC115 MMSZ52
Product Description
Full Text Search
 

To Download PDM-41M-4G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDM-41M Series
0 POWER DIVIDERS / COMBINERS
0.5 to 18 GHz / 4-Way / Uniform Phase & Ampli. Bal. / High Isolation / Low Insertion Loss / SMA
PRINCIPAL SPECIFICATIONS
Model Number Freq. Isolation, Insertion Phase Range, dB, Loss, dB, Bal., GHz Min. Max. Max. 18 20 18 20 20 16 18 0.60 0.60 0.60 0.50 0.40 1.00 1.50 6 5 6 4 4 6 6 Amplitude VSWR, CW Input Power, Outline Balance, Max. Max., with VSWRout Dwg dB, Max. In Out 1.2:1 2.0:1 Ref. 0.6 0.3 0.6 0.3 0.3 0.6 0.6 1.50:1 1.60:1 1.50:1 1.45:1 1.40:1 1.50:1 1.50:1 1.50:1 1.35:1 1.50:1 1.30:1 1.25:1 1.50:1 1.50:1 30W 30W 30W 30W 30W 30W 30W 10W 10W 10W 10W 10W 10W 10W 1W 1W 1W 1W 1W 1W 1W 1 2 3 4 5 6 5
PDM-41M-.75G 0.5 - 1.0 PDM-41M-1.5G 1.0 - 2.0 PDM-41M-3G 2.0 - 4.0 PDM-41M-4G 3.0 - 5.0 PDM-41M-6G 4.0 - 8.0 PDM-41M-10G 8.0 - 12.4 PDM-41M-15G 12.0 - 18.0
Package Outline
GENERAL SPECIFICATIONS
Impedance: 50 nom. Operating Temperature: -- 55 to +85C
General Notes:
1. The PDM-41M series of 4-way Power Dividers/Combiners covers 500 MHz to 18 GHz. 2. Each unit uses a multi-section Wilkinson circuit providing high isolation and low VSWR. Etched PTFE fiberglass stripline circuits are encased in a miniature machined housing that minimizes moding and provides an effective RF shield. 3. These units are generally available from catalog stock for fast delivery.
19Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of PDM-41M-4G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X