Part Number Hot Search : 
01400 15KW18A C28DRT 147436 2SK306 M9512807 HSU276A D883B
Product Description
Full Text Search
 

To Download P16-SIO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A Modular system for outdoor applications
16mm Pixel pitch with oval LEDs
Full-Color outdoor LED Display
Specification P16-SIO
Document version: May
JH-P16-SIO-SPEC-V1.0 2008
P16 Full Color LED Cabinet Specification
Module
Parameter
Pixel pitch Pixel density Pixels Size Pixel type and configuration Brightness Drive type View ing angle(Horizontal) View ing angle(Vertical) Red w avelength(Dominant) Green Wavelength(Dominant) Blue w avelength(Dominant) Lifetime(50% brightness) deg. deg. nm nm nm Hours nits(cd/sq.m)
Unit
mm/inch dots/sqm Dots mm/inch
Value
16mm/0.63 3,906 16x8 2 5 6 x 1 2 8 / 1 0 . 0 8 x 5 . 0 4 " Oval lamps 2R1G1B 5,500-7,000 static constant 1 3 0 ( - 6 5 + 6 5 ) 6 0 ( - 3 0 + 3 0 ) 6 2 0 6 2 5 5 2 0 5 2 5 4 7 0 4 7 5 100,000
Cabinet
Parameter
Width Height Aspect Ratio Diagonal Depth Area Weight Pixels Material Ingress protection operation tem perature range Operation Hum idity* Best view ing distance Input voltage(nominal) input pow er frequency Pow er consum ption(max.) Pow er consumption(min.) Cooling system IP Deg.C RH m/feet V/AC Hertz Watts Watts mm/inch mm/inch Sq.m/sq.inch) kg/Ibs dots
Unit
mm/inch mm/inch
Value
1024mm/40.31 768mm/30.24 4:03 1,280/50.39" 150/5.91" 0.7864/1218.97 54.5/110 64x48=3072
cold rolled armor plate
65front)/43(back) -3 0 + 6 0 1 0 % 9 0 % 1 3 3 4 / 4 3 - 1 1 2 1 1 0 2 4 0 5 0 6 0 900 450 110-240/AC Fansx4
System
Parameter
Colors Grey Scale(linear) Brightess Control Processing depth Video frame rate Display refresh rate Multimedia data format data interconnection Hertz Levels Levels bit
Unit
Value
1.07 billions 1,024 levels per color 100 10 3 0 6 0 600-2,400 Component, composite RGBHV,DVI etc. UTP Cat5/Optical Fiber


▲Up To Search▲   

 
Price & Availability of P16-SIO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X