Part Number Hot Search : 
2815S 16DIP MMC2107 15101 B1020 NS0013A 8HC05 A7303
Product Description
Full Text Search
 

To Download OTS-8LV1ETR2DJTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optiva Standard, 8 Composite Video, 10/100 Ethernet and 2 RS-422 Serial Data Channels
(R)
OTS-8LV1ETR2DJTR
Composite Video, Ethernet and Serial Data The OTS-8LV1ETR2DJTR provides for the digital transmission of 8 channels of Composite Video, 1 channel of Ethernet and 2 channels of RS-422 Serial Data.
Video
System Design All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16-100) or one of our smaller Optiva(R) Desktop Card Racks (OT-DTCR Series). The Optiva(R) Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate OT-DTCR enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply. Upgrade Path The system has an optional upgrade path to increase the amount of video channels from 8 to 16. Please contact your sales rep for details. Optical Specifications CWDM Tx Optical Output Power Tx CWDM Wavelengths Rx Optical Overload Rx Optical Sensitivity
Audio
Data
OTS-8LVT1ETR2DJTR
OTS-8LVR1ERT2DJRT
Ethernet
Features * 10-bit digital processing * 10/100 auto-sensing Ethernet * Complies with SMPTE standards for Video transmission * Compatible with MDM-7000 Series for WDM and CWDM multiplexing * No EMI or RFI and no ground loops * Stand alone or rack-mount * Ideal for Security Camera or CCTV Applications * Dual fiber, CWDM wavelength
>+2 dBm 1270-1610 nm -8 dBm -30 dBm
Models Available* OTS-8LVT1ETR2DJTR-L4XX/L4XX-LC-IC OTS-8LVR1ERT2DJRT-L4XX/L4XX-LC-IC
* Substitution of CWDM optical wavelengths requird to complet model numbers.
CWDM Wavelength Codes
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
Composite Video, Audio & Data
Video Bit Resolution Level Impedance Bandwidth Differential Gain Differential Phase DC Offset Compatibility Signal to Noise Ratio Connector Ethernet Standard Data Rate Connector Data RS-232 RS-422 RS-485 (2 wire) RS-485 (4 wire) General Dimensions & Weight Operating Temperature Storage Temperature Humidity Operating Voltage Consumption System Latency
Local Monitoring Remote Monitoring
10-bit digital architecture 1.0 Volt p-p 75 Ohm - 3 dB @ 7 MHz < 2% < 0.7 <150 mV NTSC, PAL, SECAM > 65 dB BNC (IEC 60169-8)
OptivaTM Multi-Signal OptivaTM Configurable Transmission Platform Communication Platform Network Management Network Management SDI and HD-SDI SDI & HD-SDI Composite Video, Composite Video, Audio & Data Audio & Data Audio/FSK/Intercom RGB/VGA/DVI RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) Data (Ethernet/Serial/USB)
IEEE 802.3 (auto-sensing) 10/100 Mbps RJ-45
CATV/RF & L-Band CATV/RF & L-Band Optical Switching, Routing Optical Switching, Routing & Redundancy & Redundancy Passive Multiplexing Passive Multiplexing Solutions Solutions Enclosures, Racks Enclosures, Racks & Frames & Frames Power Supplies Power Supplies and Accessories & Accessories 11 oz
Up to 200 Kbps Up to 1 Mbit Up to 1 Mbit Up to 1 Mbit
Insert Card (IC): 6.3" L x 0.8" W x 4.0" H -20 C to +55 C -40 C to +85 C 0 to 95% non-condensing 9-12 VDC < 7w per insert card Less than 1ms LED Status Indication Compatible with OptivaViewTM SNMP Management Suite
MADE IN THE USA


▲Up To Search▲   

 
Price & Availability of OTS-8LV1ETR2DJTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X