Part Number Hot Search : 
25Q64 PC563 BC237B07 C3121 D4448 IDT7035L BSY62 04365
Product Description
Full Text Search
 

To Download OTS-4ATR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optiva Standard, 4 Duplex Analog Audio
TM
OTS-4ATR
Audio Transmission The OTS-4ATR provides for the transmission of 4 Channels of Duplex Analog Audio. System Design
ST, LC, SC or FC
ST, LC, SC or FC
Video
Audio
All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16-100) or one of our smaller OptivaTM Desktop Card Racks (OT-DTCR Series). The OptivaTM Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate OT-DTCR enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply. See "Accessories" for power supply specifications. OptivaTM Upgrade Path
Audio In/Out
Audio Out/In
Each insert card comes with a label identifying the specific protocols handled, connector pin-out and other vital information. For optimal bandwidth allocation, each insert card can daisy-chain with an additional card in the same chassis. See "OptivaTM Upgrade Path".
Audio In/Out
Audio Out/In
Data
OTS-4ATR
OTS-4ART
Features * Analog Audio over one fiber * TDM - Single fiber, dual wavelength * Compatible with MDM-7000 Series for WDM and CWDM multiplexing * No EMI or RFI and no ground loops * Stand alone or rack-mount * Ideal for Professional AV applications
This system can be purchased without an optical port as an add-on to an existing OptivaTM system daisy-chain. (See "Non-Optical Version" below). bandwidth requirement The of this system is 20 Mbps. OptivaTM
Versions Available* Wavelength (nm) & Fiber 1310/1550 Multimode 1310/1550 Singlemode 1310/1550 SM (D) 1310/1550 SM (H) 1270-1610 SM (CWDM) Non-Optical Version Transmit/Receive** OTS-4ATR-A2/A3M-XX-IC OTS-4ATR-A2/A3-XX-IC OTS-4ATR-A2/A3D-XX-IC OTS-4ATR-A2/A3H-XX-IC OTS-4ATR-L4/L4-XX-IC OTS-4ATR-NOC-IC Receive/Transmit** OTS-4ART-A3M/A2-XX-IC OTS-4ART-A3/A2-XX-IC OTS-4ART-A3D/A2-XX-IC OTS-4ART-A3H/A2-XX-IC OTS-4ART-L4/L4-XX-IC OTS-4ART-NOC-IC Optical Connector ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC N/A Optical Budget (dB) 10 12 17 25 Varies N/A Range*** (km) Form Factor 3 20 40 60 20-70 N/A IC (2-slot) IC (2-slot) IC (2-slot) IC (2-slot) IC (2-slot) IC (2-slot)
Analog Audio Codes - To indicate your Analog Audio impedance preference, please use the following instead of "A" in the model number: "AB" = Input Balanced 600 Ohm, Output Balanced 600 Ohm; "ABH" = Input Balanced Hi-Z, Output Balanced Low-Z; and "AUH" = Input Unbalanced Hi-Z, Output Unbalanced Low-Z.
* Contact Opticomm for other versions available. ** XX indicates the type of optical connector. Each of ST, FC, LC or SC are available. *** Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
Audio/FSK/Intercom
Analog Audio Level Bandwidth Signal to Noise Ratio Total Harmonic Distortion Signal Coding Connector General Dimensions & Weight Operating temperature Storage temperature Humidity Operating voltage Consumption System Latency
6 dBm In/Out 20 Hz to 20 KHz > 80 dB < 0.1% 24-bit Micro DB25
Impedance Options: Input Balanced 600 Ohm Balanced Hi-Z Unbalanced Hi-Z
Output Balanced 600 Ohm Balanced Low-Z Unbalanced Low-Z
OptivaTM Configurable Communication Platform Network Management SDI & HD-SDI Composite Video, Audio & Data
Insert Card (IC): 6.3" L x 0.8" W x 4.0" H -20 C to +55 C -40 C to +85 C 0 to 95% non-condensing 9-12 VDC 1 Amp Max per Insert Card Less than 10ms
11 oz
RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) CATV/RF & L-Band Optical Switching, Routing & Redundancy Passive Multiplexing Solutions Enclosures, Racks & Frames Power Supplies & Accessories
Local Monitoring Remote Monitoring
LED Status Indication Compatible with OptivaViewTM SNMP Management Suite
MADE IN THE USA
Sample Configuration


▲Up To Search▲   

 
Price & Availability of OTS-4ATR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X