Part Number Hot Search : 
1420EM9 RF5325SR D1215 E5130A 101MH NE5560D 16DIP MMSZ5233
Product Description
Full Text Search
 

To Download OTS-2V4ATR1ETR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OTS-2V4ATR1ETR
Optiva Standard,
(R)
1 Composite Video, 4 Duplex Audio and 1 Duplex 10/100 Mbps Ethernet
Composite Video, Audio and Ethernet Transmission The OTS-2V4ATR1ETR provides for the digital transmission of 2 Channels of Composite Video, 4 Channels of Duplex Analog Audio and 1 Channel of Duplex 10/100 Ethernet. System Design All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16-100) or one of our smaller Optiva Desktop Card Racks (OT-DTCR Series). The Optiva(R) Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate OT-DTCR enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply. See "Accessories" for power supply specifications. Optiva(R) Upgrade Path This system can be purchased without an optical port as an add-on to an existing Optiva(R) system daisy-chain. (See "Non-Optical Version" below). The Optiva(R) bandwidth requirement of this system is 894 Mbps.
Ethernet In/Out Composite Video In Ethernet Out/In Composite Video Out
Video
Analog Audio In/Out
S T A T U S A L E R T S T A T U S A L E R T
Analog Audio Out/In
S T A T U S A L E R T S T A T U S A L E R T
Audio
Composite Video In ST, LC, SC or FC
Analog Audio In/Out
Composite Video Out ST, LC, SC or FC
Analog Audio Out/In
OptivaTM
VAD Transmission
OptivaTM
VAD Transmission
OptivaTM
VAD Transmission
OptivaTM
VAD Transmission
Data
OTS-2VT4ATR1ETR
OTS-2VR4ART1ERT
Ethernet
Features * Composite Video, Audio and Ethernet over one fiber * 12-Bit Digital Transmission (Video) * TDM - Single fiber, dual wavelength * Complies with SMPTE Standards * Compatible with MDM-7000 Series for WDM and CWDM multiplexing * No EMI or RFI and no ground loops * Stand alone or rack-mount * Ideal for Professional AV applications
Versions Available* Wavelength (nm) & Fiber 1310/1550 Multimode 1310/1550 Singlemode 1310/1550 SM (D) 1310/1550 SM (H) 1270-1610 SM (CWDM) Non-Optical Version Transmit/Receive** OTS-2VT4ATR1ETR-A2/A3M-XX-IC OTS-2VT4ATR1ETR-A2/A3-XX-IC OTS-2VT4ATR1ETR-A2/A3D-XX-IC OTS-2VT4ATR1ETR-A2/A3H-XX-IC OTS-2VT4ATR1ETR-L4/L4-XX-IC OTS-2VT4ATR1ETR-NOC-IC Receive/Transmit** OTS-2VR4ART1ERT-A3M/A2-XX-IC OTS-2VR4ART1ERT-A3/A2-XX-IC OTS-2VR4ART1ERT-A3D/A2-XX-IC OTS-2VR4ART1ERT-A3H/A2-XX-IC OTS-2VR4ART1ERT-L4/L4-XX-IC OTS-2VR4ATR1ETR-NOC-IC Optical Connector ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC N/A Optical Budget (dB) 10 12 17 25 Varies N/A Range*** (km) Form Factor 3 20 40 60 20-70 N/A IC (2-slots) IC (2-slots) IC (2-slots) IC (2-slots) IC (2-slots) IC (2-slots)
Analog Audio Codes - To indicate your Analog Audio impedance preference, please use the following instead of "A" in the model number: "AB" = Input Balanced 600 Ohm, Output Balanced 600 Ohm; "ABH" = Input Balanced Hi-Z, Output Balanced Low-Z; and "AUH" = Input Unbalanced Hi-Z, Output Unbalanced Low-Z.
* Contact Opticomm for other versions available. ** XX indicates the type of optical connector. Each of ST, FC, LC or SC are available. *** Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm forfor custom requirements. 800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm custom requirements.
Opticomm reserves the right to change specifications without notice
Composite Video, Audio & Data
Video Standard Bit Resolution Level Bandwidth Differential Gain Differential Phase Passband Ripple Chroma/Luma Delay Compatibility Signal to Noise Ratio Connector
Analog Audio Level Bandwidth Signal to Noise Ratio Total Harmonic Distortion Signal Coding Connector
SMPTE 170M; RS-250C (Short Haul) 12-Bit Digital Transmission 1.0 Volt p-p 5.5 MHz < 2% < 0.7 < 0.2 dB to 5.5 MHz <12ns NTSC, PAL, SECAM > 67 dB BNC (IEC 60169-8) Impedance Options: Input Balanced 600 Ohm Balanced Hi-Z Unbalanced Hi-Z
OptivaTM Multi-Signal OptivaTM Configurable Transmission Platform Communication Platform Network Management Network Management SDI and HD-SDI SDI & HD-SDI Composite Video, Composite Video, Audio & Data Audio & Data Audio/FSK/Intercom RGB/VGA/DVI RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) Data (Ethernet/Serial/USB)
6 dBm In/Out 20 Hz to 20 KHz > 80 dB < 0.1% 24-bit Micro DB25
Output Balanced 600 Ohm Balanced Low-Z Unbalanced Low-Z
CATV/RF & L-Band CATV/RF & L-Band Optical Switching, Routing Optical Switching, Routing & Redundancy & Redundancy Passive Multiplexing Passive Multiplexing Solutions Solutions Enclosures, Racks Enclosures, Racks & Frames & Frames
Data Standard Data Rate Connector
General Dimensions & Weight Storage temperature Humidity Operating voltage Consumption System Latency Local Monitoring Remote Monitoring
Ethernet IEEE 802.3 10/100 Mbps RJ-45 UTP
Power Supplies Power Supplies and Accessories & Accessories
Insert Card (IC): 6.3" L x 0.8" W x 4.0" H Operating temperature -20 C to +55 C -40 C to +85 C 0 to 95% non-condensing 9-12 VDC < 7w per insert card Less than 1ms (Audio <10ms) LED Status Indication Compatible with OptivaViewTM SNMP Management Suite
11 oz
MADE IN THE USA
Sample Configuration


▲Up To Search▲   

 
Price & Availability of OTS-2V4ATR1ETR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X