Part Number Hot Search : 
80080 24C16 MAX97 UMX5N 271KD14 KA3162 MAX97 M188R6
Product Description
Full Text Search
 

To Download OTS-2DATR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optiva Standard, 2 Duplex Stereo AES/EBU Digital Audio
TM
OTS-2DATR
Digital Audio Transmission The OTS-2DATR provides for the transmission of 2 Channels of Duplex Stereo AES/EBU Digital Audio, at absolute broadcast quality.
ST, LC, SC or FC
ST, LC, SC or FC
Video
System Design All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16-100) or one of our smaller OptivaTM Desktop Card Racks (OT-DTCR Series). The OptivaTM Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate OT-DTCR enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply. See "Accessories" for power supply specifications. OptivaTM Upgrade Path This system can be purchased without an optical port as an add-on to an existing OptivaTM system daisy-chain. (See "Non-Optical Version" below). The OptivaTM bandwidth requirement of this system is 10 Mbps.
AES/EBU Audio In/Out
AES/EBU Audio Out/In
Each insert card comes with a label identifying the specific protocols handled, connector pin-out and other vital information. For optimal bandwidth allocation, each insert card can daisy-chain with an additional card in the same chassis. See "OptivaTM Upgrade Path".
Audio
Data
OTS-2DATR
OTS-2DART
Features * Stereo AES/EBU Digital Audio over one fiber * TDM - Single fiber, dual wavelength * Compatible with MDM-7000 Series for WDM and CWDM multiplexing * No EMI or RFI and no ground loops * Stand alone or rack-mount * Ideal for Professional AV applications
Versions Available* Wavelength (nm) & Fiber 1310/1550 Multimode 1310/1550 Singlemode 1310/1550 SM (D) 1310/1550 SM (H) 1270-1610 SM (CWDM) Non-Optical Version Transmit/Receive** OTS-2DATR-A1/A3M-XX-IC OTS-2DATR-A2/A3-XX-IC OTS-2DATR-A2/A3D-XX-IC OTS-2DATR-A2/A3H-XX-IC OTS-2DATR-L4/L4-XX-IC OTS-2DATR-NOC-IC Receive/Transmit** OTS-2DART-A3M/A1-XX-IC OTS-2DART-A3/A2-XX-IC OTS-2DART-A3D/A2-XX-IC OTS-2DART-A3H/A2-XX-IC OTS-2DART-L4/L4-XX-IC OTS-2DART-NOC-IC Optical Connector ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC N/A Optical Budget (dB) 10 12 17 25 Varies N/A Range*** (km) Form Factor 3 20 40 60 20-70 N/A IC (2-slot) IC (2-slot) IC (2-slot) IC (2-slot) IC (2-slot) IC (2-slot)
* Contact Opticomm for other versions available. ** XX indicates the type of optical connector. Each of ST, FC, LC or SC are available. *** Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Opticomm reserves the right to change specifications without notice
Audio/FSK/Intercom
Audio Digital Format
Connector
AES/EBU AES3-1992 (ANSI S4,40) SMPTE 276M Micro DB25
OptivaTM Configurable Communication Platform Network Management SDI & HD-SDI Composite Video, Audio & Data RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) CATV/RF & L-Band Optical Switching, Routing & Redundancy
General Dimensions & Weight Operating temperature Storage temperature Humidity Operating voltage Consumption System Latency
Insert Card (IC): 6.3" L x 0.8" W x 4.0" H -20 C to +55 C -40 C to +85 C 0 to 95% non-condensing 9-12 VDC 1 Amp Max per Insert Card Less than 10ms
11 oz
Local Monitoring Remote Monitoring
LED Status Indication Compatible with OptivaViewTM SNMP Management Suite
Passive Multiplexing Solutions Enclosures, Racks & Frames Power Supplies & Accessories
MADE IN THE USA
Sample Configuration


▲Up To Search▲   

 
Price & Availability of OTS-2DATR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X