Part Number Hot Search : 
LC7442E HD74H LC7442E P9630 OZ9972 LC7442E MC14022B K3500GAE
Product Description
Full Text Search
 

To Download MSR9R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Safeguarding Applications
Position (Limit) Interlocks
3 x Trojan, Bulletin 800, MSR9R/T, Bulletin 100S, Dual Channel
24V AC/DC, 110V AC, 230V AC Guard Closed
11 21 33
Trojan Interlock Switch
Start Momentary Push Button
K1 (Aux) K2 (Aux)
L1 L2 L3
12
22
34
Stop Momentary Push Button Trojan Interlock Switch
A1 S13 S21 31 13 23 X1
11
21
33
12
22
34
K1
Minotaur MSR9T Trojan Interlock Switch
A2 S14 S22 32 14 24 X2
K2
Auxiliary Circuit (Alarm or Indication)
11
21
33
Contact Protection e.g. Thermal Cut Out
12
22
34
Fuses
M
K1 K2
Bulletin 800 Latching E-Stop
Bulletin 100S or 700S
Circuit Status
Circuit shown with guard doors closed and ready for motor starting.
Operating Principle
Opening any of the guards will switch the input circuits (S13-S14 & S21-S22) to the Minotaur monitoring safety relay unit. The Minotaur output circuits (13-14 & 23-24) will cause the contactor to isolate the motor power.
Fault Detection
A single fault will not cause a loss of safety function. Safety critical single faults, except for those over a contact set of all but the first opened and last closed guard switches, will be detected at the next opening a guard. If either contactor K1or K2 sticks ON - the motor will stop on command due to the other contactor, but the Minotaur cannot be reset. A single fault detected on the Minotaur safety input circuits will result in the lock-out of the system to a safe state (OFF) at the next operation of the respective input device.
Comments
It is recommended that all guards and E-Stop switches are individually opened and closed on a regular basis to enable the Minotaur to prevent an accumulation of undetected faults. For some high risk applications, especially where the wiring cannot be fully protected against all potential damage, it may be necessary to install a Minotaur for each switch.
18-23


▲Up To Search▲   

 
Price & Availability of MSR9R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X