Part Number Hot Search : 
C51CC01U AS300DA KIA7727P PC1313HA DDZX9714 ICS8521 MOG2388C TA7280P
Product Description
Full Text Search
 

To Download LBN140A39 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 14MHz Bandwidth
Part Number: LBN140A39
www.sipatsaw.com
SIPAT Co., Ltd.
Features
For IF SAW filter High attenuation Single-ended operation Dual In-line Package No matching required for operation at 50 RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Center Frequency Insertion Loss 3 dB Bandwidth Passband Variation Absolute Delay f07.6MHz f07.8MHz Ultimate Rejection f08.2MHz f012.2MHz Material Temperature coefficient Substrate Material Ambient Temperature Operating Temperature Range Storage Temperature Range DC Voltage Input Power ESD Class Package Size Notes: 1. 2. 3. 4. All specifications are based on the test circuit shown; In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature; Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances; This is the optimum impedance in order to achieve the performance show.
Unit
MHz dB MHz dB usec dB dB dB dB KHz/C C C C V dBm -
Minimum
139.85 14.3 35 45 50 50
Typical
140 24.3 14.38 0.9 3.41 44 51 53 51 -13.16 YZ LN 25
Maximum
140.15 28 1.5 4 -
-40 -45 -
0 1A
+85 +105 10
DIP3512 (35.0x12.8x4.7mm3)
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN140A39 2009-08-10 1.0 Page 1/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 14MHz Bandwidth
Part Number: LBN140A39
www.sipatsaw.com
SIPAT Co., Ltd.
Matching Configuration
INPUT 50
OUTPUT 50
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
Package Dimension
35.00 0.50
Pad Configuration:
SIPAT LBN140A39 XXYYZZ
Input Output
1 5
12.80 0.50 4.70 0.50 4.50 0.50
Ground All Others
Marking Configuration: 1) SIPAT: Manufacturer Name 2) LBN140A39: Part Number 3) XXYY: Date(Year/month) 4) ZZ: Identified Code
0.45 0.05 2.54 0.20
7.62 0.20
3 6
Package: DIP3512
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
2 1
4 5
25.40 0.20
2.54 0.20
Unit: mm
Part Number Rev. Date Ver.
LBN140A39 2009-08-10 1.0 Page 2/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
140MHz SAW Filter 14MHz Bandwidth
Part Number: LBN140A39
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Response
Type Performance -14.2938 -24.2938 -34.2938
-23.7938 -22.7938
Passband Response
Type Performance
-23.2938
-44.2938 Magnitude(dB)
A m plitude ripple(dB )
-54.2938 -64.2938 -74.2938 -84.2938
-24.2938
-24.7938
-25.2938
-25.7938
-94.2938 -104.2938 -114.2938 115 120 125 130 135 140 145 Frequency(MHz) 150 155 160 165
-26.2938
-26.7938 120
125
130
135
140 Frequency(MHz)
145
150
155
160
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f07MHz)
Type Performance 3800 60 3700
Phase Linearity(f07MHz)
Type Performance
3600
40
3500
X: 133 Y: 3394 X: 140 Y: 3428
20
X: 133 Y: 4.741
X: 147 Y: 11.3
G roup Delay T im e(ns )
3400
X: 147 Y: 3333
D egree(deg)
0
X: 140 Y: -3.835
3300
3200
-20
3100 -40 3000 -60 2900
2800 130
132
134
136
138
140 Frequency(MHz)
142
144
146
148
150
-80 130
132
134
136
138
140 Frequency(MHz)
142
144
146
148
150
Horizontal: 2MHz/Div
Vertical: 100ns/Div
Horizontal: 2MHz/Div
Vertical: 20deg/Div
Smith Chart S11
+j1.0 +j0.5 +j2.0
Smith Chart S22
+j1.0 +j0.5 +j2.0
+j0.2
+j5.0
+j0.2
+j5.0
0.2
0.5
1.0
2.0
5.0
0.2
0.5
1.0
2.0
0.0
0.0
5.0
-j0.2
-j5.0
-j0.2
-j5.0
-j0.5 -j1.0
-j2.0
-j0.5 -j1.0
-j2.0
SIPAT Co., Ltd.
( CETC No.26 Research Institute ) #14 Nanping Huayuan Road, Chongqing, China, 400060 Tel: +86-23-62808818
Part Number Rev. Date Ver.
LBN140A39 2009-08-10 1.0 Page 3/3
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN140A39

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X