Part Number Hot Search : 
6154C BC337 00MD6 M168B 78P2243 100TS MAX2310 LS5060B
Product Description
Full Text Search
 

To Download KC847 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Transistor KC846A,B/KC847A,B,C/KC848A,B,C
(BC846A,B/BC847A,B,C/BC848A,B,C)
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
For Switching and AF Amplifier Applications
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
Ideally suited for automatic insertion
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter KC846 Collector-Base Voltage KC847 KC848 KC846 Collector-Emitter Voltage KC847 KC848 Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature VEBO IC PC TJ Tstg VCEO VCBO Symbol Rating 80 50 30 65 45 30 6 0.1 200 150 -65 to +150 V A mW V V Unit
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
KC846A,B/KC847A,B,C/KC848A,B,C
(BC846A,B/BC847A,B,C/BC848A,B,C)
Symbol KC846 Collector-base breakdown voltage KC847 KC848 KC846 Collector-emitter breakdown voltage KC847 KC848 Emitter-base Breakdown voltage KC846 Collector-base cutoff current KC847 KC848 KC846 Collector-emitter cutoff current KC847 KC848 Emitter-base cutoff current KC846A,847A,848A DC current gain KC846B,847B,848B KC847C,848C Collector-emitter saturation voltage Base-emitter saturation voltage Collector output capacitance Transition frequency VCE(sat) IC = 100 mA , IB = 5mA VBE(sat) IC = 100 mA , IB = 5mA Cob fT VCB=10V,f=1MHz hFE VCE = 5 V , IC = 2 mA IEBO ICEO ICBO VEBO IE = 10 iA , IC = 0 VCB = 70 V , IE = 0 VCB = 50 V , IE = 0 VCB =30 V , IE = 0 VCE = 70V , IB = 0 VCE = 50V , IB = 0 VCE = 30V , IB = 0 VEB = 5 V , IC = 0 VCEO IC = 10mA , IB = 0 VCBO IC = 10 iA , IE = 0 Testconditons
Transistors Diodes
Electrical Characteristics Ta = 25
Parameter Min 80 50 30 65 45 30 6 V V V Typ Max Unit
0.1
A
0.1
A
0.1 110 200 420 220 450 800 0.5 1.1 4.5
A
V V pF MHz
VCE = 5 V , IC = 10 mA , f = 100 100 MHz
Marking
NO. Marking NO. Marking NO. Marking KC846A 1A KC847A 1E KC848A 1J KC846B 1B KC847B 1F KC848B 1K KC847C 1G KC848C 1L
2
www.kexin.com.cn
SMD Type
KC846A,B/KC847A,B,C/KC848A,B,C
(BC846A,B/BC847A,B,C/BC848A,B,C)
Typical Characteristics
Transistors Diodes
Fig.1 Static Characteristic
Fig.2 Transfer Characteristic
Fig.3 DC Current Gain
Fig.4 Current Gain Bandwidth Product
Fig.5 Base Emitter Saturation Voltage Collector Emitter Saturation Voltage
Fig.6 Output Capacitance
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of KC847

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X