Part Number Hot Search : 
TC74LC TS7024 DTZ440 A5980C BZG05C33 ACPAZ 1N475 IPW60R
Product Description
Full Text Search
 

To Download KAM1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KAM10 SERIES
AC - DC POWER MODULE 10W UL / cUL / TUV / CE FEATURES
AC/DC POWER MODULE UNIVERSAL INPUT 85 ~ 265 VAC HIGH EFFICIENCY UP TO 78% SHORT CIRCUIT PROTECTION INTERNAL INPUT FILTER 2 YEARS WARRANTY
MODEL LIST
MODEL NO. INPUT VOLTAGE
85~265 VAC 85~265 VAC 85~265 VAC 85~265 VAC 85~265 VAC
OUTPUT OUTPUT WATTAGE VOLTAGE Single Output Models
10 WATTS 10 WATTS 10 WATTS 10 WATTS 10 WATTS +3.3 VDC + 5 VDC + 12 VDC + 15 VDC + 24 VDC
OUTPUT CURRENT
3000 mA 2000 mA 840 mA 670 mA 420 mA
EFF. (typ.)
70% 72% 77% 77% 78%
EFF. (min.)
67% 70% 75% 75% 76%
KAM1003 KAM1005 KAM1012 KAM1015 KAM1024
Dual Output Models
KAM1012D KAM1015D KAM10503D 85~265 VAC 85~265 VAC 85~265 VAC 10 WATTS 10 WATTS 10 WATTS 12 VDC 15 VDC + 5 /+ 3.3 VDC 420 mA 335 mA +0.8 / +2A 77% 77% 74% 75% 74% 72%
www.chinfa.com
sales@chinfa.com
KAM10 SERIES
AC - DC POWER MODULE
CIRCUIT SCHEMATIC
Block diagram for KAM10 series with single output
L
Fuse Line Filter
Inrush Current Switching Limiter and Device Rectifier
Rectifier
Vo +
N
Vo -
Control Circuit
Opto Isolation
Reference & Error Amp.
Trim
Block diagram for KAM10 series with dual output
L
Fuse Line Filter
Inrush Current Switching Limiter and Device Rectifier
Rectifier
Vo + com Vo -
N
Control Circuit
Opto Isolation
Reference & Error Amp.
Block diagram for KAM10503D
L
Fuse Line Filter
Inrush Current Switching Limiter and Device Rectifier
Rectifier
Regulator
LDO
5V
Rectifier
3.3V G
N
Control Circuit
Opto Isolation
Reference & Error Amp.
www.chinfa.com
sales@chinfa.com
KAM10 SERIES
AC - DC POWER MODULE
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25oC Unless Otherwise Noticed
GENERAL
Characteristics
Switching frequency Isolation voltage Isolation resistance Ambient temperature
Case temperature
Conditions
Vi nom, Io nom Input / Output Input / Output, @ 500VDC Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
min.
3,000 100 -20
typ.
100
max.
unit
KHz VAC M
+ 71
+ 80
o
C
Derating Storage temperature Relative humidity Dimension Cooling Case material
Vi nom, Io nom +51 to +71 C Non operational Vi nom, Io nom L76.2 x W50.8 x H22.6 Free air convection Plastic -40
o
2 +100 95
% / oC
o
C
% RH mm
INPUT SPECIFICATIONS
Characteristics
Rated input voltage Input voltage range Line frequency Inrush current Io nom Io nom Vi nom, Io nom Io nom Vi :115VAC
Vi : 230VAC
Conditions
AC in
DC in
min.
85 85 120 47
typ.
max.
265 265 370 63 10 18
unit
VAC VAC VDC Hz A A
OUTPUT SPECIFICATIONS
Characteristics
Output voltage accuracy Minimum load Line regulation Load regulation Transient recovery time Temperature coefficient Ripple & noise External trim ADJ. Range
(for single output only)
Conditions
Vi nom, Io nom Vi nom single output models
dual output models (each output)
min.
0 20
typ.
max.
2
unit
% % %
Io nom, Vi min ...Vi max Vi nom, Io min ...Io nom single output models
dual output models
1 2 2
1,000 0.02
% % % S % / oC mV mV %
Vi nom, Io nom = 1 Vi nom, Io nom Vi nom, Io nom, BW = 20MHz 1) Io =5% ...100% Vi nom, Io nom, Po / Pi
0.5 Io nom
3.3V models 5V ...24V models
100
Vout x -10 Up to 78%, See model list 1% p-p max. +10
Efficiency
NOTE 1 : Pls refer to Fig 1 & Table 1 for connection and resistance recommended.
CONTROL AND PROTECTION
Input fuse Output short circuit T2A / 250VAC internal By current limited
APPROVALS AND STANDARDS
UL / cUL TUV CE UL1950 EN60950 EN55022 class B for EMI EN50082-1 for EMS
www.chinfa.com sales@chinfa.com
KAM10 SERIES
AC - DC POWER MODULE
MECHANISM & PIN CONFIGURATION
mm [inch]
12.70 [0.50]
50.80 [2.00] 25.40 [1.00] 12.70 [0.50] 5.10 [0.20]
BURL AT 4 CORNER
50.80 [2.00]
1
2
18.60 [0.73]
TP 3 x 8
22.60 [0.89]
37.30 [1.473] 76.20 [3.00]
4.5 [0.18]
DIA 1.00 [0.04]
4 6
5.10 [0.20] 20.30 [0.80] BOTTOM VIEW
5
3
10.10 [0.40] 5.10 [0.20] 7.60 [0.30] 20.30 [0.80]
PHYSICAL CHARACTERISTICS
CASE SIZE CASE MATERIAL WEIGHT Plastic 160 g
76.2 x 50.8 x 22.6 mm 3 x 2 x 0.89 inches
PIN ASSIGNMENT
GENERAL
PIN NO. SINGLE DUAL 1 AC IN AC IN 2 AC IN AC IN 3 Vo Vo - or +3.3V 4 Trim NO PIN 5 NO PIN com 6 Vo + Vo + or +5V
DERATING
100 Power out [ % ]
Fig. 1 Trim connection (For single output only)
6
60
Vo + Rext 1 Trim
6 4 3
Vo +
4 3
Trim Rext 2 Vo -
Vo -
0 -20
Temperature [ oC ]
51
71
Table 1 Typical resistor values for various output voltage adjustment settings Type
KAM 1003 KAM 1005 KAM 1012 KAM 1015 KAM 1024
www.chinfa.com
Rext 1
Uo nom -5%
180K 39K 51K 150K 130K
Rext 2
Uo nom -10%
56K 15K 20K 68K 56K
Uo nom +5%
100K 9.1K 10K 20K 12K
Uo nom +10%
20K 2.2K 2K 4.7K 2K sales@chinfa.com


▲Up To Search▲   

 
Price & Availability of KAM1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X