Part Number Hot Search : 
MPC83 STF20120 GP2S01 GS138K PNA4611 623U1 M1Z10 P2103NV
Product Description
Full Text Search
 

To Download JCP4012S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
40 Watts JCP Series
* * * * * * * 2:1 Input Range Single, Dual & Triple Outputs
xppower.com
-40 C to +100 C Operating Temperature High Efficiency up to 92% Six-sided Metal Case Fixed 350 kHz Switching Frequency Continuous Short Circuit Protection
Specification
Input
Input Voltage Range * 12 VDC (9-18 VDC) 24 VDC (18-36 VDC) 48 VDC (36-75 VDC) * See table * Pi network * Turn on >71% nominal input Turn off <67% nominal input
General
Efficiency Isolation Voltage * See table * 1500 VDC Input to Output 1500 VDC Input to Case Output return connected to case * 350 kHz typical * >600 kHrs to MIL-STD-217F
Input Current Input Filter Undervoltage Lockout
Switching Frequency MTBF
Environmental Output
Output Voltage Output Voltage Trim Minimum Load Line Regulation * * * * See table 10% See table 0.5% max for single & dual outputs, 1.0% max for V1 of triple outputs, 5.0% for V2 & V3 0.5% max single & dual outputs, 2.0% max for V1 of triple outputs, 5.0% for V2 & V3 1.5% max 2.0% max 2.5, 3.3 & 5.0 V models 50 mV pk-pk max 12.0 & 15.0 V models 75 mV pk-pk max (20 MHz bandwidth) 5% max deviation, recovery to within 1% in 300 s for a 25% load change 0.02%/C Operating Temperature * -40 C to +100 C, derate from 100% load at +60 C to 0% load at +100 C Case Temperature Storage Temperature Cooling Operating Humidity Shock Vibration +100 C max -55 C to +125 C Convection-cooled Up to 90%, non-condensing 30 g, half sine wave 18 ms pulse applied 3 times on each of 6 axes * 5-500 Hz, 3 g, for 10 mins on each of 3 axes * * * * *
Load Regulation
*
Setpoint Accuracy Voltage Balance Ripple & Noise
* * *
EMC
Emissions * EN55022 Level A conducted & radiated with external components - contact technical sales * EN61000-4-2, Level 2 Perf Criteria A * EN61000-4-3, 3 V/m Perf Criteria A * EN61000-4-6, 3 V rms Perf Criteria A
Transient Response
*
Temperature * Coefficient Overvoltage Protection * 2.5 V models 3.6 V typical, 3.3 V models 3.9 V typical, 5.0 V models 6.2 V typical, 12.0 V models 15.0 V typical, 15.0 V models 18.0 V typical Overcurrent Protection * 110-140% Short Circuit Protection * Continuous, trip & restart (Hiccup mode) Remote On/Off * ON >3.5 VDC or open circuit OFF <1.8 VDC Thermal Protection * Shuts down when case temperature measures +110 C typical Remote Sense * Compensates for up to 10% voltage drop single output models only
ESD Immunity Radiated Immunity Conducted Immunity
DC-DC
Models and Ratings
Input Voltage Output Voltage 2.5 3.3 5.0 12.0 15.0 12.0 15.0 3.3 V/12.0 3.3 V/15.0 5.0 V/12.0 5.0 V/15.0 2.5 3.3 5.0 12.0 15.0 12.0 15.0 3.3 V/12.0 3.3 V/15.0 5.0 V/12.0 5.0 V/15.0 2.5 3.3 5.0 12.0 15.0 12.0 15.0 3.3 V/12.0 3.3 V/15.0 5.0 V/12.0 5.0 V/15.0 V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V V Output Current Max 0A 10.00 0A 10.00 0A 8.80 0A 3.33 0A 2.66 0.09 A 1.80 0.07 A 1.40 A/0.04 A 6.00 A/0.40 A/0.03 A 6.00 A/0.30 A/0.04 A 6.00 A/0.40 A/0.03 A 6.00 A/0.30 0A 10.00 0A 10.00 0A 8.80 0A 3.33 0A 2.66 0.09 A 1.80 0.07 A 1.40 A/0.04 A 6.00 A/0.40 A/0.03 A 6.00 A/0.30 A/0.04 A 6.00 A/0.40 A/0.03 A 6.00 A/0.30 0A 10.00 0A 10.00 0A 8.80 0A 3.33 0A 2.66 0.09 A 1.80 0.07 A 1.40 A/0.04 A 6.00 A/0.40 A/0.03 A 6.00 A/0.30 A/0.04 A 6.00 A/0.40 A/0.03 A 6.00 A/0.30 Min A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Input Current(2) No Load Full Load 200 mA 2422 mA 200 mA 3161 mA 200 mA 3745 mA 200 mA 3703 mA 200 mA 3702 mA 100 mA 4186 mA 100 mA 4070 mA 200 mA 2917 mA 200 mA 2857 mA 200 mA 3837 mA 200 mA 3779 mA 100 mA 1184 mA 100 mA 1545 mA 110 mA 1831 mA 100 mA 1811 mA 100 mA 1810 mA 100 mA 2069 mA 100 mA 2011 mA 100 mA 1441 mA 100 mA 1412 mA 100 mA 1897 mA 100 mA 1868 mA 50 mA 599 mA 50 mA 781 mA 60 mA 926 mA 60 mA 916 mA 60 mA 906 mA 50 mA 1034 mA 50 mA 1006 mA 50 mA 712 mA 50 mA 698 mA 50 mA 938 mA 50 mA 923 mA Efficiency 86% 87% 89% 90% 90% 86% 86% 84% 84% 86% 86% 88% 89% 91% 92% 92% 87% 87% 85% 85% 87% 87% 87% 88% 90% 91% 92% 87% 87% 86% 86% 88% 88%
JCP
Model Number(1) JCP4012S2V5 JCP4012S3V3 JCP4012S05 JCP4012S12 JCP4012S15 JCP4012D12 JCP4012D15 JCP4012T0312 JCP4012T0315 JCP4012T0512 JCP4012T0515 JCP4024S2V5 JCP4024S3V3 JCP4024S05 JCP4024S12 JCP4024S15 JCP4024D12 JCP4024D15 JCP4024T0312 JCP4024T0315 JCP4024T0512 JCP4024T0515 JCP4048S2V5 JCP4048S3V3 JCP4048S05 JCP4048S12 JCP4048S15 JCP4048D12 JCP4048D15 JCP4048T0312 JCP4048T0315 JCP4048T0512 JCP4048T0515
9-18 V
0.60 0.60 0.60 0.60
18-36 V
0.60 0.60 0.60 0.60
36-75 V
0.60 0.60 0.60 0.60
Notes
1. Add suffix `-N' to model number for negative logic Remote On/Off. 2. Input current measured at nominal input voltage.
2.0 (50.8) 1.15 (29.2) 0.40 (10.2) 0.20 (5.1) 0.40 (10.2)
Mechanical Details
All dimensions are in inches (mm) Weight: 65 g (0.14 lbs)
PIN CONNECTIONS Single Dual Triple +V Input +V Input +V Input -V Input -V Input -V Input On/Off On/Off On/Off NC NC +Aux. Output -Sense +V Output 1 Rtn +Sense Rtn -Aux. Output +Vout Rtn +V Output 1 Rtn -V Output 2 Rtn Trim Trim NC
Pin 1 2 3 4 5 6 7 8 9
BOTTOM VIEW
9 0.10 (2.5) 0.30 (7.6)
8
7
6
5
4
DIA. 0.040.002 (1.00.05)
3
2
1
1.80 (45.7)
2.0 (50.8)
0.22 (5.6) 0.60 (15.2) 0.80 (20.3) 0.20 (5.1) 0.50 (12.7)
Application Notes
Derating Curve
100 80
Load (%)
Remote On/Off Control
Standard ROF logic is positive. Output On >3.5 VDC or open circuit Output Off <1.8 VDC Optional ROF logic is negative (`-N' version). Output On <1.8 VDC Output Off >3.5 VDC or open circuit
Remote Sense
If remote sense is not being used: +Sense should be connected to +Vout -Sense should be connected to -Vout.
-2.5%/C
60 40 20 0 -40 -20
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature (C) Natural convection, 20 ft/min (0.1 m/s) Maximum case temperature 100 C
17-Apr-07


▲Up To Search▲   

 
Price & Availability of JCP4012S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X