Part Number Hot Search : 
G4BC15U B1201UA4 AM2520 MB9124 170M5668 GC2520 1337M1 MBT440
Product Description
Full Text Search
 

To Download ISL2108010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 300nA NanoPower Voltage References
ISL21080
The ISL21080 analog voltage references feature low supply voltage operation at ultra-low 310nA typ, 1.5A max operating current. Additionally, the ISL21080 family features guaranteed initial accuracy as low as 0.2% and 50ppm/C temperature coefficient. These references are ideal for general purpose portable applications to extend battery life at lower cost. The ISL21080 is provided in the industry standard 3 Ld SOT-23 pinout. The ISL21080 output voltages can be used as precision voltage sources for voltage monitors, control loops, standby voltages for low power states for DSP, FPGA, Datapath Controllers, microcontrollers and other core voltages: 0.9V, 1.024V, 1.25V, 1.5V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V and 5.0V. Special Note: Post-assembly x-ray inspection may lead to permanent changes in device output voltage and should be minimized or avoided. For further information, please see "Applications Information" on page 14 and AN1533, "X-Ray Effects on Intersil FGA References".
ISL21080
Features
* Reference Output Voltage . . . . . 0.900V, 1.024V, 1.250V, 1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V, 5.000V * Initial Accuracy: ISL21080-09 and -10 . . . . . . . . . . . . . . . . . . 0.7% ISL21080-12 . . . . . . . . . . . . . . . . . . . . . . . . 0.6% ISL21080-15. . . . . . . . . . . . . . . . . . . . . . . . . 0.5% ISL21080-20 and -25 . . . . . . . . . . . . . . . . . . 0.3% ISL21080-30, -33, -41, and -50 . . . . . . . . 0.2%
* Input Voltage Range: - ISL21080-09. . . . . . . . . . . . . . . . . . . . . 2.0V to 5.5V - ISL21080-10, -12, -15, -20 and -25 . . . . .2.7V to 5.5V - ISL21080-30. . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V - ISL21080-33. . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V - ISL21080-41. . . . . . . . . . . . . . . . . . . . . 4.5V to 8.0V - ISL21080-50. . . . . . . . . . . . . . . . . . 5.5V to 8.0V * Output Voltage Noise . . . . 30VP-P (0.1Hz to 10Hz) * Supply Current. . . . . . . . . . . . . . . . . . 1.5A (Max) * Tempco . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/C * Output Current Capability . . . . . . . . . . . . . . 7mA * Operating Temperature Range . . . . -40C to +85C * Package . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23 * Pb-Free (RoHS compliant)
Applications*(see page 20)
* Energy Harvesting Applications * Wireless Sensor Network Applications * Low Power Voltage Sources for Controllers, FPGA, ASICs or Logic Devices * Battery Management/Monitoring * Low Power Standby Voltages * Portable Instrumentation * Consumer/Medical Electronics * Wearable Electronics * Lower Cost Industrial and Instrumentation * Power Regulation Circuits * Control Loops and Compensation Networks * LED/Diode Supply
500
Related Literature*(see page 20)
* See AN1494, "Reflow and PC Board Assembly Effects on Intersil FGA References" * See AN1533, "X-Ray Effects on Intersil FGA References"
UNIT 1 400 UNIT 2 IN (nA) 300 200 100 0 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 VIN (V) UNIT 3
FIGURE 1. IIN vs VIN, 3 UNITS
May 25, 2010 FN6934.4
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. FGA is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL21080
Pin Configuration
ISL21080 (3 LD SOT-23) TOP VIEW
VIN 1 3 GND VOUT 2
Pin Descriptions
PIN NUMBER 1 2 3 PIN NAME VIN VOUT GND DESCRIPTION Input Voltage Connection. Voltage Reference Output Ground Connection
Ordering Information
PART NUMBER (Notes 1, 2) ISL21080DIH309Z-TK ISL21080DIH310Z-TK ISL21080DIH312Z-TK ISL21080CIH315Z-TK ISL21080CIH320Z-TK ISL21080CIH325Z-TK ISL21080CIH330Z-TK ISL21080CIH333Z-TK ISL21080CIH341Z-TK ISL21080CIH350Z-TK NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21080. For more information on MSL please see techbrief TB363. PART MARKING BCLA BCMA BCNA BCDA BCPA BCRA BCSA BCTA BCVA BCWA VOUT OPTION (V) 0.9 1.024 1.25 1.5 2.048 2.5 3.0 3.3 4.096 5.0 GRADE (%) 0.7 0.7 0.6 0.5 0.3 0.3 0.2 0.2 0.2 0.2 TEMP. RANGE (C) -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 -40 to +85 PACKAGE Tape & Reel (Pb-Free) 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 3 Ld SOT-23 PKG. DWG. # P3.064 P3.064 P3.064 P3.064 P3.064 P3.064 P3.064 P3.064 P3.064 P3.064
2
FN6934.4 May 25, 2010
ISL21080
Absolute Maximum Ratings
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V VIN to GND (ISL21080-41 and 50 only) . . . -0.5V to +10V VOUT to GND (10s) . . . . . . . . . . . . . . -0.5V to VOUT +1V VOUT to GND (10s) ISL21080-41 and 50 only . . . . . . . . . . -0.5V to +5.1V ESD Ratings Human Body Model (Tested to JESD22-A114) . . . . . . . 5kV Machine Model (Tested to JESD22-A115) . . . . . . . . . 500V Charged Device Model (Tested to JESD22-C101) . . . . . 2kV Latch Up (Tested per JESD-78B; Class 2, Level A) . . . 100mA
Thermal Information
Thermal Resistance (Typical, Notes 5, 6) JA (C/W) JC (C/W) 3 Lead SOT-23 . . . . . . . . . . . . . . . 275 110 Maximum Junction Temperature . . . . . . . . . . . . . . . +107C Continuous Power Dissipation (TA = +85C). . . . . . . . 99mW Storage Temperature Range . . . . . . . . . . . -65C to +150C Pb-Free Reflow Profile (Note 7) . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature. . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Environmental Operating Conditions
X-Ray Exposure (Note 4). . . . . . . . . . . . . . . . . . . .10mRem
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 4. Measured with no filtering, distance of 10" from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure levels should be analyzed for Output Voltage drift effects. See "Applications Information" on page 14. 5. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. For JC, the "case temp" location is taken at the package top center. 7. Post-reflow drift for the ISL21080 devices will range from 100V to 1.0mV based on experimental results with devices on FR4 double sided boards. The design engineer must take this into account when considering the reference voltage after assembly. 8. Post-assembly x-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. Initial accuracy can change 10mV or more under extreme radiation. Most inspection equipment will not affect the FGA reference voltage, but if x-ray inspection is required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred.
Electrical Specifications
(ISL21080-09, VOUT = 0.9V) VIN = 3.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 0.9 -0.7 +0.7 50 2.0 0.35 2V < VIN < 5.5V Sourcing: 0mA IOUT 10mA Sinking: -10mA IOUT 0mA 30 6 23 30 1 -40 40 10 1.1 100 60 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
ISC tR
Short Circuit Current Turn-on Settling Time Ripple Rejection
TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +125C TA = +25C
eN VN
Output Voltage Noise Broadband Voltage Noise Noise Density
VOUT/TA VOUT/t
Thermal Hysteresis (Note 10) Long Term Stability (Note 11)
3
FN6934.4 May 25, 2010
ISL21080
Electrical Specifications
(ISL21080-10, VOUT = 1.024V) VIN = 3.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 1.024 -0.7 +0.7 50 2.7 0.31 2.7V < VIN < 5.5V Sourcing: 0mA IOUT 7mA Sinking: -7mA IOUT 0mA ISC tR Short Circuit Current Turn-on Settling Time Ripple Rejection eN VN Output Voltage Noise Broadband Voltage Noise Noise Density VOUT/TA VOUT/t Thermal Hysteresis (Note 10) Long Term Stability (Note 11) TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C 80 25 50 50 4 -40 30 52 2.2 100 50 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
Electrical Specifications
(ISL21080-12, VOUT = 1.25V) VIN = 3.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 1.25 -0.6 +0.6 50 2.7 0.31 2.7V < VIN < 5.5V Sourcing: 0mA IOUT 7mA Sinking: -7mA IOUT 0mA 80 25 50 50 4 -40 30 52 1.1 100 50 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
ISC tR
Short Circuit Current Turn-on Settling Time Ripple Rejection
TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C
eN VN
Output Voltage Noise Broadband Voltage Noise Noise Density
VOUT/TA VOUT/t
Thermal Hysteresis (Note 10) Long Term Stability (Note 11)
4
FN6934.4 May 25, 2010
ISL21080
Electrical Specifications
(ISL21080-15, VOUT = 1.5V) VIN = 3.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 1.5 -0.5 +0.5 50 2.7 0.31 2.7V < VIN < 5.5V Sourcing: 0mA IOUT 7mA Sinking: -7mA IOUT 0mA ISC tR Short Circuit Current Turn-on Settling Time Ripple Rejection eN VN Output Voltage Noise Broadband Voltage Noise Noise Density VOUT/TA VOUT/t Thermal Hysteresis (Note 10) Long Term Stability (Note 11) TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C 80 10 50 50 4 -40 30 52 1.1 100 50 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
Electrical Specifications
(ISL21080-20, VOUT = 2.048V) VIN = 3.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 2.048 -0.3 +0.3 50 2.7 0.31 2.7V < VIN < 5.5V Sourcing: 0mA IOUT 7mA Sinking: -7mA IOUT 0mA 80 25 50 50 4 -40 30 52 1.1 100 50 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
ISC tR
Short Circuit Current Turn-on Settling Time Ripple Rejection
TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C
eN VN
Output Voltage Noise Broadband Voltage Noise Noise Density
VOUT/TA VOUT/t
Thermal Hysteresis (Note 10) Long Term Stability (Note 11)
5
FN6934.4 May 25, 2010
ISL21080
Electrical Specifications
(ISL21080-25, VOUT = 2.5V) VIN = 3.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 2.5 -0.3 +0.3 50 2.7 0.31 2.7V < VIN < 5.5V Sourcing: 0mA IOUT 7mA Sinking: -7mA IOUT 0mA ISC tR Short Circuit Current Turn-on Settling Time Ripple Rejection eN VN Output Voltage Noise Broadband Voltage Noise Noise Density VOUT/TA VOUT/t Thermal Hysteresis (Note 10) Long Term Stability (Note 11) TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C 80 25 50 50 4 -40 30 52 1.1 100 50 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
Electrical Specifications
(ISL21080-30, VOUT = 3.0V) VIN = 5.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 3.0 -0.2 +0.2 50 3.2 0.31 3.2V < VIN < 5.5V Sourcing: 0mA IOUT 7mA Sinking: -7mA IOUT 0mA 80 25 50 50 4 -40 30 52 1.1 100 50 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
ISC tR
Short Circuit Current Turn-on Settling Time Ripple Rejection
TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C
eN VN
Output Voltage Noise Broadband Voltage Noise Noise Density
VOUT/TA VOUT/t
Thermal Hysteresis (Note 10) Long Term Stability (Note 11)
6
FN6934.4 May 25, 2010
ISL21080
Electrical Specifications
(ISL21080-33, VOUT = 3.3V) VIN = 5.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 3.3 -0.2 +0.2 50 3.5 0.31 3.5 V < VIN < 5.5V Sourcing: 0mA IOUT 10mA Sinking: -10mA IOUT 0mA ISC tR Short Circuit Current Turn-on Settling Time Ripple Rejection eN VN Output Voltage Noise Broadband Voltage Noise Noise Density VOUT/TA VOUT/t Thermal Hysteresis (Note 10) Long Term Stability (Note 11) TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C 80 25 50 50 4 -40 30 52 1.1 100 50 5.5 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
Electrical Specifications
(ISL21080-41 VOUT = 4.096V) VIN = 5.0V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 4.096 -0.2 +0.2 50 4.5 0.5 4.5 V < VIN < 8.0V Sourcing: 0mA IOUT 10mA Sinking: -10mA IOUT 0mA 80 10 20 80 4 -40 30 52 1.1 100 50 8.0 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
ISC tR
Short Circuit Current Turn-on Settling Time Ripple Rejection
TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C
eN VN
Output Voltage Noise Broadband Voltage Noise Noise Density
VOUT/TA VOUT/t
Thermal Hysteresis (Note 10) Long Term Stability (Note 11)
7
FN6934.4 May 25, 2010
ISL21080
Electrical Specifications
(ISL21080-50 VOUT = 5.0V) VIN = 6.5V, TA = -40C to +85C, IOUT = 0, unless otherwise specified. Boldface limits apply over the operating temperature range, -40C to +85C. CONDITIONS MIN (Note 12) TYP 5.0 -0.2 +0.2 50 5.5 0.5 5.5 V < VIN < 8.0V Sourcing: 0mA IOUT 10mA Sinking: -10mA IOUT 0mA ISC tR eN VN VOUT/TA VOUT/t NOTES: 9. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the temperature range; in this case, -40C to +85C = +125C. 10. Thermal Hysteresis is the change of VOUT measured @ TA = +25C after temperature cycling over a specified range, TA. VOUT is read initially at TA = +25C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25C. The difference between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For TA = +125C, the device under test is cycled from +25C to +85C to -40C to +25C. 11. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately 10ppm/1khrs. 12. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested. Short Circuit Current Turn-on Settling Time Ripple Rejection Output Voltage Noise Broadband Voltage Noise Noise Density Thermal Hysteresis (Note 10) Long Term Stability (Note 11) TA = +25C, VOUT tied to GND VOUT = 0.1% with no load f = 120Hz 0.1Hz f 10Hz 10Hz f 1kHz f = 1kHz TA = +165C TA = +25C 80 10 20 80 4 -40 30 52 1.1 100 50 8.0 1.5 350 100 350 MAX (Note 12) UNIT V % ppm/C V A V/V V/mA V/mA mA ms dB VP-P VRMS V/Hz ppm ppm
PARAMETER VOUT VOA TC VOUT VIN IIN VOUT /VIN VOUT/IOUT
DESCRIPTION Output Voltage VOUT Accuracy @ TA = +25C (Notes 7, 8) Output Voltage Temperature Coefficient (Note 9) Input Voltage Range Supply Current Line Regulation Load Regulation
Typical Performance Characteristics Curves
0.6 0.5 0.4 IIN (A) 0.3 0.2 0.1 0 2.0 LOW TYP IIN (A) HIGH 0.6 0.5 0.4 0.3 0.2 0.1 0 2.0
VOUT = 0.9V, VIN = 3.0V, IOUT = 0mA, TA = +25C unless otherwise specified.
+85C
-40C
+25C
2.4
2.8
3.2
3.6 4.0 VIN (V)
4.4
4.8
5.2
2.4
2.8
3.2
3.6 4.0 VIN (V)
4.4
4.8
5.2
FIGURE 2. IIN vs VIN, 3 UNITS
FIGURE 3. IIN vs VIN OVER-TEMPERATURE
8
FN6934.4 May 25, 2010
ISL21080
Typical Performance Characteristics Curves
0.90020 VOUT (V) NORMALIZED TO 0.9V AT VIN = 3.0V 0.90015 0.90010 0.90005 0.90000 0.89995 0.89990 0.89985 0.89980 2.0 2.4 2.8 3.2 3.6 4.0 VIN (V) 4.4 4.8 5.2 TYP HIGH LOW VOUT (V) NORMALIZED TO 200 150 TO VIN = 3.0V 100 50 0 -50
VOUT = 0.9V, VIN = 3.0V, IOUT = 0mA, TA = +25C unless otherwise specified.
+85C
-100 -150 2.0
-40C
+25C
2.4
2.8
3.2
3.6 4.0 VIN (V)
4.4
4.8
5.2
FIGURE 4. LINE REGULATION, 3 UNITS
FIGURE 5. LINE REGULATION OVER-TEMPERATURE
0.9010 NORMALIZED TO +25C LOW VOUT (mV) TYP 0.9000 HIGH 0.8995
200 150
0.9005
100 50 0 -50 -100 -150
VIN = +0.3V
VOUT (V)
VIN = -0.3V
0.8990 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 TEMPERATURE (C)
-200
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 TIME (s)
FIGURE 6. VOUT vs TEMPERATURE NORMALIZED to +25C
FIGURE 7. LINE TRANSIENT RESPONSE, WITH CAPACITIVE LOAD
200 150 100 VOUT (mV)
VOUT (V)
VIN = +0.3V
500 +85C
50 0 -50 -100 -150 -200 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 TIME (s) VIN = -0.3V
0
-40C
+25C -500 -10-9 -8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 9 10 SINKING LOAD (mA) SOURCING
FIGURE 8. LINE TRANSIENT RESPONSE
FIGURE 9. LOAD REGULATION OVER-TEMPERATURE
9
FN6934.4 May 25, 2010
ISL21080
Typical Performance Characteristics Curves
1000 800 600 VOUT (mV) 400 200 0 -200 -400 -600 -800 -1000 0 1 2 ILOAD = -7mA 3 4 5 6 TIME (ms) 7 8 9 10 ILOAD = +7mA VOUT (mV) 500 400 300 200 100 0 -100 -200 -300 -400 -500 0 1 2
VOUT = 0.9V, VIN = 3.0V, IOUT = 0mA, TA = +25C unless otherwise specified.
ILOAD = +50A
ILOAD = -50A
3
4 5 6 TIME (ms)
7
8
9
10
FIGURE 10. LOAD TRANSIENT RESPONSE
FIGURE 11. LOAD TRANSIENT RESPONSE
1.6 1.4 1.2 VOUT (V) VOUT (V) 1.0 0.8 0.6 0.4 0.2 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 NO LOAD 7mA
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 0.3 0.6 0.9 TIME (ms) 1.2 1.5 LOW VDD TYP HIGH
VIN (V)
FIGURE 12. DROPOUT
FIGURE 13. TURN-ON TIME
Typical Performance Characteristics Curves
500 UNIT 1 400 UNIT 2 IN (nA) UNIT 3 IN (nA) 300 300 400 500
VOUT = 1.5V, VIN = 3.0V, IOUT = 0mA, TA = +25C unless otherwise specified.
+85C
-40C 200
+25C
200
100
100
0 2.7
3.1
3.5
3.9 4.3 VIN (V)
4.7
5.1
5.5
0 2.7
3.1
3.5
3.9 4.3 VIN (V)
4.7
5.1
5.5
FIGURE 14. IIN vs VIN, 3 UNITS
FIGURE 15. IIN vs VIN OVER-TEMPERATURE
10
FN6934.4 May 25, 2010
ISL21080
Typical Performance Characteristics Curves
VOUT (V) (NORMAILIZED TO 1.5V AT VIN = 3V) 1.50020 VOUT (V) (NORMALIZED TO VIN = 3V) 1.50015 1.50010 1.50005 1.50000 1.49995 1.49990 1.49985 1.49980 2.7 3.1 3.5 3.9 4.3 VIN (V) 4.7 5.1 5.5 UNIT 3 UNIT 2 UNIT 1 150 125 100 75 50 25 0 -25 -50 -75 -100 -125 -150 2.7 3.1
VOUT = 1.5V, VIN = 3.0V, IOUT = 0mA, TA = +25C unless otherwise specified.
+25C
+85C
-40C
3.5
3.9 4.3 VIN (V)
4.7
5.1
5.5
FIGURE 16. LINE REGULATION, 3 UNITS
FIGURE 17. LINE REGULATION OVER-TEMPERATURE
1.5005 1.5004 1.5003 1.5002 V OUT (V) 1.5001 1.5000 1.4999 1.4998 1.4997 1.4996 1.4995 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 VIN(V) UNIT 2
C L = 500pF V IN = 0.3V 50mV/DIV
UNIT 1 UNIT 3
V IN = -0.3V
1ms/DIV
FIGURE 18. VOUT vs TEMPERATURE NORMALIZED to +25C
FIGURE 19. LINE TRANSIENT RESPONSE, WITH CAPACITIVE LOAD
900
C L = 0pF V IN = 0.3V
700 500 300 100 0 -100 -300 -500
1ms/DIV
50mV/DIV
VOUT (V)
+25C
-40C +85C
V IN = -0.3V
-7 -6 -5 -4 -3 -2 -1 0
1
2
3
4
5
6
7
SINKING
OUTPUT CURRENT
SOURCING
FIGURE 20. LINE TRANSIENT RESPONSE
FIGURE 21. LOAD REGULATION OVER-TEMPERATURE
11
FN6934.4 May 25, 2010
ISL21080
Typical Performance Characteristics Curves
VOUT = 1.5V, VIN = 3.0V, IOUT = 0mA, TA = +25C unless otherwise specified.
500mV/DIV
100mV/DIV
IL = 7mA
IL = 50A
IL = -7mA
IL = -50A
2ms/DIV
1ms/DIV
FIGURE 22. LOAD TRANSIENT RESPONSE
FIGURE 23. LOAD TRANSIENT RESPONSE
1.52 1.50 1.48 VOUT (V) 1.46 1.44 1.42 1.40 1.38 1.5 7mA LOAD VOLTAGE (V) NO LOAD
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 UNIT 3 UNIT 2 0.5 1.0 1.5 2.0 2.5 3.0 3.5 TIME (ms) 4.0 4.5 5.0 VIN UNIT 1
2.0
2.5
3.0
3.5 4.0 VIN (V)
4.5
5.0
5.5
FIGURE 24. DROPOUT
FIGURE 25. TURN-ON TIME
160 140 120
NO LOAD
0 NO LOAD -10 -20 PSRR (dB) 1nF -30 -40 -50 100nF 10nF 1nF
ZOUT ()
100 80 60 40 20 0 10 100 100nF 1k 10k FREQUENCY (Hz) 10nF
-60 100k 1M -70 10 100 1k 10k FREQUENCY (Hz) 100k 1M
FIGURE 26. ZOUT vs FREQUENCY
FIGURE 27. PSRR vs FREQUENCY
12
FN6934.4 May 25, 2010
ISL21080
Typical Performance Characteristics Curves
1.6 1.4 1.2 VOUT (V) VOUT (V) 1.0 0.8 0.6 0.4 0.2 0 1.2 1.4 1.6 1.8 2.0 2.2 VIN (V) 2.4 2.6 2.8 3.0 NO LOAD 7mA 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1.3 1.5
TA = +25C unless otherwise specified.
NO LOAD
7mA
1.7
1.9
2.1 2.3 VIN (V)
2.5
2.7
2.9
FIGURE 28. DROPOUT, ISL21080-10
FIGURE 29. DROPOUT, ISL21080-12
3.0 2.9 2.8 2.7 VOUT (V) 2.6 2.5 2.4 2.3 2.2 2.1 2.0 2.5 2.7 2.9 3.1 VIN (V) 3.3 3.5 VOUT (V) NO LOAD 7mA
3.3 3.2 3.1 3.0 2.9 2.8 2.7 3.0
NO LOAD
7mA
3.2
3.4 3.6 VIN (V)
3.8
4.0
FIGURE 30. DROPOUT, ISL21080-25
FIGURE 31. DROPOUT, ISL21080-30
3.6 3.5 3.4 3.3 3.2 3.1 3.0 3.3 VOUT (V)
4.3 4.2 4.1 4.0 3.9 3.8 3.5 3.7 3.9 VIN (V) 4.1 4.3 4.5 3.7 4.1
NO LOAD
7mA
NO LOAD
7mA
VOUT (V)
4.3
4.5 4.7 VIN (V)
4.9
5.1
FIGURE 32. DROPOUT, ISL21080-33
FIGURE 33. DROPOUT, ISL21080-41
13
FN6934.4 May 25, 2010
ISL21080
Typical Performance Characteristics Curves
5.3 5.2 5.1 VOUT (V) 5.0 4.9 4.8 4.7 5.0 NO LOAD 7mA
TA = +25C unless otherwise specified.
5.2
5.4
5.6
5.8
6.0
VIN (V)
FIGURE 34. DROPOUT, ISL21080-50
High Current Application
1.502 1.502 VIN = 5V 1.500 VIN = 5V 1.500
VREF (V)
VIN = 3.5V
VREF (V)
1.498
1.498
VIN = 3.5V
1.496 VIN = 3.3V
1.496 VIN = 3.3V 1.494
1.494
1.492
0
5
10
15
20
25
30
35
1.492
0
5
10
15
20
25
30
35
ILOAD (mA)
ILOAD (mA)
FIGURE 35. DIFFERENT VIN AT ROOM TEMPERATURE
FIGURE 36. DIFFERENT VIN AT HIGH TEMPERATURE (+85C)
Applications Information
FGA Technology
The ISL21080 series of voltage references use the floating gate technology to create references with very low drift and supply current. Essentially, the charge stored on a floating gate cell is set precisely in manufacturing. The reference voltage output itself is a buffered version of the floating gate voltage. The resulting reference device has excellent characteristics which are unique in the industry: very low temperature drift, high initial accuracy, and almost zero supply current. Also, the reference voltage itself is not limited by voltage bandgaps or zener settings, so a wide range of reference voltages can be programmed (standard voltage settings are provided, but customer-specific voltages are available). The process used for these reference devices is a floating gate CMOS process, and the amplifier circuitry uses CMOS transistors for amplifier and output transistor circuitry. While providing excellent accuracy, there are limitations in 14
output noise level and load regulation due to the MOS device characteristics. These limitations are addressed with circuit techniques discussed in other sections.
Board Assembly Considerations
FGA references provide high accuracy and low temperature drift but some PC board assembly precautions are necessary. Normal Output voltage shifts of 100V to 1mV can be expected with Pb-free reflow profiles or wave solder on multi-layer FR4 PC boards. Precautions should be taken to avoid excessive heat or extended exposure to high reflow or wave solder temperatures, this may reduce device initial accuracy. Post-assembly x-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. If x-ray inspection is required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred. If large amounts of shift are observed, it is best to add an X-ray shield consisting of thin zinc (300m) sheeting to allow clear imaging, yet block x-ray energy that affects the FGA reference.
FN6934.4 May 25, 2010
ISL21080
Special Applications Considerations
In addition to post-assembly examination, there are also other X-ray sources that may affect the FGA reference long term accuracy. Airport screening machines contain X-rays and will have a cumulative effect on the voltage reference output accuracy. Carry-on luggage screening uses low level X-rays and is not a major source of output voltage shift, however, if a product is expected to pass through that type of screening over 100 times, it may need to consider shielding with copper or aluminum. Checked luggage X-rays are higher intensity and can cause output voltage shift in much fewer passes, thus devices expected to go through those machines should definitely consider shielding. Note that just two layers of 1/2 ounce copper planes will reduce the received dose by over 90%. The leadframe for the device which is on the bottom also provides similar shielding. If a device is expected to pass through luggage X-ray machines numerous times, it is advised to mount a 2-layer (minimum) PC board on the top, and along with a ground plane underneath will effectively shield it from from 50 to 100 passes through the machine. Since these machines vary in X-ray dose delivered, it is difficult to produce an accurate maximum pass recommendation.
TABLE 1. EXAMPLE OF BATTERY LIFE IN YEARS FOR ISL21080 IN VARIOUS POWER ON CONDITIONS WITH 1.5A MAX CURRENT BATTERY RATING 50% DUTY (mAH) CONTINUOUS CYCLE 40 225 3 16.3* 6 32.6* 10% DUTY CYCLE 30* 163*
NOTE: *Typical Li-ion battery has a shelf life of up to 10 years.
VIN = +3.0V
10F VIN
0.01F
VOUT ISL21080 GND 0.001F TO 0.01F REF IN SERIAL BUS ENABLE SCK SDAT 12 TO 24-BIT A/D CONVERTER
Nanopower Operation
Reference devices achieve their highest accuracy when powered up continuously, and after initial stabilization has taken place. This drift can be eliminated by leaving the power on continuously. The ISL21080 is the first high precision voltage reference with ultra low power consumption that makes it possible to leave power on continuously in battery operated circuits. The ISL21080 consumes extremely low supply current due to the proprietary FGA technology. Supply current at room temperature is typically 350nA, which is 1 to 2 orders of magnitude lower than competitive devices. Application circuits using battery power will benefit greatly from having an accurate, stable reference, which essentially presents no load to the battery. In particular, battery powered data converter circuits that would normally require the entire circuit to be disabled when not in use can remain powered up between conversions as shown in Figure 37. Data acquisition circuits providing 12 bits to 24 bits of accuracy can operate with the reference device continuously biased with no power penalty, providing the highest accuracy and lowest possible long term drift. Other reference devices consuming higher supply currents will need to be disabled in between conversions to conserve battery capacity. Absolute accuracy will suffer as the device is biased and requires time to settle to its final value, or, may not actually settle to a final value as power on time may be short. Table 1 shows an example of battery life in years for ISL21080 in various power on condition with 1.5A maximum current consumption.
FIGURE 37. REFERENCE INPUT FOR ADC CONVERTER
ISL21080 Used as a Low Cost Precision Current Source
Using an N-JET and a Nanopower voltage reference, ISL21080, a precision, low cost, high impedance current source can be created. The precision of the current source is largely dependent on the tempco and accuracy of the reference. The current setting resistor contributes less than 20% of the error.
Board Mounting Considerations
For applications requiring the highest accuracy, board mounting location should be reviewed. Placing the device in areas subject to slight twisting can cause degradation of the accuracy of the reference voltage due to die stresses. It is normally best to place the device near the edge of a board, or the shortest side, as the axis of bending is most limited at that location. Obviously, mounting the device on flexprint or extremely thin PC material will likewise cause loss of reference accuracy.
15
FN6934.4 May 25, 2010
ISL21080
+8V TO 28V ISET = VOUT
Turn-On Time
The ISL21080 devices have ultra-low supply current and thus, the time to bias-up internal circuitry to final values will be longer than with higher power references. Normal turn-on time is typically 7ms. This is shown in Figure 38. Since devices can vary in supply current down to >300nA, turn-on time can last up to about 12ms. Care should be taken in system design to include this delay before measurements or conversions are started.
RSET IL = ISET + IRSET
VIN 0.01F
VOUT ZOUT > 100M
RSET 10k 0.1% 10ppm/C
ISL21080-1.5 VOUT = 1.5V GND
Temperature Coefficient
The limits stated for temperature coefficient (tempco) are governed by the method of measurement. The overwhelming standard for specifying the temperature drift of a reference, is to measure the reference voltage at two temperatures, take the total variation, (VHIGH VLOW), and divide by the temperature extremes of measurement (THIGH - TLOW). The result is divided by the nominal reference voltage (at T = +25C) and multiplied by 106 to yield ppm/C. This is the "Box" method for specifying temperature coefficient.
400 NOISE VOLTAGE (VP-P) 350 300 250 200 150 100 50 0 1 10 100 1k 10k 100k CL = 0 CL = 0.001F CL = 0.1F CL = 0.01F AND 10F + 2k
ISY ~ 0.31A ISET IL AT 0.1% ACCURACY ~150.3A
FIGURE 38. ISL21080 USED AS A LOW COST PRECISION CURRENT SOURCE
Noise Performance and Reduction
The output noise voltage in a 0.1Hz to 10Hz bandwidth is typically 30VP-P. This is shown in the plot in the "Typical Performance Characteristics Curves" which begin on page 10. The noise measurement is made with a bandpass filter made of a 1 pole high-pass filter with a corner frequency at 0.1Hz and a 2-pole low-pass filter with a corner frequency at 12.6Hz to create a filter with a 9.9Hz bandwidth. Noise in the 10kHz to 1MHz bandwidth is approximately 400VP-P with no capacitance on the output, as shown in Figure 39. These noise measurements are made with a 2 decade bandpass filter made of a 1-pole high-pass filter with a corner frequency at 1/10 of the center frequency and 1-pole low-pass filter with a corner frequency at 10 times the center frequency. Figure 39 also shows the noise in the 10kHz to 1MHz band can be reduced to about 50VP-P using a 0.001F capacitor on the output. Noise in the 1kHz to 100kHz band can be further reduced using a 0.1F capacitor on the output, but noise in the 1Hz to 100Hz band increases due to instability of the very low power amplifier with a 0.1F capacitance load. For load capacitances above 0.001F, the noise reduction network shown in Figure 40 is recommended. This network reduces noise significantly over the full bandwidth. As shown in Figure 39, noise is reduced to less than 40VP-P from 1Hz to 1MHz using this network with a 0.01F capacitor and a 2k resistor in series with a 10F capacitor.
FIGURE 39. NOISE REDUCTION
VIN = 3.0V 10F 0.1F VO ISL21080 GND 0.01F 10F 2k VIN
FIGURE 40. NOISE REDUCTION NETWORK
16
FN6934.4 May 25, 2010
ISL21080
Typical Application Circuits
VIN = 3.0V R = 200 2N2905 VIN ISL21080VOUT GND 2.5V/50mA 0.001F
FIGURE 41. PRECISION 2.5V 50mA REFERENCE
2.7V TO 5.5V 0.1F 10F
VIN VOUT ISL21080 GND
0.001F VCC SDA SCL VSS RL RH + - VOUT (BUFFERED) VOUT
X9119 2-WIRE BUS
FIGURE 42. 2.5V FULL SCALE LOW-DRIFT 10-BIT ADJUSTABLE VOLTAGE SOURCE
2.7V TO 5.5V 0.1F 10F
VIN VOUT ISL21080 GND + - LOAD VOUT SENSE
FIGURE 43. KELVIN SENSED LOAD
17
FN6934.4 May 25, 2010
ISL21080
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have the latest Rev. DATE 5/12/10 4/29/10 REVISION FN6934.4 FN6934.3 CHANGE Changed Theta JA in the "Thermal Information" on page 3 from 170 to 275. Added Theta JC and applicable note. Incorrect Thermal information, needs to be re-evaluated and added at a later date when the final data is available. Removed Theta JC and applicable note from "Thermal Information" on page 3. Corrected y axis label on Figure 9 from "VOUT (V)" to "VOUT (V)" Source/sink for 0.9V option changed from 7mA to 10mA Line regulation condition for 0.9V changed from 2.7V to 2V Line regulation typical for 0.9V option changed from 10 to 30V/V TA in Thermal Hysterisis conditions of 0.9V option changed from 165C to 125C Moved "Board Assembly Considerations" and "Special Applications Considerations" to page 14. Deleted "Handling and Board Mounting" section since "Board Assembly Considerations" on page 14 contains same discussion. Added "Special Note: Post-assembly x-ray inspection may lead to permanent changes in device output voltage and should be minimized or avoided." to "ISL21080" on page 1 Figures 2 and 3 revised to show line regulation and Iin down to 2V. Figures 4 and 5 revised to show Vin down to 2V. Added "Initial accuracy can change 10mV or more under extreme radiation." to Note 8 on page 3. 1. page 3: Change Vin Min from 2.7 to 2.0 2. page 3: Change Iin Typ from 0.31 to 0.35 3. page 3: Change Line Reg Typ from 80 to 10 4. page 3: Change Load Reg Condition from 7mA to 10mA and -7mA to -10mA 5. page 3: Change Load Reg Typ for Source from 25 to 6 and Sink from 50 to 23. 6. page 3: Change Isc Typ from 50 to 30 7. page 3: Change tR from 4 to 1 8. Change Ripple Rejection typ for all options from -30 to -40 9. page 3: Change eN typ from 30 to 40V 10. page 3: Change VN typ from 50 to 10V 11. page 3: Change Noise Density typ from 1.1 to 2.2 12. page 3: Change Long Term Stability from 50 to 60 13. Added Figure 2 to 13 on page 8 to page 10 for 0.9V curves. 14. Added Figure 28 to 34 on page 13 to page 14 for other options Dropout curve. 15. page 1: Change Input Voltage Range for 0.9V option from TBD to 2V to 5.5V 16. Added latch up to "Absolute Maximum Ratings" on page 3 17. Added Junction Temperature to "Thermal Information" on page 3 18. Added JEDEC standards used at the time of testing for "ESD Ratings" on page 3 19. HBM in "Absolute Maximum Ratings" on page 3 changed from 5.5kV to 5kV 20. Added Theta JC and applicable note. Throughout- Converted to new format. Changes made as follows: Moved "Pin Configuration" and "Pin Descriptions" to page 2 Added "Related Literature*(see page 20)" to page 1 Added key selling feature graphic Figure 1 to page 1 Added "Boldface limits apply..." note to common conditions of Electrical Specifications tables on page 3 through page 8. Bolded applicable specs. Added Note 12 to MIN MAX columns of all Electrical Specifications tables. Added ""Environmental Operating Conditions" to page 3 and added Note 4 Added "The process used for these reference devices is a floating gate CMOS process, and the amplifier circuitry uses CMOS transistors for amplifier and output transistor circuitry. While providing excellent accuracy, there are limitations in output noise level and load regulation due to the MOS device characteristics. These limitations are addressed with circuit techniques discussed in other sections." on page 14
4/14/10 4/6/10
4/1/10
3/25/10
18
FN6934.4 May 25, 2010
ISL21080
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have the latest Rev. (Continued) DATE 10/14/09 REVISION FN6934.2 CHANGE 1. Removed "Coming Soon" on page 1 and 2 for -10, -20, -41, and -50 options. 2. Page 1. Moved "ISL21080-50 5.5V to 8.0V" from bullet to sub-bullet. 3. Update package outline drawing P3.064 to most recent revision. Updates to package were to add land pattern and move dimensions from table onto drawing (no change to package dimensions) Converted to new Intersil template. Added Revision History and Products Information. Updated Ordering Information to match Intrepid, numbered all notes and added Moisture Sensitivity Note with links. Moved Pin Descriptions to page 1 to follow pinout Changed in Features Section From: Reference Output Voltage 1.25V, 1.5V, 2.500V, 3.300V To: Reference Output Voltage 0.900V, 1.024V, 1.250V, 1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V, 5.000V From: Initial Accuracy: 1.5V 0.5% To: Initial Accuracy: ISL21080-09 and -10 0.7% ISL21080-12 0.6% ISL21080-15 0.5% ISL21080-20 and -25 0.3% ISL21080-30, -33, -41, and -50 0.2% FROM: Input Voltage Range ISL21080-12 (Coming Soon) 2.7V to 5.5V ISL21080-15 2.7V to 5.5V ISL21080-25 (Coming Soon) 2.7V to 5.5V ISL21080-33 (Coming Soon) 3.5V to 5.5V TO: Input Voltage Range: ISL21080-09, -10, -12, -15, -20, and -25 2.7V to 5.5V ISL21080-09, -10, and 20 (Coming Soon) ISL21080-30 3.2V to 5.5V ISL21080-33 3.5V to 5.5V ISL21080-41 (Coming Soon) 4.5V to 8.0V Added: ISL21080-50 (Coming Soon) 5.5V to 8.0V Output Voltage Noise 30VP-P (0.1Hz to 10Hz) Updated Electrical Spec Tables by Tables with Voltage References 9, 10, 12, 20, 25, 30, 33 and 41. Added to Abs Max Ratings: VIN to GND (ISL21080-41 and 50 only -0.5V to +10V VOUT to GND (10s) (ISL21080-41 and 50 only -0.5V to +5.1V Changed Tja in Thermal information from "202.70" to "170" to match ASYD in Intrepid Added Note: Post-assembly x-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. Most inspection equipment will not affect the FGA reference voltage, but if x-ray inspection is required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred. Added Special Applications Considerations Section on page 12. 07/28/09 FN6934.0 Initial Release.
09/04/09
FN6934.1
19
FN6934.4 May 25, 2010
ISL21080
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks. Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a complete list of Intersil product families. *For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page on intersil.com: ISL21080 To report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff FITs are available from our website at http://rel.intersil.com/reports/search.php
For additional products, see www.intersil.com/product_tree Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 20
FN6934.4 May 25, 2010
ISL21080
Package Outline Drawing
P3.064
3 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE (SOT23-3) Rev 2, 9/09
2.920.12 C L 4 DETAIL "A"
0.130.05
2.370.27 C L 1.300.10 4
0.950 0.4350.065 0.20 M C TOP VIEW 0 - 8 deg.
10 TYP (2 plcs)
0.910.03 1.000.12
0.25 GAUGE PLANE SEATING PLANE C SEATING PLANE 0.10 C
0.013(MIN) 0.100(MAX) SIDE VIEW DETAIL "A"
0.310.10 5
(0.60)
NOTES: (2.15) 1. 2. (1.25) 3. 4. 5. (0.95 typ.) TYPICAL RECOMMENDED LAND PATTERN Reference JEDEC TO-236. Dimension does not include interlead flash or protrusions. Interlead flash or protrusions shall not exceed 0.25mm per side. Footlength is measured at reference to gauge plane. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. Dimensioning and tolerancing conform to AMSEY14.5m-1994.
21
FN6934.4 May 25, 2010


▲Up To Search▲   

 
Price & Availability of ISL2108010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X