Part Number Hot Search : 
LN842RPH 11AT3 NTE1853 M1347 B39162B FS1001FL HE83143 051A1
Product Description
Full Text Search
 

To Download HERF1601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HERF1601 thru HERF1608
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS FEATURES
Low power lose;high efficiency Low forward voltage drop Low thermal resistance High current capability High speed switching High reliability
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 16.0 Amperes ITO-220AC
.138(3.5) .122(3.1) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .118(3.0) .106(2.7)
.406(10.3) .386(9.8)
MECHANICAL DATA
Case: ITO-220AC molded plastic Epoxy: UL94V-0 rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position :Any Weight: 2.24 grams polarity:As marked
.04 MAX (1.0)
.610(15.5) .571(14.5)
.157(4.0) .142(3.6) .059(1.5) .043(1.1) .030(0.76) .020(0.51) .112(2.84) .088(2.24) .571(14.5) .531(13.5) .114(2.9) .098(2.5)
.030(0.76) .020(0.51)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Typical Thermal Resistance Typical Junction Capacitance (Note2) Peak Forward Voltage at 16.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA =75
SYMBOL VRRM VRMS VDC IO
HERF 1601 50 35 50
HERF 1602 100 70 100
HERF 1603 200 140 200
HERF 1604 300 210 300
HERF 1605 400 280 400
HERF 1606 600 420 600
HERF 1607 800 560 800
HERF 1608 1000 700 1000
UNIT V V V A
16.0
IFSM RJA CJ VF IR TRR TJ,TSTG 1.0
300 2.5 80 1.3 10 150 60 -55 to + 150 1.7
A /W pF V A nS
Maximum Reverse Recovery Time(Note1) Operating and Storage Temperature Range NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
~ 128 ~
RATING AND CHARACTERTIC CURVES HERF1601 thru HERF1608
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,(A) 20 1000 16 12 INSTANTANEOUS REVERSE CURRENT(uA) 8 4 0
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD
FIG.2-TYPICAL REVERSE CHARACTERISTICS
TJ=100C 100
0
50
100
150
AMBIENT TEMPERATURE
10
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT,(A) 300 250 200 150 100 50 0 1 2 10 20 5 5 NUMBER OF CYCLES AT 60HZ 50 100
8.3 ms Single Half-Sine-Wave (JEDEC METOD)
TJ=25C 1.0
0.1 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG.4-TYPICAL INSTANTAEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT,(A) 40 20 10 4 2 1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 INSTANTANEOUS FORWARD VOLTAGE, (V)
HERF1604 - HERF1605 HERF1606 - HERF1608 HERF1601 -HERF1603
FIG.5-TYPICAL JUNCTION CAPACITANCE 200 100 JUNCTION CAPACITANCE(pF) 40 20 10 TJ=25C
TJ=25C PULSE WIDTH 300uS 1% DUTY CYCLE
4 2 1 0.1 0.2 0.4 1 2 4 10 20 40 100
REVERSE VOLTAGE,(V)
~ 129 ~


▲Up To Search▲   

 
Price & Availability of HERF1601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X