Part Number Hot Search : 
BD414 MBI20 063AC BUZ88 ELJFC3 LTC1662C SMBYT03 250000
Product Description
Full Text Search
 

To Download FDG6332CF085 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDG6332C_F085 20V N & P-Channel PowerTrench MOSFETs
March 2009
FDG6332C_F085
20V N & P-Channel PowerTrench(R) MOSFETs
Features
* Q1 0.7 A, 20V. RDS(ON) = 300 m @ VGS = 4.5 V RDS(ON) = 400 m @ VGS = 2.5 V * Q2 -0.6 A, -20V. RDS(ON) = 420 m @ VGS = -4.5 V RDS(ON) = 630 m @ VGS = -2.5 V * Low gate charge * High performance trench technology for extremely low RDS(ON) * SC70-6 package: small footprint (51% smaller than SSOT-6); low profile (1mm thick) * Qualified to AEC Q101 * RoHS Compliant
General Description
The N & P-Channel MOSFETs are produced using Fairchild Semiconductor's advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance. These devices have been designed to offer exceptional power dissipation in a very small footprint for applications where the bigger more expensive TSSOP-8 and SSOP-6 packages are impractical.
Applications
* DC/DC converter * Load switch * LCD display inverter
S G D D
Pin 1
1 2 3
Complementary
6 5 4
G S
SC70-6
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD TJ, TSTG Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25 C unless otherwise noted
o
Parameter
Q1
20 12
(Note 1)
Q2
-20 12 -0.6 -2 0.3 -55 to +150
Units
V V A W C
0.7 2.1
Power Dissipation for Single Operation
(Note 1)
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA Thermal Resistance, Junction-to-Ambient
(Note 1)
415
C/W
Package Marking and Ordering Information
Device Marking .32 Device FDG6332C_F085 Reel Size 7'' Tape width 8mm Quantity 3000 units
(c)2009 Fairchild Semiconductor Corporation
FDG6332C_F085 Rev C2 (W)
FDG6332C_F085 20V N & P-Channel PowerTrench MOSFETs
Electrical Characteristics
Symbol Parameter Off Characteristics
BVDSS BVDSS TJ IDSS Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current
TA = 25C unless otherwise noted
Test Conditions
ID = 250 A VGS = 0 V, VGS = 0 V, ID = -250 A ID = 250 A,Ref. to 25C ID = -250 A,Ref. to 25C VDS = 16 V, VGS = 0 V VDS = -16 V, VGS = 0 V VGS = 12 V, VDS = 0 V VGS = 12V , VDS = 0 V VDS = VGS, ID = 250 A VDS = VGS, ID = -250 A ID = 250 A,Ref. To 25C ID = -250 A,Ref. to 25C VGS = 4.5 V, ID =0.7 A VGS = 2.5 V, ID =0.6 A VGS = 4.5 V, ID =0.7A,TJ=125C VGS = -4.5 V, ID = -0.6 A VGS = -2.5 V, ID = -0.5 A VGS=-4.5 V, ID =-0.6 A,TJ=125C VDS = 5 V VDS = -5 V VGS = 4.5 V, ID = 0.7 A ID = -0.6A VDS = 5 V Q1 Q2 Q1 Q2 Q1 Q2
Min
20 -20
Typ
Max Units
V
14 -14 1 -1 100 100
mV/C A nA nA
IGSSF /IGSSR Gate-Body Leakage, Forward IGSSF /IGSSR Gate-Body Leakage, Reverse
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
(Note 2)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance
Q1 Q2 Q1 Q2 Q1
0.6 -0.6
1.1 -1.2 -2.8 3 180 293 247 300 470 400 2.8 1.8
1.5 -1.5
V mV/C
300 400 442 420 630 700
m
Q2
gFS ID(on)
Forward Transconductance On-State Drain Current
Q1 Q2 Q1 Q2
S A
1 -2
VGS = -4.5 V, VDS = -5 V
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Q1 Q2 Q1 Q2 Reverse Transfer Capacitance Q1 Q2 VDS=10 V, V GS= 0 V, f=1.0MHz VDS=-10 V, V GS= 0 V, f=1.0MHz VDS=10 V, V GS= 0 V, f=1.0MHz VDS=-10 V, V GS= 0 V, f=1.0MHz VDS=10 V, V GS= 0 V, f=1.0MHz VDS=-10 V, V GS= 0 V, f=1.0MHz 113 114 34 24 16 9 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
(Note 2)
Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2 Q1 Q2
For Q1: VDS =10 V, VGS= 4.5 V,
5 I D= 1 A RGEN = 6 5.5 7 14 9 6 1.5 1.7 1.1 I D= 0.7 A RGEN = 6 I D= -0.6 A RGEN = 6 1.4 0.24 0.3 0.3 0.4
10 11 15 25 18 12 3 3.4 1.5 2
ns ns ns ns nC nC nC
For Q2: VDS =-10 V, I D= -1 A VGS= -4.5 V, RGEN = 6
For Q1: VDS =10 V, VGS= 4.5 V, For Q2: VDS =-10 V, VGS= -4.5 V,
FDG6332C_F085 Rev C2 (W)
FDG6332C_F085 20V N & P-Channel PowerTrench MOSFETs
Electrical Characteristics
Symbol
IS VSD
TA = 25C unless otherwise noted
Parameter
Test Conditions
Q1 Q2
(Note 2) (Note 2)
Min
Typ
Max Units
0.25 -0.25 A V
Drain-Source Diode Characteristics and Maximum Ratings
Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Q1 Q2 VGS = 0 V, IS = 0.25 A VGS = 0 V, IS = -0.25 A
0.74 -0.77
1.2 -1.2
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RJA is determined by the user's board design. RJA = 415C/W when mounted on a minimum pad of FR-4 PCB in a still air environment.
2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%
FDG6332C_F085 Rev C2 (W)
FDG6332C_F085 20V N & P-Channel PowerTrench MOSFETs
Typical Characteristics: N-Channel
4 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE VGS=4.5V ID, DRAIN CURRENT (A) 3.5V 3 2.5V 3.0V
1.8
1.6 VGS = 2.5V 1.4 3.0V 3.5V 4.0V 1 4.5V
2
1.2
2.0V 1
0 0 1 2 3 4 VDS, DRAIN-SOURCE VOLTAGE (V)
0.8 0 1 2 I D, DRAIN CURRENT (A) 3 4
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.8 RDS(ON), ON-RESISTANCE (OHM)
1.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE ID =0.7A VGS = 4.5V 1.4
ID =0.4A
0.6
1.2
TA = 125oC
0.4
1
TA = 25 C
0.2
o
0.8
0.6 -50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (oC)
0 1 2 3 4 5 VGS , GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
2.5
o
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
10 IS, REVERSE DRAIN CURRENT (A)
VGS = 0V
VDS = 5V I D, DRAIN CURRENT (A) 2
TA = -55 C
25oC 125oC
1
TA = 125oC 25 oC -55oC
1.5
0.1
1
0.01
0.5
0.001
0 0.5 1 1.5 2 2.5 3 VGS, GATE TO SOURCE VOLTAGE (V)
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDG6332C_F085 Rev C2 (W)
FDG6332C_F085 20V N & P-Channel PowerTrench MOSFETs
Typical Characteristics: N-Channel
5 VGS, GATE-SOURCE VOLTAGE (V) ID = 0.7A 4 CAPACITANCE (pF) 15V 3 VDS = 5V 10V
200 f = 1MHz VGS = 0 V 150 CISS 100
2
COSS 50
1 CRSS 0 0 0.4 0.8 Qg , GATE CHARGE (nC) 1.2 1.6 0 0 5 10 15 20 VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
10
P(pk), PEAK TRANSIENT POWER (W) 10
Figure 8. Capacitance Characteristics.
ID, DRAIN CURRENT (A)
RDS(ON) LIMIT
100s 1ms 10ms 100ms 1s
8
SINGLE PULSE RJA = 415C/W TA = 25C
1
6
0.1
VGS = 4.5V SINGLE PULSE RJA = 415oC/W TA = 25oC
DC
4
2
0.01 0.1 1 10 100 VDS, DRAIN-SOURCE VOLTAGE (V)
0 0.001
0.01
0.1
1
10
100
t 1, TIME (sec)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
FDG6332C_F085 Rev C2 (W)
FDG6332C_F085 20V N & P-Channel PowerTrench MOSFETs
Typical Characteristics: P-Channel
2
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = -4.5V -3.5V -ID, DRAIN CURRENT (A) 1.6
1.8
-3.0V -2.5V VGS = -2.5V
1.6
1.2
1.4
-3.0V
0.8 -2.0V 0.4
1.2
-3.5V -4.0V -4.5V
1
0 0 1 2 3 4 -VDS, DRAIN-SOURCE VOLTAGE (V)
0.8 0 0.5 1 -ID, DRAIN CURRENT (A) 1.5 2
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with Drain Current and Gate Voltage.
1.2 RDS(ON), ON-RESISTANCE (OHM)
1.4 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.3 1.2 1.1 1 0.9 0.8 0.7 -50 -25 0 25 50 75 100 125 150
o TJ, JUNCTION TEMPERATURE ( C)
ID = -0.6A VGS = -4.5V
ID = -0.3 A 1
0.8 TA = 125 C 0.6 TA = 25o C 0.4
o
0.2 1 2 3 4 5 -VGS, GATE TO SOURCE VOLTAGE (V)
Figure 13. On-Resistance Variation with Temperature.
2 -IS, REVERSE DRAIN CURRENT (A) VDS = -5V -ID, DRAIN CURRENT (A) 1.5 TA = -55 oC 25oC 125 C
o
Figure 14. On-Resistance Variation with Gate-to-Source Voltage.
10 VGS = 0V 1 TA = 125 C 0.1 25 C 0.01 -55oC
o o
1
0.5
0.001
0 0.5 1 1.5 2 2.5 3 -VGS, GATE TO SOURCE VOLTAGE (V)
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 -VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 15. Transfer Characteristics.
Figure 16. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDG6332C_F085 Rev C2 (W)
FDG6332C_F085 20V N & P-Channel PowerTrench MOSFETs
Typical Characteristics: P-Channel
5 -VGS, GATE-SOURCE VOLTAGE (V) ID = -0.6A 4
CAPACITANCE (pF)
160
VDS = -5V
-10V -15V
120 CISS
f = 1MHz VGS = 0 V
3
80 COSS 40
2
1
CRSS
0 0 0.3 0.6 0.9 1.2 1.5 1.8 Qg, GATE CHARGE (nC)
0 0 5 10 15 20 -V DS, DRAIN TO SOURCE VOLTAGE (V)
Figure 17. Gate Charge Characteristics.
10
Figure 18. Capacitance Characteristics.
10 SINGLE PULSE o RJA = 415 C/W TA = 25 C
o
-ID, DRAIN CURRENT (A)
RDS(ON) LIMIT
100s 1ms
8
1
10ms 100ms 1s
POWER (W) 100
6
0.1
VGS = -4.5V SINGLE PULSE RJA = 415 oC/W TA = 25oC
DC
4
2
0.01 0.1 1 10 -VDS, DRAIN-SOURCE VOLTAGE (V)
0 0.001
0.01
0.1
1
10
100
SINGLE PULSE TIME (SEC)
Figure 19. Maximum Safe Operating Area.
Figure 20. Single Pulse Maximum Power Dissipation.
1
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE D = 0.5 0.2
RJA(t) = r(t) * RJA RJA = 415 C/W P(pk) t1 t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.1
0.1 0.05 0.02 0.01
0.01
SINGLE PULSE
0.001 0.0001
0.001
0.01
0.1
t1, TIME (sec)
1
10
100
Figure 21. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1. Transient thermal response will change depending on the circuit board design.
FDG6332C_F085 Rev C2 (W)
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Auto-SPMTM Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM* TM*
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FETBenchTM FlashWriter(R)* FPSTM
F-PFSTM FRFET(R) SM Global Power Resource Green FPSTM Green FPSTM e-SeriesTM GmaxTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PowerTrench PowerXSTM Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM TM Saving our world, 1mW/W/kW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SupreMOSTM SyncFETTM Sync-LockTM (R) *
(R)
The Power Franchise
(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM TriFault DetectTM TRUECURRENTTM* SerDesTM
PDP SPMTM Power-SPMTM
UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM XSTM
* Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I40
(c) 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDG6332CF085

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X