Part Number Hot Search : 
4GBU005 1008F GL450 0M25V1 MA2Z377 HT27C512 2N605 TIP9013
Product Description
Full Text Search
 

To Download EPR1536SE-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T1/E1/ CEPT Quad Port Transformer
ELECTRONICS INC.
EPR1536SE & EPR1536SE-RC
* Designed for Level One LXT 332 Chip Set * Robust construction allows IR/VP reflow processes * Add "-RC" after part number for RoHS Compliant * Operating Temperature : -40C to +85C * Isolation : 1500 Vrms
Electrical Parameters @ 25 C
Primary Inductance (mH Min.) @ 100 KHz, 0.1 Vrms 1.2 Leakage Inductance (H Max.) @ 100 KHz, 0.1 Vrms @ Pri. w/ Sec. shorted 0.5 Interwinding Capacitance (pF Max.) @ 100 KHz, 0.1 Vrms Pri. to Sec. 35 15 1.0 1.0 Return Loss (dB Min.) @ 1-5 MHz DCR ( Max.) Xmit Rcv Turns Ratio ( 2%) Xmit Pri.:Sec. 1:2 Rcv Pri.:Sec. 1:2CT
* Pri. OCL is 600 H min. @ -40C *
Package
1.120 (28.45) .085 (2.16) PCA EPR1536SE(-RC) Date Code .050 (1.27) Xmit1 .090 (2.29) Sec 40 . 39
Schematic
Rcv1 Pri. 38 36 Rcv2 Pri. 35 33 Xmit2 Sec. 32 31
.480 (12.19)
40 21 .670 Solder Pad Layout (17.02) 1 20 1 2 Pri. 3 4 5 Sec. Rcv3 Pri. 28 26 6 7 8 Sec. Rcv4 Pri. 25 23 9 10 Pri. Xmit4 Sec. 22 21
.950 (24.13) .260 (6.60) .050 (1.27) .010/.015 (.254/.381) 0-8
.030 (.762) .008/.012 (.203/.305)
Xmit3 Sec. 30 29
.016/.022 (.406/.559)
.035 (.889) .600 (15.24) 11 12 13 14 15 Pri. Sec. 16 17 18 19 20 Pri. Sec.
Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight 5. Packaging Information (*Add "TR" to end of part number when placing order) (Tube) (Tape & Reel)
EPR1536SE SnPb 225C
(168 Hours, 30C/60%RH)
EPR1532S-RC Matte Tin 260C
(72 Hours, 30C/60%RH)
MSL = 3
MSL = 4
TBD grams TBD pieces/tube TBD pieces/13" reel
(*EPR1532S-TR)
TBD grams TBD pieces/tube TBD pieces/13" reel
(*EPR1532S-RCTR)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSR1536SE & -RC Rev. 1 3/6/06 JDG
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPR1536SE-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X