Part Number Hot Search : 
SL4558N VB027 060NTR TEA5640 DDTC1 HA456 24121 24121
Product Description
Full Text Search
 

To Download EPI100452A38HM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thru-Hole Power Inductor
ELECTRONICS INC.
EPI A38HM Series
* Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor * Also suitable for use in high quality filter applications * UL 1446 Class B Insulation System * UL 94V-0 Recognized Material * In Header Mount Package * Low Cost Inductor
Primary Specification
Part Number EPI100452A38HM EPI200322A38HM
Induct. (H 20%) @ 0 Adc 9.6 19.6
Induct. (H 15%) @ I Sat 6.7 13.5
DCR ( Typ.) .014 .032
Idc (mA) 4700 3200
I Sat (mA) 4500 3200
Core Loss @ Vt (mW) 32.3 32.3
Vt (V-Sec.) @ 100 KHz 6.6 9.4
Energy (J) @ I Sat 67.1 69
Temp. Rise @ Idc (C) 35 39
* Switching Frequency : Up to 500 KHz *
Schematic
1 3
Package A38HM
.535 Max. (13.60)
2 3
.449 Max. (11.40)
1 4
.425 (10.80) .425 (10.80) Marking: PCA Inductance Value .449 Max. (11.40) .295 (7.50)
.150 .039 (3.80 1.00) .020 O (.500) .027 O (.700)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSIXXXXXXA38HM Rev. 11/19/02
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPI100452A38HM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X