Part Number Hot Search : 
AN3385NK LM358G NTE150 B100B FP7171 S3N90 IRFR410 CN024D05
Product Description
Full Text Search
 

To Download EPF8063S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONICS INC.
10/100 Base-X Module for AMD AM79C875 Multi-Port Applications EPF8063S
* Significantly improved common mode attenuation * * Guaranteed to operate with 8 mA DC bias at 70C * * Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards *
Electrical Parameters @ 25 C
OCL @ 70C 100 KHz, 0.1 Vrms 8 mA DC Bias Media Side 350H * Insertion Loss (dB Max.) 0.1-80 MHz 100 MHz 150 MHz 1-30 MHz Return Loss (dB Min.) 60 MHz 100 MHz Common Mode Rejection (dB Min.) 30-100 MHz 200 MHz 300 MHz 500 MHz Crossta (dB Min 0.1-10 MHz
Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv -1 -1 -1.5 -1.5 -3 -3 -18 -18 -18 -18 -10 -10 -30 -15 -15 -10 -10 -5 -10 ---35
Isolation : 1500 Vrms *
Impedance : 100 * Rise Time : 3.0 nS Max. * Shared choke for both TX and RCV * Transmit 1CT:1CT
37
Receive 1:1
Schematic
6 27 1:1
Receive 11 25
1
35
Transmit 1CT:1CT
16
36
2 3 1CT:1CT
34 33 1:1 32
7 8
26
12 13 1CT:1CT
24 23 1:1 22
17 18 19
40
4
9
30
14
39 38 Transmit
5
31 Receive
10
29 28 Transmit
15
21 Receive
20
Package
A (J) N P Dim. A B C D E F G H I (J) K L M N P Q Min. 1.110 .475 .215 .940 .005 .046 .620 .017 .010 .085 0 .030
Dimensions
(Inches) Max. Nom. 1.13 .485 .225 .960 .015 .054 .640 .021 Typ. Typ. 8 .040 .030 .050 .080 .645 Min. 28.19 12.06 5.46 23.88 .127 1.17 15.75 .432 .254 2.16 0 .762 (millimeters) Max. No 28.70 12.32 5.72 24.38 .381 1.37 16.26 .533 Typ. Typ. 8 1.02 .76 1.2 2.0 16.
PCA EPF8063S Date Code
40 B Q 1 Solder Pad Layout
21 20
D E C F H
M
K
I
L G
PCA ELECTRONICS INC
CSF8063Sa Rev 2 8/12/97
TEL: (818) 892-07


▲Up To Search▲   

 
Price & Availability of EPF8063S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X