Part Number Hot Search : 
SI4876DY A43L8316 MAX20 18629137 2N411 VPM06 D78096 SMB30
Product Description
Full Text Search
 

To Download EPE6386G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10Base-T Interface Module
ELECTRONICS INC.
EPE6386G
* Designed for SitePlayer * 1500 Vrms Isolation * Available in SMD and DIP Packages * Complies with or exceeds IEEE 802.3, 10Base-T Requirements
Electrical Parameters @ 25 C
Cut-Off Frequency (MHz) Typ. Xmit/Rcv 17/17 Insertion Loss (dB Max.) 1-10 MHz Xmit/Rcv -1/-1 Return Loss (dB Min.) 5-10 MHz Xmit/Rcv -17/-17 @ 20 MHz Xmit/Rcv -7/-5 Attenuation (dB Min.) @ 25 MHz Xmit/Rcv -15/-11 @ 30 MHz Xmit/Rcv -30/-25 @ 40 MHz Xmit/Rcv -35/-30 @ 50 MHz Xmit/Rcv -30/-30 Common Mode Rejection (dB Min.) @ 100 MHz Xmit/Rcv -30/-30 @ 200 MHz Xmit/Rcv -20/-20 Crosstalk (dB Min.) 1-10 MHz Xmit/Rcv -30/-30
* Cable Side Impedance : 100 *
Schematic
Transmit Channel 1 Chip Side 3 2 LPF 16 Cable Side 14 15 6 Chip Side 8 LPF 7 Receive Channel 11 Cable Side 9 10
Package
.990 (25.15) .145 (3.68) Pin 1 I.D. PCA EPE6386G Date Code .700 (17.78) .005/.015 (.127/.381) .270 (6.86) .030 (.762) .440 (11.18) Pad Layout .100 (2.54)
.055 (1.40)
.300 (7.62) .008/.012 (.203/.305)
.265 (6.73)
0-8
.100 (2.54) .017/.023 (.432/.584) .300 (7.62)
.040 (1.02) .400 (10.16)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSE6386G Rev. 1 1/28/03
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPE6386G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X