Part Number Hot Search : 
A12APAB Z5234 D1762 VS2TSF UFT800J 13SG1C LPHV004 FX203LG
Product Description
Full Text Search
 

To Download EPE6367G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10Base-T PCMCIA Card Module with Enhanced CMA
ELECTRONICS INC.
EPE6367G
* General Purpose 10-Base T Filter * * Robust construction withstands IR/VP processes * * Complies with or exceeds IEEE 802.3, 10Base-T Requirements *
Electrical Parameters @ 25 C
Cut-off Frequency (MHz) 1.0 MHz Xmit 17 Rcv 17 Insertion Loss (dB Max.) 1-10 MHz Xmit -1 Rcv -1 * Return Loss (dB Min.) 5-10 MHz Xmit -18 Rcv -18 @ 20 MHz Xmit -7 Rcv -5 Attenuation (dB Min.) Common Mode Rejection (dB Min.) @ 40 MHz Xmit -35 Rcv -26 @ 50 MHz Xmit -30 Rcv -30 @ 100 MHz Xmit -30 Rcv -30 @ 200 MHz Xmit -20 Rcv -20 Crosstalk (dB Min.)
@ 25 MHz Xmit -18 Rcv -11
@ 30 MHz Xmit -30 Rcv -18
@ 1-10 MHz Xmit -30 Rcv -30
Isolation : meets or exceeds 802.3 IEEE Requirements * Characteristic Filter Impedance : 100 * * Referenced to the filter output @ 5 MHz for filter only *
Receive Channel 10 5 LPF 7 1:1 Chip Side 8 9
Schematic
Chip Side 1 LPF 3
Transmit Channel Media Side 14
1:1
13 12
Media Side
Package
A J
Pin 1 I.D. PCA EPE6367G Date Code Dim. Min. .780 .510 .074 .595 .003 .097 .660 .017 .008 .090 0 .025 ---------
Dimensions
(Inches) Max. Nom. .800 .530 .084 .605 .010 .103 .680 .022 .013 .100 8 .045 --------.790 .520 .079 .600 .005 .100 .670 .020 .011 .095 4 .040 .030 .200 .085 .700 (Millimeters) Min. Max. Nom. 19.81 12.96 1.88 15.11 .008 2.46 16.76 .432 .203 2.16 0 .635 --------20.32 13.46 2.13 15.37 .254 2.62 17.27 .559 .330 2.67 8 1.14 --------20.07 13.21 2.01 15.24 .127 2.54 17.02 .508 2.79 2.41 4 1.02 .762 5.08 2.16 17.78
N
B
Q
Pad Layout
P
D E C
M K L I
A B C D E F G H I J K L M N P Q
H
F
G
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSE6367G
Rev. -
9/15/99
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com
10 Base-T PCMCIA Card Module with Enhanced CMA
ELECTRONICS INC.
EPE6367G
The circuit below is a guideline for interconnecting PCA's EPE6367G with transceiver chip as a reference controller. Further details of system design, such as chip pin-out, etc. can be obtained from the specific chip manufacturer. Typical insertion loss of the isolation transformer/filter is 0.7dB. This parameter covers the entire spectrum of the encoded signals in 10 Base-T protocols. The phantom resistors shown around the RJ45 connector have been known to suppress unwanted radiation that unused wires pick up from the immediate environment. Their placement and use are to be considered carefully before a design is finalized. It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit the plane off at least 0.08 inches away from the chip side pins of EPE6367G. There need not be any ground plane beyond this point. For best results, PCB designer should design the outgoing traces preferably to be 50, balanced and well coupled to achieve minimum radiation from these traces.
Typical Application Circuit for UTP PC Card
R1 TX+ R2 TXd1 14 13 3 9 8 RX+ R5 R6 7 5 1 2 3 6 TX+ TXRX+ RX4 5 7 8
Transceiver PHY Card
TXTXd+
R3 R4
RJ45*
RX-
EPE6367G
12 10 Chassis Ground
Notes : * Pin-outs shown are for NIC configurations.
PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSE6367Gb Rev. -
9/15/99
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPE6367G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X