Part Number Hot Search : 
LF2805A BS250F Y7C43 HC1G0 VDL1014 PCA9550D AN10981 MBCR10
Product Description
Full Text Search
 

To Download EETLD2G331DJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitors/ MD Snap-in Type
Series:
MD
Type:
TS
Endurance: 105 C 2000h Improved safety for DC overvoltage RoHS directive compliant
Features
Specifications
Category Temp. Range Rated W.V. Range Nominal Cap. Range Capacitance Tolerance -40 C to +105 C 200 V.DC 220 F to 1500 F -25 C to +105 C 400 V.DC 56 F to 470 F
20 % (120 Hz/+20 C) CV (A) max. (200 W.V.), 3 CV (A) max. (400 W.V.) After 5 minutes DC Leakage Current application of rated working voltage at 20 C C : Capacitance (F) V: W.V. (V.DC) tan Please see the attached standard products list. Frequency (Hz) 50 60 100 120 500 1k 10 k to Frequency Correction Factor for Ripple Current Correction Factor 0.75 0.80 0.95 1.00 1.20 1.25 1.40 After 2000 hours application of DC voltage with specified ripple current (< rated DC working voltage) at +105 C2 C, the capacitors shall meet the following limits. Endurance Capacitance change < 20 % of initial measured value tan < 200 % of initial specified value DC leakage current < initial specified value After storage for 1000 hours at +105 C2 C within no voltage applied and then being stabilized Shelf Life at +20 C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) Vent may work to prevent short circuit of fire under the following condition. Condition Cap. R.W.V. (F) Current DC V. 220 to 270 4A Overvoltage 200 V 330 to 390 5A DC 375 V Condition 470 to 1500 7A 56 to 82 2A 400 V DC 600 V 100 to 180 4A 220 to 470 7A
Dimensions in mm (not to scale)
Polarity bar Sleeve
(1 0.0
(mm)
2-2.00.1
) 10 .0 0.1
D+1.0 max.
Vent
L+2.0 max. Rated voltage etc. indicate to sleeve.
4.00.5
(D) Recommended PWB piercing plan
0.8 -0.1
(3.5)
4.00.5
+0.2
2.0 max.
Terminal (t=0.8)
1.50.2
Top of spin
Standard terminal type does not require terminal trimming process.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008
Aluminum Electrolytic Capacitors/ MD
Standard Products
Case size W.V. Cap. (120 Hz) (20 %) (F) 220 270 330 390 Dia. (mm) 22 22 22 25 22 25 30 22 25 30 22 25 30 35 25 30 35 25 30 35 30 35 30 35 35 22 22 22 25 22 25 30 22 25 30 22 25 30 35 25 30 35 25 30 35 30 35 30 35 35 35 Length (mm) 25 30 30 25 35 30 25 40 30 25 45 35 30 25 40 30 25 45 35 30 45 30 45 35 45 25 30 30 25 35 30 25 40 30 25 45 35 30 25 40 30 25 45 35 30 40 30 45 35 40 45 Part No. PET sleeve Terminal Length 4.0 mm (Without Top Plate) EETLD2D221BJ EETLD2D271BJ EETLD2D331BJ EETLD2D331CJ EETLD2D391BJ EETLD2D391CJ EETLD2D391DJ EETLD2D471BJ EETLD2D471CJ EETLD2D471DJ EETLD2D561BJ EETLD2D561CJ EETLD2D561DJ EETLD2D561EJ EETLD2D681CJ EETLD2D681DJ EETLD2D681EJ EETLD2D821CJ EETLD2D821DJ EETLD2D821EJ EETLD2D102DJ EETLD2D102EJ EETLD2D122DJ EETLD2D122EJ EETLD2D152EJ EETLD2G560BJ EETLD2G680BJ EETLD2G820BJ EETLD2G820CJ EETLD2G101BJ EETLD2G101CJ EETLD2G101DJ EETLD2G121BJ EETLD2G121CJ EETLD2G121DJ EETLD2G151BJ EETLD2G151CJ EETLD2G151DJ EETLD2G151EJ EETLD2G181CJ EETLD2G181DJ EETLD2G181EJ EETLD2G221CJ EETLD2G221DJ EETLD2G221EJ EETLD2G271DJ EETLD2G271EJ EETLD2G331DJ EETLD2G331EJ EETLD2G391EJ EETLD2G471EJ Specification Ripple tan Current (120 Hz) (120 Hz) (+20 C) (+105 C) max. (A r.m.s.) 1.00 0.15 1.10 0.15 1.20 0.15 1.20 0.15 1.35 0.15 1.35 0.15 1.35 0.15 1.45 0.15 1.45 0.15 1.45 0.15 1.60 0.15 1.60 0.15 1.60 0.15 1.60 0.15 1.75 0.15 1.75 0.15 1.75 0.15 2.11 0.15 2.11 0.15 2.11 0.15 2.40 0.15 2.40 0.15 2.65 0.15 2.65 0.15 3.08 0.15 0.45 0.15 0.51 0.15 0.58 0.15 0.58 0.15 0.66 0.15 0.66 0.15 0.66 0.15 0.78 0.15 0.78 0.15 0.78 0.15 0.85 0.15 0.85 0.15 0.85 0.15 0.85 0.15 0.95 0.15 0.95 0.15 0.95 0.15 1.24 0.15 1.24 0.15 1.24 0.15 1.30 0.15 1.30 0.15 1.47 0.15 1.47 0.15 1.59 0.15 1.87 0.15 Min. Packaging Q'ty
(V. DC)
470
200
560
680
820 1000 1200 1500 56 68 82 100
120
150 400 180
220 270 330 390 470
(pcs) 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 200 100 200 100 100 100 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 100 200 100 200 100 100 100 100
Endurance : 105 C 2000 h, Terminal Pitch : 10 mm When capacitors of 35x45L and 35x50L are mounted on PWB, reinforce them with mounting clamp or adhesives. (Avoid using adhesives including halogenated compositions.)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
Jul. 2008


▲Up To Search▲   

 
Price & Availability of EETLD2G331DJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X