Part Number Hot Search : 
HV5812 60001 M54610P CA310 10ELT M24C08 MZP4733 TM7207PM
Product Description
Full Text Search
 

To Download ECEG2CH392K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum Electrolytic Capacitors/GH
Screw Terminal Type
Series:GH s Features Endurance : 85C 2000 h High-ripple-current product s Specifications
Category temp. range Rated W.V. Range Nominal Cap. Range Capacitance Tolerance DC Leakage Current Dissipation Factor 3OCV
Discontinued
Japan U.S.A. -25 to + 85C 160 to 450 V .DC
220 to 18000 F -10 to +30% (120Hz/+20C) (A) max. after 5 minutes application of rated working voltage at +20C C:Capacitance(F) V: W.V. (V.DC)
Please see the attached standard products list After 2000 hours application of DC voltage with specified ripple current (< rated DC working voltage ) at +85C, the capacitor shall meet the following limits.
Endurance
Shelf Life
Capacitance change 20% of initial measured value D.F. < 150 % of initial specified value DC leakage current < initial specified value After storage for 1000hours at +852 C with no voltage applied and then being stabilized at +20 C, capacitors shall meet the limits specified in "Endurance".(With voltage treatment)
s Frequency Correction Factor for Ripple Current
W.V.(V)
D(mm)
Freq.(Hz)
160, 200 250, 350 400, 450
36 51, 64 77, 90 36 51, 64 77, 90 36 54, 64 77, 90
50 0.80 0.86 0.90 0.71 0.83 0.85 0.65 0.81 0.85
60 0.86 0.91 0.95 0.79 0.88 0.90 0.74 0.87 0.90
120 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
300 1.07 1.05 1.05 1.09 1.07 1.05 1.09 1.07 1.05
360 1.08 1.06 1.06 1.10 1.08 1.06 1.10 1.08 1.06
1k 1.12 1.08 1.08 1.15 1.13 1.11 1.16 1.13 1.11
10k to 1.17 1.10 1.10 1.21 1.20 1.20 1.22 1.21 1.20
s Dimensions in mm(not to scale)
P .V.C. sleeve
M5x12 Hexagonal-bolt
Vent D 36 51 64 77 90 F 13.0 22.0 28.6 31.8 31.8
D1
L+4 max
9 max
s Mounting clamp
Type 1; 36
59 max 481
F1.0
Type 2
35
14
H
Type 3
8.4 16 C E
120
2 D
1 D
6
2-3.5x7 441 B A
26
x ma
45
10
W1
W2
12 0
5
(mm) D 51 64 77 A B C 80.0 68.0 57.5 93.0 81.0 70.0 104.5 93.5 90.0 E 4.4 5.0 5.0 H max 13 13 13 D 51 64 77 90 D1 D2 65.0 74.0 76.0 86.0 89.0 100.0 101.6 113.0 W1 9.0 8.0 8.0 8.0
(mm) W2 14.0 13.0 14.0 14.0
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and /or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. Mar. 2005
30
N EE181 N
Aluminium Electrolytic Capacitors/GH
s
Standard Products
Case size W.V. (V) Cap.
(-10 to +30%) Dia. Length
Specification
Discontinued
Terminal Pitch (mm)
(F) 1500 1800 2200 2700 3900 4700
(mm) 36 36 36 51 51 51 51 64 64 64 77 77 90 36 36 36 51 51 51 51 64 64 64 77 77 90 36 36 36 51 51 51 51 64 64 64 77 77 90 36 36 36
Ripple D.F. current (120Hz) (120Hz) (+85C) (+20C) (mm) (A )
Part No. ( ):Mounting Clamp
No 2point clamp 3 point clamp
83 103 125 83 103 125 145 103 125 145 125 145 150 83 103 125 83 103 125 145 103 125 145 125 145 150 83 103 125 83 103 125 145 103 125 145 125 145 150 83 103 125
4.13 5.00 5.88 6.88 8.75 10.6 12.2 12.2 14.4 16.9 19.4 22.5 31.2 3.63 4.50 5.38 6.25 7.38 9.50 11.2 11.2 13.1 15.6 19.4 22.5 28.1 3.06 3.75 4.38 5.13 6.75 8.13 9.25 9.25 11.0 12.5 16.2 18.7 23.1 2.13 2.56 3.00
0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
13.0 13.0 13.0 22.0 22.0 22.0 22.0 28.6 28.6 28.6 31.8 31.8 31.8 13.0 13.0 13.0 22.0 22.0 22.0 22.0 28.6 28.6 28.6 31.8 31.8 31.8 13.0 13.0 13.0 22.0 22.0 22.0 22.0 28.6 28.6 28.6 31.8 31.8 31.8 13.0 13.0 13.0
ECEG2CH152P( ) ECEG2CH182N( ) ECEG2CH222M( ) ECEG2CH272L( ) ECEG2CH392K( ) ECEG2CH472J( ) ECEG2CH562H( ) ECEG2CH562G( ) ECEG2CH682F( ) ECEG2CH822E( ) ECEG2CH103D( ) ECEG2CH123C( ) ECEG2CH183A( ) ECEG2DH122P( ) ECEG2DH152N( ) ECEG2DH182M( ) ECEG2DH222L( ) ECEG2DH272K( ) ECEG2DH392J( ) ECEG2DH472H( ) ECEG2DH472G( ) ECEG2DH562F( ) ECEG2DH682E( ) ECEG2DH103D( ) ECEG2DH123C( ) ECEG2DH153A( ) ECEG2EH821P( ) ECEG2EH102N( ) ECEG2EH122M( ) ECEG2EH152L( ) ECEG2EH222K( ) ECEG2EH272J( ) ECEG2EH332H( ) ECEG2EH332G( ) ECEG2EH392F( ) ECEG2EH472E( ) ECEG2EH682D( ) ECEG2EH822C( ) ECEG2EH103A( ) ECEG2VH391P( ) ECEG2VH471N( ) ECEG2VH561M( )
N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N
F F F C C C C C C C C C F F F C C C C C C C C C F F F C C C C C C C C C F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F F
160
5600 6800 8200 10000 12000 18000 1200 1500 1800 2200 2700 3900
200
4700 5600 6800 10000 12000 15000 820 1000 1200 1500 2200 2700
250
3300 3900 4700 6800 8200 10000 390
350
470 560
Endurance : 85C 2000h
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. Mar. 2005
- EE182 -
s
Standard Products
Case size W.V. (V) Cap.
(-10 to +30%) Dia. Length
Discontinued
Specification
Ripple D.F. current (120Hz) (120Hz) (+85C) (+20C) (mm) (A ) Terminal Pitch (mm)
Aluminium Electrolytic Capacitors/GH
Part No. ( ):Mounting Clamp
No 2point clamp 3 point clamp
(F) 820 1000 1200
(mm) 51 51 51 51 64 64 64 77 77 90 36 36 36 51 51 51 51 64 64 64 77 77 90 36 36 36 51 51 51 51 64 64 64 77 77 90
83 103 125 145 103 125 145 125 145 150 83 103 125 83 103 125 145 103 125 145 125 145 150 83 103 125 83 103 125 145 103 125 145 125 145 150
3.75 4.50 5.38 5.75 6.50 7.63 8.75 11.2 13.1 17.5 1.75 2.31 2.75 3.13 4.13 4.88 5.75 5.75 6.88 8.00 10.2 12.0 14.4 1.63 2.13 2.50 3.13 3.75 4.50 5.25 5.75 6.25 7.25 9.25 10.9 14.4
0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
22.0 22.0 22.0 22.0 28.6 28.6 28.6 31.8 31.8 31.8 13.0 13.0 13.0 22.0 22.0 22.0 22.0 28.6 28.6 28.6 31.8 31.8 31.8 13.0 13.0 13.0 22.0 22.0 22.0 22.0 28.6 28.6 28.6 31.8 31.8 31.8
ECEG2VH821L( ) ECEG2VH102K( ) ECEG2VH122J( ) ECEG2VH122H( ) ECEG2VH152G( ) ECEG2VH182F( ) ECEG2VH222E( ) ECEG2VH332D( ) ECEG2VH392C( ) ECEG2VH562A( ) ECEG2GH271P( ) ECEG2GH391N( ) ECEG2GH471M( ) ECEG2GH561L( ) ECEG2GH821K( ) ECEG2GH102J( ) ECEG2GH122H( ) ECEG2GH122G( ) ECEG2GH152F( ) ECEG2GH182E( ) ECEG2GH272D( ) ECEG2GH332C( ) ECEG2GH392A( ) ECEG2WH221P( ) ECEG2WH331N( ) ECEG2WH391M( ) ECEG2WH561L( ) ECEG2WH681K( ) ECEG2WH821J( ) ECEG2WH102H( ) ECEG2WH122G( ) ECEG2WH122F( ) ECEG2WH152E( ) ECEG2WH222D( ) ECEG2WH272C( ) ECEG2WH392A( )
N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N N
C C C C C C C C C F F F C C C C C C C C C F F F C C C C C C C C C
F F F F F F F F F F
350
1500 1800 2200 3300 3900 5600 270 390 470 560 820 1000
F F F F F F F F F F
400
1200 1500 1800 2700 3300 3900 220 330 390 560 680 820
F F F F F F F F F F
450
1000 1200 1500 2200 2700 3900
Endurance : 85C 2000 h
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
Mar. 2005
- EE183 -


▲Up To Search▲   

 
Price & Availability of ECEG2CH392K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X